Part Number Hot Search : 
STRPBF MA101 FT2000KA 40007 4N65F CLV1225A LA301 FB2022M
Product Description
Full Text Search
 

To Download HPI-14262 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Laser detectors
K DNH OESI
HPI-14262
DIMENSIONS
HPI-14262 is silicon PIN photodiodes for detecting laser beam. HPI-14262 has active areas for tracking on both sides of four segmented photodiodes.
(Unit : mm)
FEATURES
USix segmented photodiodes
APPLICATIONS
UOptical pick up
MAXIMUM RATINGS
Item
Reverse voltage Power dissipation Operating temp. Storage temp. *1 Soldering temp.
(Ta=2...) 5
Symbol
VR PD Topr. Tstg. Tsol.
Rating
30 30 -20~+85 -40~+100 260
Unit
V mW ... ... ...
*1. For MAX.2 seconds at the position of 0.5mm from the package
ELECTRO-OPTICAL CHARACTERISTICS
Item
Open circuit voltage Light current Sensitivity Dark current Capacitance Spectral sensitivity Peak wavelength Half angle
(Ta=2...) 5
Symbol
Vop L I S Id Ct *I *Ip **E
Conditions
EV=1000lx *2 V=1,000lx VR=10V,E *I=680nm p VR=10V VR=10V,f=1MHz
Min.
0.4
Typ.
0.38
(1)0.02 (2)0.1
Max.
Unit.
V *I A A/W nA pF nm nm deg.
0.5
(1)4 (2)6
10
400 1100 800 ae 5 6
*2. Color temp.=2856K standard Tungsten lamp
- 1-
Laser detectors
HPI-14262
Power dissipation Vs. Ambient temperature
Light current Vs. Illuminance
Dark current Vs. Ambient temperature
Relative sensitivity Vs. Wavelength
Dark current Vs. Reverse voltage
Radiant Pattern
Capacitance between terminals Vs. Reverse voltage
- 2-


▲Up To Search▲   

 
Price & Availability of HPI-14262

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X