Part Number Hot Search : 
CSNB2 MB3737 NTE1744 MIC2289C IRG4BC30 1AGIT SP6019D 000MT
Product Description
Full Text Search
 

To Download HAT2044R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HAT2044R
Silicon N Channel Power MOS FET Power Switching
ADE-208-722A (Z) 2nd Edition February 1999 Features
* * * * Capable of 2.5 V gate drive Low drive current High density mounting Low on-resistance R DS(on) = 6.5 m typ (at VGS = 4.5V)
Outline
SOP-8
8 5 76
56 7 8 DD D D
3 12
4
4 G
1, 2, 3 Source 4 Gate 5, 6, 7, 8 Drain
SSS 123
HAT2044R
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Note: Symbol VDSS VGSS ID I D(pulse) I DR Pch Tch Tstg
Note2 Note1
Ratings 30 12 15 120 15 2.5 150 - 55 to + 150
Unit V V A A A W C C
1. PW 10 s, duty cycle 1% 2. When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW 10s
Electrical Characteristics (Ta = 25C)
Item Symbol Min 30 -- -- 0.4 -- -- -- 24 -- -- -- -- -- -- -- -- -- -- -- -- Typ -- -- -- -- 6.5 7.0 9.0 40 3420 950 480 48 32 16 45 285 470 360 0.85 45 Max -- 0.1 1 1.4 9.0 9.5 13.0 -- -- -- -- -- -- -- -- -- -- -- 1.1 -- Unit V A A V m m m S pF pF pF nc nc nc ns ns ns ns V ns IF = 15 A, VGS = 0 Note3 IF = 15 A, VGS = 0 diF/ dt = 20 A/ s Test Conditions I D = 10 mA, VGS = 0 VGS = 12 V, VDS = 0 VDS = 30 V, VGS = 0 VDS = 10 V, I D = 1 mA I D = 8 A, VGS = 4.5 V Note3 I D = 8 A, VGS = 4.0 V Note3 I D = 8 A, VGS = 2.5 V Note3 I D = 8 A, VDS = 10 V Note3 VDS = 10 V VGS = 0 f = 1 MHz VDD = 10 V VGS = 4 V I D = 15 A VGS = 4 V, ID = 8 A VDD 10 V Drain to source breakdown voltage V(BR)DSS Gate to source leak current Zero gate voltege drain current Gate to source cutoff voltage Static drain to source on state resistance I GSS I DSS VGS(off) RDS(on) RDS(on) RDS(on) Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate to source charge Gate to drain charge Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time Note: 3. Pulse test |yfs| Ciss Coss Crss Qg Qgs Qgd t d(on) tr t d(off) tf VDF t rr
2
HAT2044R
Main Characteristics
Power vs. Temperature Derating 4.0
Pch (W) I D (A)
Maximum Safe Operation Area 500
10 s 10 0 s
Test Condition : When using the glass epoxy board (FR4 40x40x1.6 mm), PW < 10 s 3.0
100
PW
Op era tio n(
1m
10
Channel Dissipation
Drain Current
DC
=1
s
0m
2.0
s
1
1.0
0.1
Operation in this area is limited by R DS(on) Ta = 25 C 1 shot Pulse
PW
N < 1 ote 0s 4 )
0
50
100
150 Ta (C)
200
Ambient Temperature
0.01 0.1 0.3 1 3 10 30 100 Drain to Source Voltage V DS (V) Note 4 : When using the glass epoxy board (FR4 40x40x1.6 mm)
Typical Output Characteristics 50 10V 4V
I D (A)
Typical Transfer Characteristics 50 V DS = 10 V Pulse Test
(A) ID Drain Current
Pulse Test
40 2.0 V 30
40
30 25C 20 Tc = 75C -25C
Drain Current
20
VGS = 1.5 V
10
10
0
2 4 6 Drain to Source Voltage
8 10 V DS (V)
0
1 2 3 Gate to Source Voltage
5 4 V GS (V)
3
HAT2044R
Drain to Source Saturation Voltage vs. Gate to Source Voltage
V DS(on) (V)
Pulse Test
0.16
Drain to Source On State Resistance R DS(on) (m )
0.20
Static Drain to Source on State Resistance vs. Drain Current 100 Pulse Test 50 20 10 5 VGS = 4 V 2 1 0.1 0.2 0.5 1 2 5 10 20 50 100 Drain Current I D (A) 4.5 V 2.5 V
Drain to Source Voltage
0.12
0.08
I D = 10 A 5A 2A
0.04
0
2 4 6 Gate to Source Voltage
8 V GS (V)
10
Static Drain to Source on State Resistance R DS(on) (m )
Pulse Test 16 I D = 2 A, 5 A, 10 A 12 2.5 V V GS = 4 V
Forward Transfer Admittance |yfs| (S)
Static Drain to Source on State Resistance vs. Temperature 20
Forward Transfer Admittance vs. Drain Current 100 30 10 3 1 0.3 0.1 0.1 V DS = 10 V Pulse Test 0.3 1 3 10 30 100 25 C Tc = -25 C
75 C
8
2 A, 5 A, 10 A 4.5 V 2 A, 5 A, 10 A
4 0 -40
0 40 80 120 160 Case Temperature Tc (C)
Drain Current I D (A)
4
HAT2044R
Body-Drain Diode Reverse Recovery Time 100
Reverse Recovery Time trr (ns)
Typical Capacitance vs. Drain to Source Voltage 10000 Ciss
Capacitance C (pF)
3000 1000 300 100 30 10 0 10 20 30 VGS = 0 f = 1 MHz 40 50 Coss Crss
50
20 di/dt = 20 A/s VGS = 0, Ta = 25C 5 10 20 I DR (A)
10 0.1 0.2 0.5 1 2 Reverse Drain Current
Drain to Source Voltage V DS (V)
Dynamic Input Characteristics
V DS (V) V GS (V)
50
I D = 15 A V DD = 5 V 10 V 20 V V DS V GS
10
1000 500
Switching Time t (ns)
Switching Characteristics t d(off)
40
8
Drain to Source Voltage
30
6
Gate to Source Voltage
200 100 50 tr
tf
20
4
t d(on) 20 V GS = 4 V, V DS = 10 V RG = 50 , duty < 1 % 10 0.1 0.2 0.5 1 2 5 10 Drain Current I D (A)
10
V DD = 20 V 10 V 5V 20 40 60 80 Gate Charge Qg (nc)
2 0 100
0
20
5
HAT2044R
Reverse Drain Current vs. Souece to Drain Voltage 50 Reverse Drain Current I DR (A)
40 V GS = 0
30 5V
20
10 Pulse Test 0 0.4 0.8 1.2 1.6 2.0 Source to Drain Voltage V SD (V)
Normalized Transient Thermal Impedance vs. Pulse Width 10 Normalized Transient Thermal Impedance s (t)
1
D=1 0.5
0.1
0.2
0.1
0.05
0.01
0.02 0.01
ch - f(t) = s (t) * ch - f ch - f = 83.3 C/W, Ta = 25 C When using the glass epoxy board (FR4 40x40x1.6 mm)
ls pu e
PDM PW T
0.001
1sh ot
D=
PW T
0.0001 10
100
1m
10 m
100 m
1
10
100
1000
10000
Pulse Width PW (S)
6
HAT2044R
Switching Time Test Circuit Vin Monitor D.U.T. RL Vin Vin 4V 50 V DS = 10 V Vout 10% 10% 90% td(on) tr 90% td(off) tf 10% Vout Monitor Switching Time Waveform 90%
7
HAT2044R
Package Dimensions
Unit: mm
5.0 Max 8 5
1
4
4.0 Max
1.75 Max
6.2 Max 0.25 Max
0 - 8 1.27 0.51 Max 0.25 Max 1.27 Max
0.15 0.25 M Hitachi code EIAJ JEDEC FP-8DA -- MS-012AA
8
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.


▲Up To Search▲   

 
Price & Availability of HAT2044R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X