Part Number Hot Search : 
106AS R1080 CFC3852 20000 C1003 106AS 09B12 90020
Product Description
Full Text Search
 

To Download GS01MCBE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K GS Series Sealed Ultraminiature Slide Switches
Features/Benefits * Ultraminiature design saves PCB space * Sealed construction, process compatible
with most PCB wash processes * Available in thru-hole and surface mount * Long life contact design * RoHS compliant
Typical Applications * Computer peripherals &
network products * Test & measurement equipment * Telephone & cable modems
Specifications
Materials
HOUSING & BASE: Glass filled 6/6 or 4/6, flame retardant, heat stabilized (UL 94V-0). ACTUATOR: Polyetherimide PEI (UL 94V-0), with standard internal seal. SWITCH SUPPORT: Brass, matte-tin plated. MOVABLE CONTACT: Copper with gold plate over nickel plate. STATIONARY CONTACTS: Copper alloy, with gold plate over nickel plate. TERMINALS: Copper alloy, with gold plate over nickel plate. TERMINAL SEAL: Epoxy. All terminals insert molded.
NOTE: All models are RoHS compliant and compatible with all options. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
J Slide
CONTACT RATING: 0.4 VA max. @ 20 V AC or DC max. MECHANICAL & ELECTRICAL LIFE: 40,000 make-and-break cycles at full load. CONTACT RESISTANCE: Below 50 m typ. initial @ 2-4 V DC, 100 mA. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 500 Vrms min. @ sea level. STORAGE & OPERATING TEMPERATURE: -30C to 85C. SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging). PACKAGING: Switches available in embossed anti-static tape and reels per EIA 481A. Some models available on embossed anti-static tape and reels per EIA 481-3, consult Customer Service Center.
How To Order
Complete part numbers for GS Series Sealed Ultraminiature Slide Switches are shown below and on page J-17.
C & K MARKING ON OPPOSITE SIDE SWITCH FUNCTION POS.1 PART NUMBER POS. 2 SCHEMATIC ON 2-1 ON 2-3 Actuator Shown In Pos. 1 SPDT PC MOUNTING Actuator Shown In Pos. 1 TOTAL TRAVEL
GS01MCBE
Conn. Terms.
GS02MCBE
Conn. Terms.
OFF OPEN
ON 3-1
SPST
GS04MCBE
Conn. Terms.
ON 1-3
OFF OPEN
SPST GS02-omit center hole. GS02 Model
GS01MCBE
SPDT
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-16
www.ittcannon.com
C&K GS Series Sealed Ultraminiature Slide Switches
SWITCH FUNCTION POS.1 TOTAL TRAVEL PART NUMBER SCHEMATIC ON 2-1 ON 2-3 POS. 2
GS01MABE
Conn. Terms. Actuator Shown PC MOUNTING
SPDT
GS02MABE
Conn. Terms.
OFF OPEN
ON 3-1
SPST
J Slide
GS04MABE GS01MABE Horizontal Actuation
GS02 Model Conn. Terms.
ON 1-3
OFF OPEN
SPST
SPDT
SWITCH FUNCTION TOTAL TRAVEL PART NUMBER POS.1 POS. 2 SCHEMATIC ON 2-1 ON 2-3
GS01MSABE
GS02 Model Actuator Shown In Pos. 1 PC MOUNTING Conn. Terms.
SPDT
GS02MSABE
Conn. Terms.
OFF OPEN
ON 3-1
SMT
GS01MSABE Horizontal Actuation
SPST
GS04MSABE
Conn. Terms.
ON 1-3
OFF OPEN
SPST
SPDT
TAPE & REEL
FOR PART NUMBERS GS01MSABE, GS02MSABE, GS04MSABE
REEL INFORMATION OUTSIDE DIAMETER PILOT HOLE QUANTITY PER REEL 13.00 (330,0) .512 (13,0) 600
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-17
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of GS01MCBE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X