Part Number Hot Search : 
CS5322 4C226M02 74HC54 VTSRC 14051 2SK1406 CX162 STV224XC
Product Description
Full Text Search
 

To Download FMMT620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMMT620
SuperSOTTM 80V NPN SILICON LOW SATURATION TRANSISTOR
SUMMARY VCEO=80V; RSAT = 90m ; IC= 0.5A
DESCRIPTION Enhancing the existing SuperSOT range this 80V NPN transistor utilises the Zetex matrix structure combined with advanced assembly techniques. Users are provided with high Hfe and very low sat performance ensuring low on state losses. FEATURES * * * * * * * * * Extremely Low Equivalent On Resistance Extremely Low Saturation Voltage hFE characterised up to 3.0A IC=1.5A Continuous Collector Current SOT23 package
SOT23
APPLICATIONS DC - DC Modules Power Management Functions CCFL Backlighting Inverters Motor control and drive functions
E C B
TAPE WIDTH (mm) 8mm embossed 8mm embossed QUANTITY PER REEL 3000 units 10000 units
Top View
ORDERING INFORMATION DEVICE FMMT620TA
FMMT620TC
REEL SIZE (inches) 7 13
DEVICE MARKING 620
ISSUE 1 - JANUARY 2001 1
FMMT620
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Power Dissipation at TA=25C (a) Linear Derating Factor Power Dissipation at TA=25C (b) Linear Derating Factor Operating and Storage Temperature Range SYMBOL V CBO V CEO V EBO I CM IC IB PD LIMIT 80 80 5 5 1.5 500 625 5 806 6.4 -55 to +150 UNIT V V V A A mA mW mW/C mW mW/C C
PD
T j :T stg
THERMAL RESISTANCE
PARAMETER Junction to Ambient (a) Junction to Ambient (b) SYMBOL R JA R JA VALUE 200 155 UNIT C/W C/W
NOTES (a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions (b) For a device surface mounted on FR4 PCB measured at t 5 secs.
ISSUE 1 - JANUARY 2001 2
FMMT620
TYPICAL CHARACTERISTICS
ISSUE 1 - JANUARY 2001 3
FMMT620
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector Emitter Cut-Off Current Collector-Emitter Saturation Voltage SYMBOL V (BR)CBO V (BR)CEO V (BR)EBO I CBO I EBO I CES V CE(sat) 15 45 145 160 0.86 0.82 200 300 110 60 20 100 450 450 170 90 30 10 160 11.5 86 1128 18 MIN. 100 80 7 TYP. 180 110 8 100 100 100 20 60 185 200 1.0 0.95 900 MAX. UNIT V V V nA nA nA mV mV mV mV V V CONDITIONS. I C =100 A I C =10mA* I E =100 A V CB =80V V EB =5.5V V CES =80V I C =0.1A, I B =10mA* I C =0.5A, I B =50mA* I C =1A, I B =20mA* I C =1.5A, I B =50mA* I C =1.5A, I B =50mA* I C =1.5A, V CE =2V* I C =10mA, V CE =2V* I C =200mA, V CE =2V* I C =1A, V CE =2V* I C =1.5A, V CE =2V* I C =3A, V CE =2V* I C =5A, V CE =2V* MHz pF ns ns I C =50mA, V CE =10V f=100MHz V CB =10V, f=1MHz V CC =10V, I C =500mA I B1 =I B2 =25mA
Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio
V BE(sat) V BE(on) h FE
Transition Frequency Output Capacitance Turn-On Time Turn-Off Time
fT C obo t (on) t (off)
*Measured under pulsed conditions. Pulse width 300s. Duty cycle 2%
ISSUE 1 - JANUARY 2001 4
FMMT620
TYPICAL CHARACTERISTICS
ISSUE 1 - JANUARY 2001 5
FMMT620
PACKAGE DIMENSIONS PAD LAYOUT DETAILS
DIM Millimetres Min A B C D F G K L N 2.67 1.20 - 0.37 0.085 NOM 1.9 0.01 2.10
NOM 0.95
N
Inches Max 3.05 1.40 1.10 0.53 0.15 Min 0.105 0.047 - 0.0145 0.0033 NOM 0.075 0.10 2.50 0.0004 0.0825
NOM 0.037
Max 0.120 0.055 0.043 0.021 0.0059
0.004 0.0985
Zetex plc. Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom. Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries) Fax: (44)161 622 4420 Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 Zetex Inc. 47 Mall Drive, Unit 4 Commack NY 11725 USA Telephone: (516) 543-7100 Fax: (516) 864-7630 Zetex (Asia) Ltd. 3510 Metroplaza, Tower 2 Hing Fong Road, Kwai Fong, Hong Kong Telephone:(852) 26100 611 Fax: (852) 24250 494 These are supported by agents and distributors in major countries world-wide (c) Zetex plc 2001 http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
ISSUE 1 - JANUARY 2001 6


▲Up To Search▲   

 
Price & Availability of FMMT620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X