Part Number Hot Search : 
1ETTE MMSZ15T3 ITA6V5B1 KSC5305 UM10562 AB805 ON1971 BAS140W
Product Description
Full Text Search
 

To Download FCA47N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FCH47N60 / FCA47N60 600V N-Channel MOSFET
SuperFET
FCH47N60 / FCA47N60
600V N-Channel MOSFET
Features
* 650V @TJ = 150C * Typ. RDS(on) = 0.058 * Ultra Low Gate Charge (typ. Qg = 210nC) * Low Effective Output Capacitance (typ. Cosseff. = 420pF) * 100% avalanche tested
TM
Description
SuperFETTM is, Farichild's proprietary, new generation of high voltage MOSFET family that is utilizing an advanced charge balance mechanism for outstanding low on-resistance and lower gate charge performance. This advanced technology has been tailored to minimize conduction loss, provide superior switching performance, and withstand extreme dv/dt rate and higher avalanche energy. Consequently, SuperFET is very suitable for various AC/DC power conversion in switching mode operation for system miniaturization and higher efficiency.
D
!
"
G! GD S
!"
" "
TO-247
G DS
TO-3P
!
S
Absolute Maximum Ratings
Symbol
VDSS ID IDM VGSS EAS IAR EAR dv/dt PD TJ, TSTG TL Drain-Source Voltage Drain Current Drain Current Gate-Source voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TC = 25C) - Derate above 25C
(Note 2) (Note 1) (Note 1) (Note 3)
Parameter
- Continuous (TC = 25C) - Continuous (TC = 100C) - Pulsed
(Note 1)
FCH47N60
600
FCA47N60
Unit
V A A A V mJ A mJ V/ns W W/C C C
47 29.7 141 30 1800 47 41.7 4.5 417 3.33 -55 to +150 300
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purpose, 1/8" from Case for 5 Seconds
Thermal Characteristics
Symbol
RJC RCS
Parameter
Thermal Resistance, Junction-to-Case Thermal Resistance, Case-to-Sink
Typ.
-0.24
Max.
0.3 --
Unit
C/W C/W
(c)2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FCH47N60 / FCA47N60 Rev. A
FCH47N60 / FCA47N60 600V N-Channel MOSFET
Symbol
RJA
Parameter
Thermal Resistance, Junction-to-Ambient
Typ.
--
Max.
41.7
Unit
C/W
Package Marking and Ordering Information
Device Marking
FCH47N60 FCA47N60
Device
FCH47N60 FCA47N60
Package
TO-247 TO-3P
Reel Size
-
Tape Width
-
Quantity
30 30
Electrical Characteristics
Symbol
Off Characteristics BVDSS BVDSS / TJ BVDS IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss Coss Coss eff. td(on) tr td(off) tf Qg Qgs Qgd IS ISM VSD trr Qrr
NOTES:
TC = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage
Conditions
VGS = 0V, ID = 250A, TJ = 25C VGS = 0V, ID = 250A, TJ = 150C
Min
600 --------
Typ
-650 0.6 700 -----
Max Units
----1 10 100 -100 V V V/C V A A nA nA
Breakdown Voltage Temperature Coefficient Drain-Source Avalanche Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse
ID = 250A, Referenced to 25C VGS = 0V, ID = 47A VDS = 600V, VGS = 0V VDS = 480V, TC = 125C VGS = 30V, VDS = 0V VGS = -30V, VDS = 0V VDS = VGS, ID = 250A VGS = 10V, ID = 23.5A VDS = 40V, ID = 23.5A VDS = 25V, VGS = 0V, f = 1.0MHz
(Note 4)
On Characteristics Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance 3.0 ---0.058 40 5.0 0.07 -V S
Dynamic Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Effective Output Capacitance VDS = 480V, VGS = 0V, f = 1.0MHz VDS = 0V to 400V, VGS = 0V VDD = 300V, ID = 47A RG = 25 -----5900 3200 250 160 420 8000 4200 ---pF pF pF pF pF
Switching Characteristics Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDS = 480V, ID = 47A VGS = 10V
(Note 4, 5) (Note 4, 5)
--------
185 210 520 75 210 38 110
430 450 1100 160 270 ---
ns ns ns ns nC nC nC
Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = 47A VGS = 0V, IS = 47A dIF/dt =100A/s
(Note 4)
------
---590 25
47 141 1.4 ---
A A V ns C
1. Repetitive Rating: Pulse width limited by maximum junction temperature 2. IAS = 18A, VDD = 50V, RG = 25, Starting TJ = 25C
2 FCH47N60 / FCA47N60 Rev. A
www.fairchildsemi.com
FCH47N60 / FCA47N60 600V N-Channel MOSFET
Typical Performance Characteristics
Figure 1. On-Region Characteristics
VGS Top :
Figure 2. Transfer Characteristics
10
2
ID, Drain Current [A]
ID , Drain Current [A]
15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V Bottom : 5.5 V
10
2
150C
10
1
10
1
25C -55C
- Note 1. VDS = 40V
10
0
* Notes : 1. 250 Pulse Test 2. TC = 25C
10
0
2. 250s Pulse Test
10
-1
10
0
10
1
2
4
6
8
10
VDS, Drain-Source Voltage [V]
VGS , Gate-Source Voltage [V]
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
0.20
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperatue
IDR , Reverse Drain Current [A]
RDS(ON) [],Drain-Source On-Resistance
0.15
10
2
VGS = 10V
0.10
10
1
VGS = 20V
0.05
150C
25C
* Notes : 1. VGS = 0V 2. 250s Pulse Test
* Note : TJ = 25C
10
200
0
0.00 0 20 40 60 80 100 120 140 160 180
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
ID, Drain Current [A]
VSD , Source-Drain Voltage [V]
Figure 5. Capacitance Characteristics
30000
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd
Figure 6. Gate Charge Characteristics
12
VDS = 100V
VGS, Gate-Source Voltage [V]
25000
Crss = Cgd
10
VDS = 250V VDS = 400V
Capacitance [pF]
20000
8
Coss
15000
* Notes : 1. VGS = 0 V 2. f = 1 MHz
6
Ciss
10000
4
5000
Crss
2
* Note : ID = 47A
0 -1 10
10
0
10
1
0 0 50 100 150 200 250
VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
3 FCH47N60 / FCA47N60 Rev. A
www.fairchildsemi.com
FCH47N60 / FCA47N60 600V N-Channel MOSFET
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation vs. Temperature
1.2
3.0
Figure 8. On-Resistance Variation vs. Temperature
BVDSS, (Normalized) Drain-Source Breakdown Voltage
Drain-Source On-Resistance
2.5
1.1
RDS(ON), (Normalized)
2.0
1.0
1.5
0.9
* Notes : 1. VGS = 0 V 2. ID = 250A
1.0
* Notes : 1. VGS = 10 V 2. ID = 47 A
0.5
0.8 -100
-50
0
50
100
150
200
0.0 -100
-50
0
50
100
150
200
TJ, Junction Temperature [C]
TJ, Junction Temperature [C]
Figure 9. Safe Operating Area
Figure 10. Maximum Drain Current vs. Case Temperature
50
Operation in This Area is Limited by R DS(on)
10
2
100 s
40
ID, Drain Current [A]
10
1
10 ms DC
ID, Drain Current [A]
10
3
1 ms
30
10
0
20
10
-1
* Notes : 1. TC = 25C 2. TJ = 150C 3. Single Pulse
10
10
-2
10
0
10
1
10
2
0 25
50
75
100
125
150
VDS, Drain-Source Voltage [V]
TC, Case Temperature [C]
Figure 10. Transient Thermal Response Curve
(t), Thermal Response
D = 0 .5
10
-1
0 .2 0 .1 0 .0 5 0 .0 2
10
-2
* N o te s : 1 . Z J C ( t) = 0 .3 C /W M a x . 2 . D u ty F a c to r , D = t 1 /t 2 3 . T J M - T C = P D M * Z J C ( t)
PDM t1 t2
s in g le p u ls e
10
-4
Z
JC
0 .0 1
10
-5
10
-3
10
-2
10
-1
10
0
10
1
t 1 , S q u a r e W a v e P u ls e D u r a t io n [ s e c ]
4 FCH47N60 / FCA47N60 Rev. A
www.fairchildsemi.com
FCH47N60 / FCA47N60 600V N-Channel MOSFET
Gate Charge Test Circuit & Waveform
50K 12V 200nF 300nF
Same Type as DUT VDS
VGS Qg 10V Qgs Qgd
VGS
DUT
3mA
Charge
Resistive Switching Test Circuit & Waveforms
VDS VGS RG
RL VDD
VDS
90%
10V
DUT
VGS
10%
td(on) t on
tr
td(off) t off
tf
Unclamped Inductive Switching Test Circuit & Waveforms
L VDS ID RG 10V
tp
BVDSS 1 EAS = ---- L IAS2 -------------------2 BVDSS - VDD BVDSS IAS VDD ID (t) VDD
tp
DUT
VDS (t) Time
5 FCH47N60 / FCA47N60 Rev. A
www.fairchildsemi.com
FCH47N60 / FCA47N60 600V N-Channel MOSFET
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ VDS _
I SD L Driver RG
Same Type as DUT
VDD
VGS
* dv/dt controlled by RG * ISD controlled by pulse period
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
IFM , Body Diode Forward Current
I SD ( DUT ) IRM
di/dt
Body Diode Reverse Current
VDS ( DUT )
Body Diode Recovery dv/dt
VSD
VDD
Body Diode Forward Voltage Drop
6 FCH47N60 / FCA47N60 Rev. A
www.fairchildsemi.com
FCH47N60 / FCA47N60 600V N-Channel MOSFET
Mechanical Dimensions
TO-247AD (FKS PKG CODE 001)
Dimensions in Millimeters
7 FCH47N60 / FCA47N60 Rev. A
www.fairchildsemi.com
FCH47N60 / FCA47N60 600V N-Channel MOSFET
Mechanical Dimensions
(Continued)
TO-3P
15.60 0.20 3.80 0.20 13.60 0.20 o3.20 0.10 9.60 0.20 4.80 0.20 1.50 -0.05
+0.15
12.76 0.20
19.90 0.20
16.50 0.30
3.00 0.20 1.00 0.20
3.50 0.20
2.00 0.20
13.90 0.20
23.40 0.20
18.70 0.20
1.40 0.20
5.45TYP [5.45 0.30]
5.45TYP [5.45 0.30]
0.60 -0.05
+0.15
Dimensions in Millimeters
8 FCH47N60 / FCA47N60 Rev. A
www.fairchildsemi.com
FCH47N60 / FCA47N60 600V N-Channel MOSFET
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM
PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I16
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
9 FCH47N60 / FCA47N60 Rev. A
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FCA47N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X