Part Number Hot Search : 
5KP15 1215S 1215S ADM7008 LBN70 MP7720DP LD7262 BP210
Product Description
Full Text Search
 

To Download EPM7128A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EPM7128A and EPM7128AE Dedicated Pin-Outs ver. 1.0 Dedicated Pin INPUT/GCLK1 INPUT/GCLRn INPUT/OE1 INPUT/OE2/GCLK2 TDI (1) TMS (1) TCK (1) TDO (1) GNDINT GNDIO 84-Pin PLCC 83 1 84 2 14 23 62 71 42, 82 7, 19, 32, 47, 59, 72 100-Pin TQFP 87 89 88 90 4 15 62 73 38, 86 100-Pin FineLine BGA A6 B5 B6 A5 A1 F3 F8 A10 D6, G5 144-Pin TQFP 125 127 126 128 4 20 89 104 52, 57, 124, 129 3, 13, 17, 33, 59, 64, 85, 105, 135 169-Pin Ultra FineLine BGA D8 D6 D7 E7 E4 J4 J10 E10 A7, E8, J7, N7 256-Pin FineLine BGA D9 E8 E9 D8 D4 J6 J11 D13 A8, C9, G9, K8, P9
11, 26, 43, C3, D7, E5, F6, 59, 74, 95 G4, H8
VCCINT (3.3 V Only)
3, 43
39, 91
D5, G6 C8, D4, E6, F5, G7, H3
VCCIO (2.5 V or 3.3 V) 13, 26, 38, 3, 18, 34, 53, 66, 78 51, 66, 82
No Connect (N.C.)
-
-
-
A3, A12, E1, F5, A3, B10, C2, D14, F6, F13, H1, H9, G10, H8, J9, K7, L11, J13, N2, N11 M3, P6, P10, R2, R3, T1, T15 51, 58, 123, B7, E6, H7, M7 B9, C8, G8, K9, P8 130 24, 50, 73, A2, A11, E13, B3, B5, C14, E15, 76, 95, 115, F1, F9, H5, H13, F11, G3, G7, G15, H9, 144 J1, N3, N12 J8, K10, L3, L6, M15, P14, T2, T3 1, 2, 12, 19, B5, B6, B8, B9, A1, A2, A4, A5, A6, 34, 35, 36, C5, C6, C7, C8, A7, A9, A10, A11, 43, 46, 47, C9, C10, E2, E3, A12, A13, A14, A15, A16, B1, B2, B4, B6, 48, 49, 66, E11, E12, F2, B7, B8, B11, B12, 75, 90, 103, F3, F11, F12, B13, B14, B 15, B16, G1, G2, G3, 108, 120, C1, C3, C4, C6, C11, G11, G12, H2, 121, 122 C13, C15, C16, D1, H3, H11, H12, J2, J3, J11, J12, D2, D3, D15, D16, E1, E2, E3, E14, E16, F1, L4, L5, L6, L7, L8, L9, M5, M6, F2, F15, F16, G1, G2, G14, G16, H1, H2, M8, M9 H15, H16, J1, J2, J15, J16, K1, K2, K3, K14, K15, K16, L1, L2, L15, L16, M1, M14, M16, N1, N2, N3, N14, N15, N16, P1, P2, P3, P4, P12, P13, P15, P16, R1, R4, R5, R6, R7, R8, R9, R11, R12, R13, R14, R15, R16, T4, T5, T6, T7, T8, T9, T10, T11, T12, T13, T14, T16 100 100 100
Total User I/O Pins (2) 68
84
84
Altera Corporation
1
EPM7128A and EPM7128AE I/O Pins ver. 1.0 LAB A A A A A A A A A A A A A A A A B B B B B B B B B B B B B B B B C C C C C C C C C C C C C C C C MC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 84-Pin PLCC - - 12 - 11 10 - 9 - - 8 - 6 5 - 4 22 - 21 - 20 - - 18 17 - 16 - 15 - - 14 (1) - - 31 - 30 29 - 28 - - 27 - 25 24 - 23 (1) 100-Pin TQFP 144-Pin TQFP 100-Pin FineLine BGA 2 143 C1 - - - 1 142 B1 - 141 - 100 140 B2 99 139 A2 - - - 98 138 A3 97 137 B3 - - - 96 136 A4 - 134 - 94 133 B4 93 132 C4 - - - 92 131 C5 14 18 F4 - - - 13 16 E2 - 15 - 12 14 E1 10 11 E3 - - - 9 10 E4 8 9 D2 - - - 7 8 D1 - 7 - 6 6 D3 5 5 C2 - - - 4 (1) 4 (1) A1 (1) 25 32 K1 - - - 24 31 J1 - 30 - 23 29 H1 22 28 H2 - - - 21 27 G2 20 26 G1 - - - 19 25 G3 - 23 - 17 22 F2 16 21 F1 - - - 15 (1) 20 (1) F3 (1) 169-Pin Ultra FineLine BGA E5 - D4 B2 B3 C3 - C4 B4 - A4 D5 A5 F6 - A6 D1 - G5 D2 G4 D3 - C1 C2 - G7 B1 F4 A1 - E4 (1) K4 - J5 N1 M1 L1 - L2 K3 - G6 K2 H4 K1 - J4 (1) 256-Pin FineLine BGA F4 - E4 C5 E5 D5 - D6 E6 - D7 C7 E7 F7 - F8 J7 - H5 H3 H4 H6 - H7 G5 - G4 F3 G6 F5 - D4 (1) N4 - M4 M2 L4 L5 - K5 K4 - K6 J3 J5 J4 - J6 (1)
Altera Corporation
2
EPM7128A and EPM7128AE I/O Pins ver. 1.0 LAB D D D D D D D D D D D D D D D D E E E E E E E E E E E E E E E E F F F F F F F F F F F F F F F F MC 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 84-Pin PLCC 41 - 40 - 39 - - 37 36 - 35 - 34 - - 33 44 - 45 - 46 - - 48 49 - 50 - 51 - - 52 - - 54 - 55 56 - 57 - - 58 - 60 61 - 62 (1) 100-Pin TQFP 144-Pin TQFP 100-Pin FineLine BGA 37 56 K5 - - - 36 55 J5 - 54 - 35 53 H5 33 45 K4 - - - 32 44 J4 31 42 H4 - - - 30 41 J3 - 40 - 29 39 K3 28 38 J2 - - - 27 37 K2 40 60 K6 - - - 41 61 J6 - 62 - 42 63 H6 44 65 K7 - - - 45 67 J7 46 68 H7 - - - 47 69 J8 - 70 - 48 71 K8 49 72 K9 - - - 50 74 K10 52 77 J10 - - - 53 78 H10 - 79 - 54 80 H9 55 81 J9 - - - 56 82 G9 57 83 G10 - - - 58 84 G8 - 86 - 60 87 F9 61 88 F10 - - - 62 (1) 89 (1) F8 (1) 169-Pin Ultra FineLine BGA N6 - K7 N5 H6 N4 - K6 M4 - J6 M3 L3 M2 - K5 L10 - H8 N8 K8 N9 - J8 M10 - K9 N10 K10 L11 - M11 M12 - J9 N13 M13 L13 - L12 K13 - G8 K12 H10 K11 - J10 (1) 256-Pin FineLine BGA N8 - M8 P7 L8 N7 - M7 L7 - M6 P5 N6 M5 - N5 N9 - M9 R10 L9 N10 - M10 L10 - M11 P11 N11 N12 - N13 M13 - L13 L14 L12 M12 - K12 K13 - K11 J14 J12 J13 - J11 (1)
Altera Corporation
3
EPM7128A and EPM7128AE I/O Pins ver. 1.0 LAB G G G G G G G G G G G G G G G G H H H H H H H H H H H H H H H H MC 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 84-Pin PLCC 63 - 64 - 65 - - 67 68 - 69 - 70 - - 71 (1) - - 73 - 74 75 - 76 - - 77 - 79 80 - 81 100-Pin TQFP 144-Pin TQFP 100-Pin FineLine BGA 63 91 F7 - - - 64 92 E9 - 93 - 65 94 E10 67 96 E8 - - - 68 97 E7 69 98 D9 - - - 70 99 D10 - 100 - 71 101 D8 72 102 C9 - - - 73 (1) 104 (1) A10 (1) 75 106 C10 - - - 76 107 B10 - 109 - 77 110 B9 78 111 A9 - - - 79 112 A8 80 113 B8 - - - 81 114 A7 - 116 - 83 117 B7 84 118 C7 - - - 85 119 C6 169-Pin Ultra FineLine BGA G13 - G10 D13 G9 D12 - D11 C13 - F10 C12 E9 B13 - E10 (1) A13 - D10 B12 D9 C11 - B11 B10 - F8 A10 F7 A9 - A8 256-Pin FineLine BGA J10 - H12 H14 H13 H11 - H10 G12 - G13 F14 G11 F12 - D13 (1) F13 - E13 C12 E12 D12 - D11 E11 - D10 C10 E10 F10 - F9
Altera Corporation
4
EPM7128A and EPM7128AE Pin Tables ver. 1.0 Notes: (1) This pin may function as either a JTAG port or a user I/O pin. If the device is configured to use the JTAG ports for in-system programming, this pin is not available as a user I/O pin. (2) The user I/O pin count includes dedicated input pins and all I/O pins.
Altera Corporation
5
Copyright (c) 1995, 1996, 1997, 1998, 1999 Altera Corporation, 101 Innovation Drive, San Jose, CA 95134, USA, all rights reserved. By accessing this information, you agree to be bound by the terms of Altera's Legal Notice.


▲Up To Search▲   

 
Price & Availability of EPM7128A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X