Part Number Hot Search : 
TB0902A VM1A1 KH206 KH206 103KA P6SMB33A A3142 KH206
Product Description
Full Text Search
 

To Download EL5132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EL5132, EL5133
Data Sheet October 26, 2005 FN7382.5
670MHz Low Noise Amplifiers
The EL5132 and EL5133 are ultra-low voltage noise, high speed voltage feedback amplifiers that are ideal for applications requiring low voltage noise, including communications and imaging. These devices offer extremely low power consumption for exceptional noise performance. Stable at gains as low as 10, these devices offer 120mA of drive performance. Not only do these devices find perfect application in high gain applications, they maintain their performance down to lower gain settings. These amplifiers are available in small package options (SOT-23) as well as the industry-standard SO packages. All parts are specified for operation over the -40C to +85C temperature range.
Features
* 670MHz -3dB bandwidth * Ultra low noise 0.9nV/Hz * 1000V/s slew rate * Low supply current = 12mA * Single supplies from 5V to 12V * Dual supplies from 2.5V to 5V * Fast disable on the EL5132 * Low cost * Pb-free plus anneal available (RoHS compliant)
Applications
* Imaging * Instrumentation * Communications devices
Pinouts
EL5132 (8 LD SO) TOP VIEW
NC 1 IN- 2 IN+ 3 VS- 4 + 8 CE 7 VS+ 6 OUT 5 NC
Ordering Information
PART NUMBER EL5132IS EL5132IS-T7 EL5132IS-T13 PART MARKING 5132IS 5132IS 5132IS 5132ISZ 5132ISZ PACKAGE 8 Ld SO 8 Ld SO 8 Ld SO 8 Ld SO (Pb-free) 8 Ld SO (Pb-free) 8 Ld SO (Pb-free) 5 Ld SOT-23 5 Ld SOT-23 TAPE & REEL 7" 13" 7" 13" 7" (3K pcs) PKG. DWG. # MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0038
EL5133 (5 LD SOT-23) TOP VIEW
OUT 1 VS- 2 IN+ 3 +4 IN5 VS+
EL5132ISZ (See Note) EL5132ISZ-T7 (See Note)
EL5132ISZ-T13 5132ISZ (See Note) EL5133IW-T7 BCAA
EL5133IW-T7A BCAA
7" MDP0038 (250 pcs)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2003-2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
EL5132, EL5133
Absolute Maximum Ratings (TA = 25C)
Supply Voltage from VS+ to VS- . . . . . . . . . . . . . . . . . . . . . . . 13.2V IIN-, IIN+, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 150mA Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +125C Ambient Operating Temperature . . . . . . . . . . . . . . . .-40C to +85C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
PARAMETER VOS TCVOS IB IOS TCIOS PSRR CMRR CMIR RIN CIN IS AVOL VO ISC BW BW GBWP PM SR tR, tF OS tPD tS dG dP eN iN Offset Voltage
VS+ = +5V, VS- = -5V, RL = 500, RF = 225, RG = 25, TA = 25C, unless otherwise specified. CONDITIONS MIN -1 Measured from TMIN to TMAX VIN = 0V VIN = 0V Measured from TMIN to TMAX VS+ = 4.75V to 5.25V VIN = 3.0 V Guaranteed by CMRR test Common mode 75 80 3 2 8 -1250 TYP 0.5 0.8 12 400 3 87 100 3.3 5 2 9.2 VOUT = 2.5V, RL = 1k to GND RF = 900, RG = 100, RL = 150 RL = 10 AV = +10, RL = 1k AV = +10, RL = 1k 5 3.1 70 11 8.5 3.5 140 670 90 3000 RL = 1k, CL = 6pF RL = 100, VOUT = 2.5V 0.1VSTEP 0.1VSTEP 0.1VSTEP 700 55 1000 TBD TBD TBD 6.6 AV = +2, RF = 1k AV = +2, RF = 1k f = 10kHz f = 10kHz 0.01 0.01 0.9 4.9 13 20 +1250 MAX 1 UNIT mV V/C A nA nA/C dB dB V M pF mA KV/V V mA MHz MHz MHz V/s ns % ns ns % nV/Hz pA/Hz
DESCRIPTION
Offset Voltage Temperature Coefficient Input Bias Current Input Offset Current Input Bias Current Temperature Coefficient Power Supply Rejection Ratio Common Mode Rejection Ratio Common Mode Input Range Input Resistance Input Capacitance Supply Current Open Loop Gain Output Voltage Swing Short Circuit Current -3dB Bandwidth 0.1dB Bandwidth Gain Bandwidth Product Phase Margin Slew Rate Rise Time, Fall Time Overshoot Propagation Delay 0.01% Settling Time Differential Gain Differential Phase Input Noise Voltage Input Noise Current
2
EL5132, EL5133 Typical Performance Curves
5 4 NORMALIZED GAIN (dB) 3 2 1 0 -1 -2 -3 -4
NORMALIZED GAIN (dB)
60 0 -60 -120 PHASE -180 -240 1M 10M 100M 1G -300
PHASE ()
VS=5V AV=+10 RG=25 RL=500 CL=+1pF
300 240 180 GAIN 120
5 4 3 2 1 0 -1 -2 -3 -4 -5 100k 1M -3dB BW @ 700MHz 10M 100M FREQUENCY (Hz) 1G
-5 100k
FREQUENCY (Hz)
FIGURE 1. GAIN & PHASE vs FREQUENCY
FIGURE 2. -3dB BANDWIDTH
0.5 0.4 NORMALIZED GAIN (dB) 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 100k 10M FREQUENCY (Hz) 100M 0.1dB BW @ 30MHz NORMALIZED GAIN (dB)
5 4 3 2 1 0 -1 -2 -3 -4
VS=5V RG=25 RL=500 CL=+1pF
AV=+10
AV=+30 AV=+20 1M 10M 100M FREQUENCY (Hz) 1G
-5 100k
FIGURE 3. 0.1dB BANDWIDTH
FIGURE 4. GAIN vs FREQUENCY FOR VARIOUS +AV
VS=5V RL=500
GAIN-BANDWIDTH PRODUCT (MHz)
70 60 GAIN (dB) 50 40 30 20 1.0
4000 3500 3000 2500 2000 1500 1000 3.0
VS=5V RL=500
GAIN=40dB or 100 FREQ.=31.6MHz GAIN BW PRODUCT=31.6x100=3160MHz 10.0 FREQUENCY (MHz) 100.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGES (V)
FIGURE 5. GAIN BANDWIDTH PRODUCT
FIGURE 6. GAIN BANDWIDTH PRODUCT vs SUPPLY VOLTAGES
3
EL5132, EL5133 Typical Performance Curves (Continued)
5 4 NORMALIZED GAIN (dB) 3 2 1 0 -1 -2 -3 -4
NORMALIZED GAIN (dB)
AV=+10 RG=25 RL=500 CL=+1pF
5 4 3 2 1 0 -1 -2 -3 -4 1G VS=4
VS=5V AV=+10 RG=25 CL=+1pF
RL=1k
VS=6 VS=5V VS=3V VS=2.5V 1M 10M FREQUENCY (Hz) 100M
RL=100 RL=150 RL=500 1M 10M 100M 1G
-5 100k
-5 100k
FREQUENCY (Hz)
FIGURE 7. GAIN vs FREQUENCY FOR VARIOUS VS
FIGURE 8. GAIN vs FREQUENCY FOR VARIOUS RLOAD (AV = +10)
5 4 NORMALIZED GAIN (dB) 3 2 1 0 -1 -2 -3 -4
NORMALIZED GAIN (dB)
VS=5V AV=+20 RG=25 CL=+1pF RL=1k
5 4 3 2 1 0 -1 -2 -3 -4 1G
VS=5V AV=+10 RG=25 RF=225 RL=500
CL=3.3pF CL=6.8pF
CL=12pF
RL=500 RL=150 RL=100 1M 10M 100M FREQUENCY (Hz)
CL=1pF
-5 100k
-5 100k
1M
10M FREQUENCY (Hz)
100M
1G
FIGURE 9. GAIN vs FREQUENCY FOR VARIOUS RLOAD (AV = +20)
FIGURE 10. GAIN vs FREQUENCY FOR VARIOUS CLOAD (AV = +10)
5 4 NORMALIZED GAIN (dB) 3 2 1 0 -1 -2 -3 -4
NORMALIZED GAIN (dB)
VS=5V AV=+20 RG=25 RF=475 RL=500
5 CL=39pF CL=23pF CL=12pF 4 3 2 1 0 -1 -2 -3 -4 1M 10M 100M FREQUENCY (Hz) 1G
VS=5V AV=+10 RL=500 CL=+1pF
RF=900 RF=450
CL=1pF
RF=90 RF=225 1M 10M FREQUENCY (Hz) 100M 1G
-5 100k
-5 100k
FIGURE 11. GAIN vs FREQUENCY FOR VARIOUS CLOAD (AV = +20)
FIGURE 12. GAIN vs FREQUENCY FOR VARIOUS RF (AV = +10)
4
EL5132, EL5133 Typical Performance Curves (Continued)
5 4 NORMALIZED GAIN (dB) 3 2 1 0 -1 -2 -3 -4 -5 100k 1M 10M FREQUENCY (Hz) RF=953 RF=190 RF=475 100M 1G NORMALIZED GAIN (dB) VS=5V AV=+20 RL=500 CL=+1pF
5 4 3 2 1 0 -1 -2 -3 -4 RF=1.9k
VS=5V AV=+10 RG=25 RL=500 CL=+1pF
CIN=6.8pF CIN=3.9pF
CIN=2.2pF CIN=0pF
-5 100k
1M
10M 100M FREQUENCY (Hz)
1G
FIGURE 13. GAIN vs FREQUENCY FOR VARIOUS RF (AV = +20)
FIGURE 14. GAIN vs FREQUENCY FOR VARIOUS CIN(-) (AV = +10)
5 4 NORMALIZED GAIN (dB) 3 2 1 0 -1 -2 -3 -4
OPEN LOOP GAIN (dB)
50 40 30 20 10 0 -10 OPEN LOOP GAIN OPEN LOOP PHASE
60 0 -60 -120 -180 -240 1k 10k 100k 1M 10M 100M 1G -300
CIN=8.2pF CIN=0pF 1M 10M 100M FREQUENCY (Hz) 1G
-5 100k
FREQUENCY (Hz)
FIGURE 15. GAIN vs FREQUENCY FOR VARIOUS CIN (AV = +20)
FIGURE 16. OPEN LOOP GAIN & PHASE vs FREQUENCY
100 OUTPUT IMPEDANCE ()
VS=5V
-10 -20 -30 CMRR (dB) -40 -50 -60 -70 -80 -90 -100 AV=+10 VS=5V
10
1
0.10
0.01 10k
100k
1M
10M
100M
-110 1k
10k
100k
1M
10M
100M 500M
FREQUENCY (MHz)
FREQUENCY (Hz)
FIGURE 17. OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 18. CMRR vs FREQUENCY
5
PHASE ()
VS=5V AV=+20 RG=25 RL=500 CL=+1pF
CIN=22pF CIN=15pF CIN=12pF
90 80 70 60
Vs=5V
300 240 180 120
EL5132, EL5133 Typical Performance Curves (Continued)
10 -10 PSRR (dB) -20 -30 -40 -50 -60 -70 -80 -90 1k 10k 100k VS+ 1M 10M 100M 500M VSOUTPUT SWING GAIN (dB) 0 AV=+10 VS=5V 5 4 3 2 1 0 -1 -2 -3 -4 -5 1M VOUT=670mVp-p VOUT=2.1Vp-p VOUT=3.8Vp-p VOUT=6.6Vp-p 10M 100M FREQUENCY (Hz) 1G
VS=5V AV=+10 RG=25 RL=500 CL=+1pF
VOUT=240mVp-p
FREQUENCY (Hz)
FIGURE 19. PSRR vs FREQUENCY
FIGURE 20. OUTPUT SWING vs FREQUENCY
20 15 10 5 0 -5 -10 -15 -20 -25 -30 -35 -40
GROUP DELAY (ns)
ISOLATION (dB)
VS=5V AV=+10 RG=25 RL=500
-40 -50 -60 -70 -80 -90 -100 -110 -120 -130
VS=5V AV=+20 RG=25 CHIP DISABLED INPUT TO OUTPUT OUTPUT TO INPUT
0
1M
10M FREQUENCY (Hz)
100M
1G
-140 100k
1M
10M
100M
FREQUENCY (Hz)
FIGURE 21. GROUP DELAY vs FREQUENCY
FIGURE 22. INPUT & OUTPUT ISOLATION
-30 HARMONIC DISTORTION (dBc)
-20 T.H.D HARMONIC DISTORTION (dBc) -30 -40 -50 -60 -70 -80 -90 -100 0 5 10 15 20 25 30 35 FUNDAMENTAL FREQUENCY (MHz) 40 0
VS=5V -40 AV=+10 RG=25 -50 RL=500 VOUT=2Vp-p -60 -70 -80 -90 -100 2nd H.D
VS=5V AV=+10 RG=25 RL=500
FIN=10MHz
3rd H.D
FIN=1MHz 1 2 3 4 5 6 OUTPUT LEVEL (Vp-p) 7 8
FIGURE 23. HARMONIC DISTORTION vs FREQUENCY
FIGURE 24. TOTAL HARMONIC DISTORTION vs OUTPUT VOLTAGE
6
EL5132, EL5133 Typical Performance Curves (Continued)
6 5 4 AMPLITUDE (V) 3 2 1 0 -1 -2 -3 -400 -200 0 OUTPUT SIGNAL 200 400 600 800 1000 1200 6 5 AMPLITUDE (V) 4 3 2 1 0 -1 -2 -1000 -800 -600 -400 -200 0 TIME (ns) 200 400 600
VS=5V RL=500 VOUT=2Vp-p ENABLE SIGNAL
VS=5V RL=500 VOUT=2Vp-p DISABLE SIGNAL OUTPUT SIGNAL
TIME (ns)
FIGURE 25. ENABLE TIME
FIGURE 26. DISABLE TIME
100.0 VOLTAGE NOISE (nV/Hz)
VS=5V CURRENT NOISE (pA/Hz)
1000.0
VS=5V
10.0
100.0
1.0
10.0
0.1
1.0
0.0 10
100
1k 10k FREQUENCY (Hz)
100k
1M
0.1
10
100
1k 10k 100k FREQUENCY (Hz)
1M
FIGURE 27. EQUIVALENT INPUT VOLTAGE NOISE vs FREQUENCY
FIGURE 28. EQUIVALENT INPUT CURRENT NOISE vs FREQUENCY
0.4
2.0
AMPLITUDE (V)
AMPLITUDE (V)
0.2 TFALL=2.02ns 0.0 TRISE=2.12ns -0.2 VS=5V AV=+10 RG=25 RL=500 CL=+1pF VOUT=500mV
1.0 TFALL=2.05ns 0.0 TRISE=2.02ns -1.0 VS=5V AV=+10 RG=25 RL=500 CL=1pF VOUT=2.0V
-0.4 -40 -20 0
20 40 60 80 100 120 140 160 180 TIME (ns)
-2.0 -40 -20 0
20 40 60 80 100 120 140 160 180 TIME (ns)
FIGURE 29. SMALL SIGNAL STEP RESPONSE_RISE & FALL TIME
FIGURE 30. LARGE SIGNAL STEP RESPONSE_RISE & FALL TIME
7
EL5132, EL5133 Typical Performance Curves (Continued)
12.0 SUPPLY CURRENT (mA) 11.8 11.6 11.4 11.2 11.0 10.8 10.6 10.4 10.2 10.0 2.5 3.0 Please note that the curve showed positive current. The negative current was almost the same. 3.5 4.0 4.5 5.0 SUPPLY VOLTAGE (V) 5.5 6.0 1200 1100 1000 SLEW RATE (V/s) 900 800 700 600 500 400 300 2.0 2.5 AV=+10 RG=25 RL=500 CL=+1pF VOUT=4Vp-p 3.0 3.5 4.0 4.5 5.0 SUPPLY VOLTAGES (V) 5.5 6.0 NEGATIVE SLEW RATE
RG=25 RL=500 CL=+1pF
POSITIVE SLEW RATE
FIGURE 31. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 32. SLEW RATE vs SUPPLY VOLTAGES
1.4 POWER DISSIPATION (W) 1.2
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD POWER DISSIPATION (W)
1 0.9 0.8
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD
1 909mW 0.8 0.6 0.4 0.2 0 0 435mW
SO8 JA=110C/W
0.7 625mW 0.6 0.5 0.4 0.3 0.2 0.1 0 0 SOT23-5 JA=256C/W 25 50 75 85 100 125 150 391mW SO8 JA=160C/W
SOT23-5 JA=230C/W 25 50 75 85 100 125 150
AMBIENT TEMPERATURE (C)
AMBIENT TEMPERATURE (C)
FIGURE 33. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
FIGURE 34. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
8
EL5132, EL5133 Typical Performance Curves (Continued)
DIFFERENTIAL GAIN (%) 0.20 0.15 0.05 0 -0.05 -0.15 -0.20 0 10 20 30 40 50 60 70 80 90 100
FIGURE 35. DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE ()
0.20 0.15 0.05 0 -0.05 -0.15 -0.20 0 10 20 30 40 50 60 70 80 90 100
FIGURE 36. DIFFERENTIAL PHASE ()
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 9


▲Up To Search▲   

 
Price & Availability of EL5132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X