Part Number Hot Search : 
R127047 RL821 10ZF3M 2SJ551S 00159 NCP5359A MCR10 RL821
Product Description
Full Text Search
 

To Download EL5130IS-T7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EL5130, EL5131
Data Sheet October 25, 2004 FN7381.2
PRELIMINARY
500MHz Low Noise Amplifiers
The EL5130 and EL5131 are ultra-low voltage noise, high speed voltage feedback amplifiers that are ideal for applications requiring low voltage noise, including communications and imaging. These devices offer extremely low power consumption for exceptional noise performance. Stable at gains as low as 5, these devices offer 100mA of drive performance. Not only do these devices find perfect application in high gain applications, they maintain their performance down to lower gain settings. These amplifiers are available in small package options (SOT-23) as well as the industry-standard SO packages. All parts are specified for operation over the -40C to +85C temperature range.
Features
* 500MHz -3dB bandwidth * Ultra low noise 1.8nV/Hz * 350V/s slew rate * Low supply current = 4mA * Single supplies from 5V to 12V * Dual supplies from 2.5V to 5V * Fast disable on the EL5130 * Low cost * Pb-Free Available (RoHS Compliant)
Applications
* Imaging * Instrumentation * Communications devices
Ordering Information
PART NUMBER EL5130IS EL5130IS-T7 EL5130IS-T13 EL5130ISZ (See Note) EL5130ISZ-T7 (See Note) EL5130ISZT13 (See Note) EL5131IW-T7 EL5131IW-T7A EL5131IWZ-T7 (See Note) EL5131IWZT7A (See Note) PACKAGE 8-Pin SO 8-Pin SO 8-Pin SO 8-Pin SO (Pb-free) 8-Pin SO (Pb-free) 8-Pin SO (Pb-free) 5-Pin SOT-23 5-Pin SOT-23 5-Pin SOT-23 (Pb-free) 5-Pin SOT-23 (Pb-free) TAPE & REEL 7" 13" 7" 13" 7" (3K pcs) 7" (250 pcs) 7" (3K pcs) 7" (250 pcs) PKG. DWG. # MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0038 MDP0038 MDP0038 MDP0038
Pinouts
EL5130 (8-PIN SO) TOP VIEW
NC 1 IN- 2 IN+ 3 VS- 4 + 8 CE 7 VS+ 6 OUT 5 NC
EL5131 (5-PIN SOT-23) TOP VIEW
OUT 1 VS- 2 IN+ 3 +4 IN5 VS+
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003-2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc. All other trademarks mentioned are the property of their respective owners.
EL5130, EL5131
Absolute Maximum Ratings (TA = 25C)
Supply Voltage from VS+ to VS- . . . . . . . . . . . . . . . . . . . . . . . 13.2V IIN-, IIN+, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +125C Ambient Operating Temperature . . . . . . . . . . . . . . . .-40C to +85C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
PARAMETER VOS TCVOS IB IOS TCIOS PSRR CMRR CMIR RIN CIN IS AVOL VO Offset Voltage
VS+ = +5V, VS- = -5V, RL = 150, RF = 900, RG = 100, TA = 25C, unless otherwise specified. CONDITIONS MIN -0.9 Measured from TMIN to TMAX VIN = 0V VIN = 0V Measured from TMIN to TMAX VS = 4.75V to 5.25V VIN = 3.0V Guaranteed by CMRR test Common mode 75 95 3 5 1.5 -500 TYP 0.2 0.8 2.27 100 -3 90 110 3.3 20 1 3.0 VOUT = 2.5V, RL = 1k to GND RL = 1k, RF = 900, RG = 100 RL = 150 10 3.5 3.5 50 3.54 16 3.8 3.3 100 500 60 1500 RL = 1k, CL = 6pF VS = 5V, RL = 150, VOUT = 2.5V 0.1VSTEP 0.1VSTEP 0.1VSTEP 225 55 350 TBD TBD TBD 14 AV = +2, RF = 1k AV = +2, RF = 1k f = 10kHz f = 10kHz 0.01 0.01 1.8 1.1 4.1 3.3 500 MAX 0.9 UNIT mV V/C A nA nA/C dB dB V M pF mA kV/V V mV mA MHz MHz MHz V/s ns % ns ns % nV/Hz pA/Hz
DESCRIPTION
Offset Voltage Temperature Coefficient Input Bias Current Input Offset Current Input Bias Current Temperature Coefficient Power Supply Rejection Ratio Common Mode Rejection Ratio Common Mode Input Range Input Resistance Input Capacitance Supply Current Open Loop Gain Output Voltage Swing
ISC BW BW GBWP PM SR tR, tF OS tPD tS dG dP eN iN
Short Circuit Current -3dB Bandwidth 0.1dB Bandwidth Gain Bandwidth Product Phase Margin Slew Rate Rise Time, Fall Time Overshoot Propagation Delay 0.01% Settling Time Differential Gain Differential Phase Input Noise Voltage Input Noise Current
RL = 10 AV = +5, RL = 1k AV = +5, RL = 1k
2
EL5130, EL5131 Typical Performance Curves
5 NORMALIZED GAIN (dB) 3 2 1 0 -1 -2 -3 -4 -5 100K 1M 10M FREQUENCY (Hz) 100M 500M 0pF 12pF 8.2pF 5.6pF NORMALIZED GAIN (dB) 4 SUPPLY=5.0V 3.64mA RL=500 CL=2.5pF AV=+20 RG=200 5 4 3 2 1 0 -1 -2 -3 -4 -5 100K 1M 10M FREQUENCY (Hz) 5.0V 4.0V 3.0V 2.0V 1.7V 100M 500M RL=500 CL=2.2pF AV=+20 RG=200
FIGURE 1. GAIN vs FREQUENCY FOR VARIOUS CIN-
FIGURE 2. GAIN vs FREQUENCY FOR VARIOUS SUPPLY VOLTAGES
5 NORMALIZED GAIN (dB) 3 2 1 0 -1 -2 -3 -4 -5 100K 1M 10M FREQUENCY (Hz) 100M 500M 2.2pF NORMALIZED GAIN (dB) 4 RL=500 CIN-=0pF AV=+20 RG=200
5 4 3 2 1 0 -1 -2 -3 -4 -5 100K 1M 10M FREQUENCY (Hz) 2 3 4 5 6 100M 500M RL=500 CL=2.4pF AV=+5 RG=50
56pF 33pF 18pF 8.2pF
FIGURE 3. GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 4. FREQUENCY vs GAIN FOR VARIOUS SUPPLY VOLTAGES
5 NORMALIZED GAIN (dB) 3 2 1 0 -1 -2 -3 -4 -5 100K 1M 10M FREQUENCY (Hz) 100M 700M 0pF NORMALIZED GAIN (dB) 4 RL=500 CL=2.2pF AV=+5 RG=50 8.2pF 5.6pF 2.5pF
5 4 3 2 1 0 -1 -2 -3 -4 -5 100K 1M 10M FREQUENCY (Hz) 100M 700M 200 CL=2.5pF AV=+5 RG=50 700 500
FIGURE 5. GAIN vs FREQUENCY FOR VARIOUS CIN-
FIGURE 6. GAIN vs FREQUENCY FOR VARIOUS RL
3
EL5130, EL5131 Typical Performance Curves (Continued)
5 NORMALIZED GAIN (dB) 3 2 1 0 -1 -2 -3 -4 -5 100K 1M 10M FREQUENCY (Hz) 100M 500M 715 500 200 NORMALIZED GAIN (dB) 4 AV=+20 CL=2.5pF RG=200 5 4 3 2 1 0 -1 -2 -3 -4 -5 100K 1M 10M FREQUENCY (Hz) 100M 500M 8.2pF 2.5pF AV=+5 RL=500 RG=200 27pF 18pF 12pF
FIGURE 7. GAIN vs FREQUENCY FOR VARIOUS RL
FIGURE 8. FREQUENCY vs GAIN FOR VARIOUS CL
5 NORMALIZED GAIN (dB) 3 2 1 0 -1 -2 -3 -4 -5 100K 1M 10M FREQUENCY (Hz) 100M 500M 2.2pF 0pF NORMALIZED GAIN (dB) 4 CL=2.2pF AV=+10 RG=100 12pF 8.2pF 5.6pF
5 4 3 2 1 0 -1 -2 -3 -4 -5 100K 1M 10M FREQUENCY (Hz) 100M 500M 200 700 500 CL=2.5pF AV=+10 RG=100
FIGURE 9. GAIN vs FREQUENCY FOR VARIOUS CIN-
FIGURE 10. GAIN vs FREQUENCY FOR VARIOUS RL
5 NORMALIZED GAIN (dB) 3 2 1 0 -1 -2 -3 -4 -5 100K 1M 10M FREQUENCY (Hz) SUPPLY= 1.7 2.0 3.0 4.0 5.0 6.0 100M 500M NORMALIZED GAIN (dB) 4 CL=2.5pF AV=+10 RL=500 RG=100
5 4 3 2 1 0 -1 -2 -3 -4 -5 100K 1M 10M FREQUENCY (Hz) 100M 500M 8.2pF 2.5pF CL=2.2pF AV=+10 RL=500 RG=100 35pF 27pF 18pF 12pF
FIGURE 11. GAIN vs FREQUENCY FOR VARIOUS VS+, VS-
FIGURE 12. GAIN vs FREQUENCY FOR VARIOUS RL
4
EL5130, EL5131 Typical Performance Curves (Continued)
-10 -20 -30 CMRR (dB) -40 -50 -60 -70 -80 -90 -100 -110 1K 10K 100K 1M 10M 100M 500M AV=+2 VS=5V 0 -10 PSRR (dB) -20 -30 -40 -50 -60 -70 -80 -90 1K VSVS+ 10K 100K 1M 10M 100M 500M AV=+10 VS=5V VS+ VS-
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 13. CMRR vs FREQUENCY
FIGURE 14. PSRR vs FREQUENCY
100 OUTPUT IMPEDANCE () AV=+2 VS=5V MAGNITUDE (dB) 10 1
90 80 70 60 50 40 30 20 10 0 100K 1M FREQUENCY (Hz) 10M 100M 500 1K 10K 100K 1M 10M VS=5V
0 36 72 144 180 216 252 PHASE () 108
0.1
0.01 10K
100M 500M
FREQUENCY (Hz)
FIGURE 15. OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 16. OPEN LOOP GAIN AND PHASE vs FREQUENCY
VS=5V NOISE VOLTAGE (nV/Hz) CH1 100 CH2 10
AV=+10 VS=5V
INPUT OUTPUT
1 10
=2.12V CH1=500mV CH2=500mV 100 1K FREQUENCY (Hz) 10K 100K TIME (10ns/DIV)
FIGURE 17. EQUIVALENT INPUT VOLTAGE NOISE vs FREQUENCY
FIGURE 18. LARGE SIGNAL RISE TIME
5
EL5130, EL5131 Typical Performance Curves (Continued)
INPUT CH1
AV=+10 VS=5V CH1
AV=+10 VS=5V
INPUT
CH2 OUTPUT CH2
OUTPUT
=2.12V CH1=500mV CH2=500mV TIME (10ns/DIV)
=1.16V CH1=200mV CH2=500mV TIME (10ns/DIV)
FIGURE 19. LARGE SIGNAL FALL TIME
FIGURE 20. SMALL SIGNAL RISE TIME
AV=+10 VS=5V CH1
INPUT
AV=+10 VS=5V
CH1 OUTPUT CH2 =1.16V CH1=200mV CH2=500mV TIME (10ns/DIV) 200ns/DIV CH2 CH1=1V CH2=200mV
FIGURE 21. SMALL SIGNAL FALL TIME
FIGURE 22. TURN OFF TIME
1.8 POWER DISSIPATION (W) AV=+10 VS=5V 1.6 1.4
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD
1.2 1.136W 1 0.8 0.6 543mW 0.4 0.2 0 0 SOT23-5 JA=230C/W 25 50
CH1
SO8 JA=110C/W
CH2 CH1=1V CH2=200mV 200ns/DIV
75 85 100
125
150
AMBIENT TEMPERATURE (C)
FIGURE 23. TURN ON TIME
FIGURE 24. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
6
EL5130, EL5131 Typical Performance Curves (Continued)
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD
1.2 POWER DISSIPATION (W) 1 0.8 0.6
781mW SO8 JA=160C/W
0.4 488mW 0.2 0 SOT23-5 JA=256C/W 0 25 50 75 85 100 125 150
AMBIENT TEMPERATURE (C)
FIGURE 25. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
DIFFERENTIAL GAIN (%)
0.03 0.02 0.01 0.00 -0.01 -0.02 -0.03 0 10 20 30 40 50 60 70 80 90 100
FIGURE 26. DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE ()
0.4 0.3 0.2 0.1 0.0 -0.1 -0.2 -0.3 0 10 20 30 40 50 60 70 80 90 100
FIGURE 27. DIFFERENTIAL PHASE ()
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 7


▲Up To Search▲   

 
Price & Availability of EL5130IS-T7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X