Part Number Hot Search : 
331MP 226CA TLWR9900 LTC29 HT2812B AM29LV 2SD347 SA43A
Product Description
Full Text Search
 

To Download EDI7F342MV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 White Electronic Designs
2Mx32 FLASH MODULE
DESCRIPTION
The EDI7F342MV and EDI 7F2342MV are organized as one and two banks of 2Mx32 respectively. The modules are based on Intel's 28F016S3 2Mx8 Flash device in TSOP packages which are mounted on an FR4 substrate. Both modules offer access times between 120 and 150ns allowing for operation of high-speed microprocessors without wait states.
EDI7F342MV
FIG. 1
BLOCK DIAGRAMS
EDI7F342MV-BNC: 2Mx32 80 PIN SIMM
E0# A0-A20 G# 2Mx8 W0# 2Mx8 W1# 2Mx8 W2# 2Mx8 W3# DQ16-DQ23 DQ8-DQ15 DQ0-DQ7
FEATURES
2Mx32 and 2x2Mx32 Densities Based on Intel's 28F016S3 Flash Device Fast Read Access Time - 120ns Low Power Dissipation 30mA per Device Active Current 10A per Device CMOS Standby Current Typical Endurance >100,000 Cycles Single 3.0V -10% 20% Supply CMOS and TTL Compatible Inputs and Outputs Commercial and Industrial Temperature Range Package 80 pin SIMM (JEDEC) Flexible Smart Voltage 2.7-3.6V Program Erase 2.7-3.6V Read Operation 12V Vpp Fast Production Programming
DQ24-DQ31
EDI7F2342MV-BNC: 2x2Mx32 80 PIN SIMM
E1# EO# A0-A20 G# 2Mx8 W0# 2Mx8 W1# 2Mx8 W2# 2Mx8 W3# 2Mx8 DQ0-DQ7
2Mx8
DQ8-DQ15
2Mx8
DQ16-DQ23
2Mx8
DQ24-DQ31
White Electronic Designs Corp. reserves the right to change products or specifications without notice. Sept. 2002 Rev. 2A 1 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
CAPACITANCE
EDI7F342MV
(TA = 25C. f = 1MHz, VCC = 2.5V) 2Meg Parameter Address Lines Data lines Chip & Write Enable Lines Output Enable lines Sym CA CDQ CC CG Max 35 15 15 35 2x2Meg Max 70 30 30 70 Unit pF pF pF pF
Pin Configurations
Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
*TBD
Pin Name VSS VCC VPP G# W0# W1# NC DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DQ24 DQ25 DQ26 DQ27 DQ28
Pin # 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Pin Name * * * * VSS DQ29 DQ30 DQ31 W2\ NC NC A20 A19 A18 A17 A16 A15 A14 A13 A12
Pin # 41 42 43 44 45 461 47 48 49 50 51 52 53 54 55 56 57 58 59 60
Pin Name A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 AO W3# VSS DQ15 DQ14 DQ13 DQ12 DQ11 DQ10
Pin # 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80
Pin Name DQ9 DQ8 DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0 VPP VCC PD1 PD2 PD3 PD4 PD5 PD6 PD7 VSS
SIMM Density Pin 21 22 23 24 2Meg NC NC NC E0# Presence Detect Pin Out Pin PD1 PD2 PD3 PD4 A0-A20 E0#, E1# W0#-W3# G# DQ0-DQ31 PD VCC VSS NC VPP 2Meg VSS NC VSS VSS Address input Chip Enable Write Enable Output Enable Data Input/Output Presence Detect Power 3.0V -10% +20% Ground No Connect Program Power 2.7V - 12.5V 2x2Meg NC VSS VSS VSS 2x2Meg NC NC E1# EO#
White Electronic Designs Corp. reserves the right to change products or specifications without notice. Sept. 2002 Rev. 2A 2 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
Ordering Information
Part Number EDI7F342MV120BNC EDI7F342MV150BNC Speed (ns) 120 150 Package 364 364
EDI7F342MV
Package No. 364: 80 PIN SIMM (JEDEC)
4.655 MAX. 4.384
P 9 G 8 2 3 4 5 6
0.125 DIA (2x)
0.120 MAX. 0.850 MAX. 0.400 0.125 MIN.
0.250
1 P1
7
0.050 TYP. R0.062 (2x) 2.245
0.250
4.150 2.192
Ordering Information
Part Number EDI7F2342MV120BNC EDI7F2342MV150BNC Speed (ns) 120 150 Package 365 365
Package No. 365: 80 PIN SIMM (JEDEC)
4.655 MAX. 4.384
P 9 G 8 2 3 4 5 6
0.125 DIA (2x)
0.170 MAX. 0.850 MAX. 0.400
0.250
1 P1
7
0.050 TYP. R0.062 (2x) 2.245
0.250
4.150 2.192
0.125 0.225 MIN MIN
ALL DIMENSIONS ARE IN INCHES
White Electronic Designs Corp. reserves the right to change products or specifications without notice. Sept. 2002 Rev. 2A 3 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com


▲Up To Search▲   

 
Price & Availability of EDI7F342MV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X