Part Number Hot Search : 
NCP1570D SDR4432 SNG20620 PSMN3R MSM6652A 07197 IR3P69 BTA44
Product Description
Full Text Search
 

To Download DL4151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l l l Fast Switching Speed
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
DL4151
High Reverse Breakdown Voltage Low Forward Voltage Drop High Conductance
Schottky Barrier Switching Diode
Mechanical Data
l Case: MiniMELF, Glass l Terminals: Solderable per MIL-STD-202, Method 208 l Polarity: Indicated by Cathode Band
MINIMELF
Cathode Mark
l Weight: 0.05 grams ( approx.) Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current(Note1) Power Dissipation(Note 1) Thermal Resistance(Note 1) Operation/Storage Temp. Range
Symbol
VRRM V RWM VR V R(RMS) IFM Pd R Tj, TSTG
DL4151
75
Unit
V
A B
C
50 500 500 350 -55 to 150
V mA mW K/W
o
DIMENSION DIM A B C INCHES MIN .134 .008 .055 MAX .142 .016 .059 MIN 3.40 0.20 1.40 MM MAX 3.60 0.40 1.50 NOTE
C
Electrical Characteristics @ 25 C Unless Otherwise Specified
o
Charateristic Reverse Leakge Current. Forward Volt. Drop Junction Capacitance Reverse Recovery Time
Symbol Min IRM V FM Cj trr -----------------
Max 50 1 2.0 2.0
Unit
Test Cond.
SUGGESTED SOLDER PAD LAYOUT
0.105
nA VR=50V V pF ns IF=50mA V R =0V, f=1.0MHz I F =10mA, IR=1mA , VR= 6V R L =100OHM
0.075"
Note: 1. Valid provided that electrodes are kept at
ambient temperature
0.030"
www.mccsemi.com
DL4151
Figure 1 Typical Forward Characteristics 20 10 6 4 500 2 MilliAmps 1 .6 .4 .2 25C .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 100 400 600
MCC
Figure 2 Forward Derating Curve
300 MilliWatts 200
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Admissable Power Dissipation - MilliWattsversus Ambient Temperature - C 125 150 175
Figure 3 Junction Capacitance
10 6 4 2 pF 1 .6 .4 .2 .1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
DL4151
Figure 4 Typical Reverse Characteristics 1000 600 400 200 100 60 40 20 10 NanoAmps 6 4 2 1 .6 .4 .2 .1 20 40 60 TJ Instantaneous Reverse Leakage Current - NanoAmperes versus Junction Temperature - C 80 100 120 140 TA=25C 100 0 1 4 6 MilliAmps 600 500 400 300 200
MCC
Figure 5 Peak Forward Surge Current
2
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of DL4151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X