Part Number Hot Search : 
EDZ22 2SB1166 B53TP25C 2R600 780308 61100 N2112 25AA1
Product Description
Full Text Search
 

To Download CEFB101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Efficient Fast Recovery Rectifier
COMCHIP
www.comchip.com.tw
CEFB101 Thru CEFB105
Reverse Voltage: 50 - 600 Volts Forward Current: 1.0 Amp
Features
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Super fast recovery time for high efficient Built-in strain relief Low forward voltage drop
SMB/DO-214AA
0.083(2.11) 0.075(1.91) 0.185(4.70) 0.160(4.06)
0.155(3.94) 0.130(3.30)
Mechanical Data
0.096(2.44) 0.083(2.13)
0.012(0.31) 0.006(0.15)
Case: JEDEC DO-214AA molded plastic Terminals: solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting position: Any Approx. Weight:0.093 gram
0.050(1.27) 0.030(0.76)
0.220(5.59) 0.200(5.08)
0.008(0.20) 0.203(0.10)
Dimensions in inches and (millimeter)
Maximum Ratings and Electrical Characterics
Parameter Max. Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load ( JEDEC method ) Max. Average Forward Current Max. Instantaneous Forward Current at 1.0 A Reverse recovery time Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25 C Ta=100 C Max. Thermal Resistance (Note 1) Operating Junction Temperature Storage Temperature Symbol VRRM VDC VRMS IFSM CEFB 101 50 50 35 CEFB 102 100 100 70 CEFB 103 200 200 140 CEFB 104 400 400 280 CEFB 105 600 600 420
Unit
V V V A
30
Io VF Trr IR R
0.875 25
1.0
1.1 35 1.25 50
A V nS uA
5.0 250 13 -55 to +150 -55 to +150
JL
C/W C C
Tj TSTG
Note 1: Thermal resistance from junction to lead P.C.B. Mounted on 8.0x8.0 mm copper pad areas.
MDS0208004C
Page 1
SMD Efficient Fast Recovery Rectifier
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (CEFB101 Thru CEFB105)
Fig. 1 - Reverse Characteristics
100
10
Fig.2 - Forward Characteristics
CEFB101-103
Reverse Current ( uA )
Tj=125 C 10
Forward current ( A )
1.0
CEFB104
1.0
Tj=75 C
0.1
CEFB105
0.01
Tj=25 C Pulse width 300uS 4% duty cycle
0.1
Tj=25 C
0. 01 0
0.001
15
30 45 60 75 90 105 120 135 150
0 0.2
0.4
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 - Junction Capacitance
35 30
Fig. 4 - Non Repetitive Forward Surge Current
Peak Surge Forward Current ( A )
50
8.3mS Single Half Sine Wave JEDEC methode
f=1MHz and applied 4VDC reverse voltage Tj=25 C
Junction Capacitance (pF)
40
25 20
30 Tj=25 C 20
CEFB101-103
15 10 5 0
CEFB104-105
10 0
0.01
0.1
1.0
10
100
1
5
10
50
1 00
Reverse Voltage (V)
Number of Cycles at 60Hz
Fig. 5 - Test Circuit Di agram and Reverse Recovery Time Characteristics
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A
Fig. 6 - Current Derating Curve
2.8
Average Forward Current ( A )
trr
| | | | | | | |
2.4 2.0 1.6 1.2 0.8 0.4 00
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+) 0 -0.25A
Single Phase Half Wave 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
25
50
75
100
125
150
175
Ambient Temperature ( C)
MDS0208004C
Page 2


▲Up To Search▲   

 
Price & Availability of CEFB101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X