Part Number Hot Search : 
1N970 C934TA 2N4956 1N916B 2N4015 ESDA1 NX5032S S20D35PT
Product Description
Full Text Search
 

To Download CD1N4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IS/ISO 9002 Lic# QSC/L- 000019.2
IS / IECQC 700000 IS / IECQC 750100
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CD1N4148 DO-35, 500mW
MARKING: Cathode band + 4148 ( no body coat)
General purpose applications. Hermetically sealed glass and the glass passivated chip Provides excellent stability. ABSOLUTE MAXIMUM RATINGS (Ta=25 deg C otherwise specified) DESCRIPTION SYMBOL Peak Repetitive Reverse Voltage VRRM Reverse Voltage (Continuous) VR Average Forward Current IF(AV) IF Forward Current (DC) IFRM Repetitive Peak Forward Current IFSM Non Repetitive Peak Surge Current tp=1usec IFSM tp=1sec Power Dissipation PTA Derating Factor Operating & Storage Junction Temperature Tj, Tstg Range ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST CONDITION Forward Voltage Reverse Current Reverse Breakdown Voltage DYNAMIC CHARACTERISTICS Diode Capacitance Forward Recovery Voltage Reverse Recovery Time VF IR VBR IF=10mA VR=20V VR=75V IR=100uA IR=20uA VR=0V, f=1MHz IF=50mA, tr=20ns IF=10mA, to IR=60mA RL=100ohms Measured @ IR=1mA
VALUE 80 75 150 200 450 2000 500 500 2.85 -65 to +200
UNIT V V mA mA mA mA mA mW mW/deg C deg C
MIN 80 75 -
TYP MAX 1.0 500 20 4.0 2.5 4.0
UNIT V nA uA V V pF V ns
Cd Vfr trr
Data Sheet
Page 1 of 3
DO-35 Glass Axial Package
DO-35, 52mm Taping Specification
On request also available in 26 mm Tape and Ammo Pack
Data Sheet
Page 2 of 3
Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-579 6150 Fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com
Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CD1N4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X