Part Number Hot Search : 
GK2171 2N1008 BR20100 10211 AD1858 WP44GD 2SK38 XXXDB1
Product Description
Full Text Search
 

To Download CCM02-2503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CCM02 MK II
EMVTM compatible
The CCM02 MK II connectors with landing contacts are dedicated for applications where the reader usage is high and the life span of the card is a key consideration. A connector with contacts which land on the card, rather than slide over it, should be specified so as to minimize card wear. The CCM02 has been redesigned to give an even higher performance in a compact, affordable package. Features * 500,000 card insertion cycles. * The contacts do not touch the card until it is almost fully inserted - A minimal wiping action removes any non-conductive material. * The connector has been designed to give a positive indication once the card has been fully inserted. * The reduced size of the contact base saves PCB space, making the connector more stable during surface mounting, and creates an air gap between the contacts and card entry slot, which reduces the risk of an electrostatic transfer to the PCB. * For added reliability, the integrated card end-travel switch, which is normally open, is sealed against dust and grit. * By using an inlay finish in the contact area, the life of the precious metal is extended by more than 10 times that of standard gold plating. * The contact area is spooned to reduce the risk of accidental (or deliberate) damage and to optimize the electrical connection with the card. * Snap-locks underneath the molding position and hold the connector on the PCB, and give additional support to the contact terminals. * The plastic moldings are made from a high temperature thermoplastic suited for infrared and convection soldering processes.
EMVTM is a trademark owned by EMVCoLLC.
Construction Contacts Plating Moldings Spring Card detection switch actuator Mechanical Data Number of Contacts Mechanical life Card insertion force Card extraction force Contact force Card detection switch actuation force Vibration Shock Contact Electrical Data Insulation resistance Resistance Current rating Dielectric strength Switch Electrical Data Card detection switch Contact resistance Dielectric strength Current rating Maximum power Environmental Data Operating temperature Soldering temperature Damp heat Salt mist Card detection switch Ordering Code Part Number CCM02-2503 CCM02-2504 CCM02-2508 CCM02-2511 CCM02-2512 CCM02-2758 CCM02-2763 CCM02-2765 CCM02-2766 Packaging 30 per tray, 10 trays per box.
Dimensions are shown in mm Dimensions subject to change
Copper alloy Contact area : Gold alloy inlay Terminals: Tin lead (2 min) High temp. thermoplastic UL 94V-0 rated Stainless steel Stainless steel 8 500,000 cycles min 10 N max 1 N min / 10 N max 0.25 N min / 0.5 N max 0.8 N max for actuation (end travel switch actuates when card is 1,0 mm from card stop) 1.8 N max for complete depression Frequency 10 to 500 Hz. Acceleration 50m/s2 Duration 6 hours - amplitude 0,35 mm Max electrical discontinuity 1s Peak value 500 m/s2 - Duration 11 ms 3 shocks in each direction of each axis Max electrical discontinuity 1 s 1,000 M min 100 m max 10 A min / 1 A max 750 Vrms min
Normally open 100 m max 250 Vrms min 1 mA min / 10 mA max 0.2 VA
-40C to +85C Temperature/time profile acc. to CECC00802 para. 6.1, Fig. 3 with peak temperature 250C IEC 512 test number 11c (10 days) IEC 512 test number 11f (96 hours) Sealed IP 54
Number of Contacts 8 8 8 8 8 8 8 8 8
Termination PCB Tails Design Locating Through Hole 4 Board Lock (PCB 1.6 mm thick) SMT 4 Board Lock (PCB 1.6 mm thick) SMT 2 Pegs Through Hole 4 Pegs SMT 4 Pegs SMT 2 Pegs (without cover) SMT 4 Board Lock + 2 Pegs Through Hole 4 Board Lock (PCB 1mm thick) SMT 4 Board Lock (PCB 1mm thick)
Packaging Multiple 300 300 300 300 300 300 300 300 300
www.ittcannon.com
15
CCM02 MK II
Dimensional Drawings CCM02-2504 (8 contacts SMT - 4 board lock)
55,6 0,2 1,6 PCB Thickness 4,30,2 0,65 1,8 6,25 54,3 0,95 Embossed Channel DETAIL A 55,6 (REF.) 0,20,15 50 (REF.) 38,5 (REF.) COUPE A-A 5,75 Card stop 10,25 7,70,3 Pick and place area o13 Card insertion direction 4,150,3 Card entry 0,8 3,2 (REF.) 13,8 (REF.) SEE DETAIL A +0,4 3,2 -0,2 0 13,8 -0,3 0,8
19,12 4 Snap Feet 52 A Designation & Date-Code area "CCM02" marking is optional A
5x 2,54 4x o0,2 A B
CCM022504 XXXX
3,15
38,5
B
10
0 13,8 -0,3
14
A 10x 0,3 A 1
PCB Layout CCM02-2504 (8 contacts SMT - 4 board lock)
(Component side) 19,12 21,66 24,2 26,74 29,28 31,82
10 1,5 8,84 Card end travel switch terminals 0,8 x 1
3,1
C1 C2 C3 C4
3,2
Plastic outline Contact foot area 0,8 x 1 Pad
0
1,7
SW SW
52
14 C5 C6 C7 C8 20 1,8 Contact location according to ISO 7816-2 1,3 10x 0,2 4x o0,1 +0,1 o 3,2 0
1,5
3,81 3,81 0 27,6 -0,6
Drawings shown for reference only. For other part numbers please consult your local Cannon Customer Service Center.
25,3
Unless otherwise stated, tolerances are 0,10 mm
20
15,7
Dimensions are shown in mm Dimensions subject to change
www.ittcannon.com
16


▲Up To Search▲   

 
Price & Availability of CCM02-2503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X