Part Number Hot Search : 
M100D C1501 SB820FCT 320F280 C9870G 1209S 1N5834 AP3983E
Product Description
Full Text Search
 

To Download C8051F044 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C8051F044
25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
Analog Peripherals
10-Bit ADC
High-Speed 8051 C Core
-
-
1 LSB INL; guaranteed monotonic Programmable throughput up to 100 ksps 13 external inputs; programmable as single-ended or differential Programmable amplifier gain: 16, 8, 4, 2, 1, 0.5 Data-dependent windowed interrupt generator Built-in temperature sensor (3 C) 60 V common mode input range Offset adjust from -60 to +60 V 16 gain settings from 0.05 to 16
Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks Up to 25 MIPS throughput with 25 MHz system clock Expanded interrupt handler 4352 bytes data RAM 64 kB Flash; in-system programmable in 512-byte sectors (512 bytes are reserved) External parallel data memory interface 32 message objects "Mailbox" implementation only interrupts CPU when needed 64 port I/O; all are 5 V tolerant Hardware SMBusTM (I2CTM compatible), SPITM, and two UART serial ports available concurrently Programmable 16-bit counter array with 6 capture/compare modules 5 general-purpose 16-bit counter/timers Dedicated watchdog timer; bidirectional reset Real-time clock mode using timer 3 or PCA Internal programmable 2% oscillator: up to 25 MHz External oscillator: Crystal, RC, C, or Clock 100-pin TQFP (standard lead and lead-free packages) Lead-free package: C8051F044-GQ Standard package: C8051F044
UART0 UART1
P0.0 P0.7
Memory
High-Voltage Differential Amplifier
CAN Bus 2.0B Digital Peripherals
Three Comparators Internal Voltage Reference Precision VDD Monitor/Brown-out Detector
On-Chip JTAG Debug & Boundary Scan
-
On-chip debug circuitry facilitates full speed, non-intrusive in-system debug (no emulator required) Provides breakpoints, single stepping, watchpoints, stack monitor, program trace memory Inspect/modify memory and registers Superior performance to emulation systems using ICE-chips, target pods, and sockets IEEE1149.1 compliant boundary scan Typical operating current: 10 mA at 25 MHz Multiple power saving sleep and shutdown modes
Clock Sources Package Ordering Part Numbers
Supply Voltage: 2.7 to 3.6 V Temperature Range: -40 to +85 C
VDD VDD VDD DGND DGND DGND AV+ AV+ AV+ AGND AGND AGND TCK TMS TDI TDO RST
Digital Power
Analog Power
JTAG Logic
Boundary Scan Debug HW
Reset
8 0 5 1 C o r e
P0 Drv
SFR Bus
SMBus SPI Bus PCA Timers 0,1,2,3,4
64 kB FLASH 32x136 CANRAM 256 byte RAM 4 kB XRAM
MONEN
VDD Monitor External Oscillator Circuit
VREF
Port 0,1,2,3 &4 Latches
C R O S S B A R
P1 Drv
P1.0 P1.7
P2 Drv
P2.0/CPx P2.7/CPx
P3 Drv
P3.0/AINAMUX0 P3.7/AINAMUX7 CANTX CANRX
WDT
XTAL1 XTAL2
VREF
CAN 2.0B
System Clock
Internal 2% Oscillator
CP0 CP1 CP2
+ + + -
P2.0 P2.1 P2.2 P2.3 P2.4 P2.5
VREF0 AIN0.0 AIN0.1 AIN0.2 AIN0.3
A M U X
Prog Gain
ADC 100 ksps (10-Bit)
P4.0
Port 4
External Data Memory Bus
Bus Control Address [15:0]
P4 DRV Ctrl Latch P5 Latch Addr [7:0] P6 Latch Addr [15:8] P7 Latch P5 DRV P6 DRV P7 DRV
P4.4 P4.5/ALE P4.6/RD P4.7/WR P5.0/A0 P5.7/A7 P6.0/A8 P6.7/A15 P7.0/D0 P7.7/D7
TEMP SENSOR
HVAIN+
HVAMP
A M U X
8:2
Data [7:0]
HVAINHVREF HVCAP
Data Latch
CAN 2.0B
Copyright (c) 2005 by Silicon Laboratories
5.5.2005
C8051F044
25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU Selected Electrical Specifications
(TA = -40 to +85 C, VDD = 2.7 V unless otherwise specified) Parameter Global Characteristics Supply Voltage Supply Current with CPU active Supply Current (shutdown) Clock Frequency Range A/D Converter Resolution Integral Nonlinearity Differential Nonlinearity Signal-to-Noise Plus Distortion Throughput Rate Input Voltage Range Comparators Supply Current Response Time (each Comparator) (CP+ - CP-) = 100 mV -- -- 1.5 4 -- -- A s Guaranteed Monotonic 59 -- 0 -- -- -- -- -- 10 -- -- 1 1 -- 100 VREF bits LSB LSB dB ksps V Clock = 25 MHz Clock = 1 MHz Clock = 32 kHz; VDD Monitor Enabled Oscillator off; VDD Monitor Disabled 2.7 -- -- 10 0.5 20 0.1 -- 3.6 -- V mA mA A A MHz Conditions Min Typ Max Units
-- DC
-- 25
Package Information
D D1
C8051F040DK Development Kit
MIN NOM MAX (mm) (mm) (mm) A 1.20 0.15
A1 0.05
A2 0.95 1.00 1.05 b 0.17 0.22 0.27 D
E1 E
-
16.00 14.00 0.50 16.00 14.00
-
D1 e E E1
100 PIN 1 DESIGNATOR
1 e A b A1
A2
CAN 2.0B
Copyright (c) 2005 by Silicon Laboratories
5.5.2005
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc. Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders


▲Up To Search▲   

 
Price & Availability of C8051F044

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X