Part Number Hot Search : 
AL16L AN3220 PST8426N 16386 35102 NCV8871 05S12 US2419
Product Description
Full Text Search
 

To Download C8051F043 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C8051F043
ANALOG PERIPHERALS
10-bit ADC 1LSB INL; Guaranteed Monotonic Programmable Throughput up to 100ksps 12 External Inputs; Programmable as Single-Ended or Differential Programmable Amplifier Gain: 16, 8, 4, 2, 1, 0.5 Data Dependent Windowed Interrupt Generator Built-in Temperature Sensor ( 3C) High-Voltage Differential Amplifier 60V Common Mode Input Range Offset Adjust from -60V to +60V 16 Gain Settings from 0.05 to 16 8-bit ADC Programmable Throughput up to 500ksps 8 External Inputs; Programmable as Single-Ended or Differential Programmable Amplifier Gain: 4, 2, 1, 0.5 Two 12-bit DACs Three Comparators Internal Voltage Reference Precision VDD Monitor/Brown-out Detector
CAN2.0B 64KB ISP FLASH MCU
PRELIMINARY
HIGH SPEED 8051 C CORE
-
Pipe-lined Instruction Architecture; Executes 70% of Instructions in 1 or 2 System Clocks Up to 25MIPS Throughput with 25MHz System Clock Expanded Interrupt Handler 4352 Bytes Internal Data RAM (256 + 4k) 64k Bytes In-System Programmable FLASH Program Memory External 64k Byte Data Memory Interface 32 Message Objects "Mailbox" implementation only interrupts CPU when needed 32 Port I/O; All are 5V tolerant Hardware SMBusTM (I2CTM Compatible), SPITM, and Two UART Serial Ports Available Concurrently Programmable 16-bit Counter Array with 6 Capture/Compare Modules Five General Purpose 16-bit Counter/Timers Dedicated Watch-Dog Timer; Bi-directional Reset Internal Programmable 2% Oscillator: Up to 25MHz External Oscillator: Crystal, RC, C, or Clock Real-Time Clock Mode using Timer 3 or PCA Typical Operating Current: 10mA @ 25MHz Multiple Power Saving Sleep and Shutdown Modes
MEMORY
CAN Bus 2.0B DIGITAL PERIPHERALS
ON-CHIP JTAG DEBUG & BOUNDRY SCAN
VDD VDD VDD DGND DGND DGND AV+ AV+ AGND AGND TCK TMS TDI TDO /RST
On-Chip Debug Circuitry Facilitates Full Speed, Non-Intrusive InSystem Debug (No Emulator Required!) Provides Breakpoints, Single Stepping, Watchpoints, Stack Monitor, Program Trace Memory Inspect/Modify Memory and Registers Superior Performance to Emulation Systems Using ICE-Chips, Target Pods, and Sockets IEEE1149.1 Compliant Boundary Scan
Digital Power
CLOCK SOURCES
SUPPLY VOLTAGE ......................... 2.7V to 3.6V 64-Pin TQFP; Temp Range -40C to +85C
UART0 UART1 P0 Drv
P0.0 P0.7
Analog Power
JTAG Logic
Boundary Scan Debug HW
Reset
8 0 5 1 C o r e
SFR Bus
SMBus SPI Bus PCA Timers 0,1,2,3,4
64K byte FLASH 32x136 CANRAM 256 byte RAM 4K byte XRAM
MONEN
VDD Monitor External Oscillator Circuit
VREF DAC1 (12-Bit) DAC0 (12-Bit)
Port 0,1,2,3 &4 Latches
C R O S S B A R
P1 Drv
P1.0/AIN1.0 P1.7/AIN1.7
P2 Drv
P2.0/CPx P2.7/CPx
WDT
P3 Drv
P3.0/AIN0.6 P3.7/AIN0.7 CTX0 CRX0
XTAL1 XTAL2 VREF
CAN 2.0B
ADC 500KS/s (8-Bit)
VREFA
CP1 CP2
Prog Gain
System Clock
A M U X
8:1
DAC1
Internal 2% Oscillator
CP0
+ + + -
P2.0 P2.1 P2.2 P2.3 P2.4 P2.5
DAC0 VREFA AIN0.0 AIN0.1 AIN0.2 AIN0.3
A M U X
Prog Gain
ADC 100ksps (10-Bit)
Port 4
External Data Memory Bus
Bus Control Address [15:0]
P4 DRV Ctrl Latch P5 Latch Addr [7:0] P6 Latch Addr [15:8] P7 Latch P5 DRV P6 DRV P7 DRV
TEMP SENSOR
A M U X
HVAIN+
HVAMP
8:2
Data [7:0]
Data Latch
HVAINHVREF HVCAP
8.6.2002
C8051F043
CAN2.0B 64KB ISP FLASH MCU
PRELIMINARY
SELECTED ELECTRICAL SPECIFICATIONS TA = -40C to +85C, VDD = 2.7V unless otherwise specified. PARAMETER CONDITIONS MIN TYP MAX UNITS GLOBAL CHARACTERISTICS Supply Voltage 2.7 3.6 V Supply Current (CPU Clock=25MHz 10 mA active) Clock=1MHz 0.5 mA Clock=32kHz; VDD Monitor Enabled 20 A Supply Current Oscillator not running; VDD Monitor 0.1 A (shutdown) Disabled Clock Frequency Range DC 25 MHz A/D CONVERTER Resolution 10 bits Integral Nonlinearity LSB 1 Differential Nonlinearity Guaranteed Monotonic LSB 1 Signal-to-Noise Plus 59 dB Distortion Throughput Rate 100 ksps Input Voltage Range 0 VREF V D/A CONVERTERS Resolution 12 LSB Differential Nonlinearity LSB 1 Output Settling Time 10 s COMPARATORS Supply Current (each Comparator) 1.5 A Response Time | CP+ - CP- | = 100mV 4 s
PACKAGE INFORMATION
D D1
C8051F040DK DEVELOPMENT KIT
MIN NOM MAX (mm) (mm) (mm) A 1.20 0.15 1.05
A1 0.05
E1 E
A2 0.95 b
0.17 0.22 0.27 12.00 10.00 0.50 12.00 10.00 -
64 PIN 1 DESIGNATOR 1 A2 e A b A1
D D1 e E E1
SPI is a trademark of Motorola, Inc.; SMBus is a trademark of Intel Corp.; I2C is a trademark of Philips Semiconductors


▲Up To Search▲   

 
Price & Availability of C8051F043

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X