Part Number Hot Search : 
RS407 N271MP PL3843B 5N50E S3330 XLU12 2SC4275 MFW2815D
Product Description
Full Text Search
 

To Download BYT1300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYT86/1300
Vishay Telefunken
Fast Recovery Silicon Power Rectifier
Features
D D D D D D D
Multiple diffusion Low switch on power losses Good soft recovery behaviour Fast forward recovery time Fast reverse recovery time Low reverse current Very good reverse current stability at high temperature
14282
D Low thermal resistance
Applications
Fast rectifiers in S.M.P.S Freewheeling diodes and snubber diodes in motor control circuits
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage =Repetitive peak reverse voltage Peak forward surge current Repetitive peak forward current Average forward current Junction and storage temperature range Test Conditions Type Symbol VR=VRRM IFSM IFRM IFAV Tj=Tstg Value 1300 50 15 5 -40...+150 Unit V A A A C
tp=10ms, half sinewave
Maximum Thermal Resistance
Tj = 25_C Parameter Junction case Junction ambient Test Conditions Symbol RthJC RthJA Value 2.4 85 Unit K/W K/W
Document Number 86037 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (3)
BYT86/1300
Vishay Telefunken Electrical Characteristics
Tj = 25_C Parameter Forward voltage g Reverse current Forward recovery time Turn on transient peak voltage Reverse recovery time Test Conditions IF=5A IF=5A, Tj=100C VR=VRRM VR=VRRM, Tj=100C IF=5A, diF/dtx50A/ms , m IF=0.5A, IR=1A, iR=0.25A Type Symbol Min VF VF IR IR tfr VFP trr Typ Max 1.8 1.8 10 0.2 Unit V V
mA
mA ns V ns
350 7 150
Dimensions in mm
14276
www.vishay.de * FaxBack +1-408-970-5600 2 (3)
Document Number 86037 Rev. 2, 24-Jun-98
BYT86/1300
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 86037 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (3)


▲Up To Search▲   

 
Price & Availability of BYT1300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X