Part Number Hot Search : 
T88151B 20120 100000 11N60N V375B 2SC4656 C3633 XAB1201
Product Description
Full Text Search
 

To Download BC846W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC 846W ... BC 850W NPN
General Purpose Transistors NPN
Surface mount Si-Epitaxial PlanarTransistors Si-Epitaxial PlanarTransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung
20.1
0.3
3
200 mW SOT-323 0.01 g
10.1
1.250.1
Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Type Code
1 2
1.3
Dimensions / Mae in mm 1=B 2=E 3=C
Maximum ratings (TA = 25/C)
BC 846W Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (DC) Peak Collector current - Kollektor-Spitzenstrom Peak Base current - Basis-Spitzenstrom Peak Emitter current - Emitter-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open VCE0 VCB0 VEB0 Ptot IC ICM IBM - IEM Tj TS 65 V 80 V 6V
2.10.1
Grenzwerte (TA = 25/C)
BC 847W BC 850W 45 V 50 V 200 mW ) 100 mA 200 mA 200 mA 200 mA 150/C - 65...+ 150/C
1
BC 848W BC 849W 30 V 30 V 5V
Characteristics (Tj = 25/C)
Group A DC current gain - Kollektor-Basis-Stromverhaltnis ) VCE = 5 V, IC = 10 :A VCE = 5 V, IC = 2 mA h-Parameters at VCE = 5V, IC = 2 mA, f = 1 kHz Small signal current gain - Stromverstarkung hfe Input impedance - Eingangs-Impedanz Output admittance - Ausgangs-Leitwert Reverse voltage transfer ratio Spannungsruckwirkung
1
Kennwerte (Tj = 25/C)
Group B typ. 150 200...450 typ. 330 3.2...8.5 kS 30 < 60 :S typ. 2 *10-4 Group C typ. 270 420...800 typ. 600 6...15 kS 60 < 110 :S typ. 3 *10-4
2
hFE hFE
typ. 90 110...220 typ. 220 1.6...4.5 kS 18 < 30 :S typ.1.5 *10-4
hie hoe hre
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% 12 01.11.2003
General Purpose Transistors Characteristics (Tj = 25/C) Min.
Collector saturation volt. - Kollektor-Sattigungsspannung 1) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base-Emitter voltage - Basis-Emitter-Spannung ) VCE = 5 V, IC = 2 mA VCE = 5 V, IC = 10 mA Collector-Base cutoff current - Kollektorreststrom IE = 0, VCB = 30 V IE = 0, VCB = 30 V, Tj = 150/C Emitter-Base cutoff current - Emitterreststrom IC = 0, VEB = 5 V Gain-Bandwidth Product - Transitfrequenz VCE = 5 V, IC = 10 mA, f = 100 MHz VCB = 10 V, IE = ie = 0, f = 1 MHz VEB = 0.5 V, IC = ic = 0, f = 1 MHz Noise figure - Rauschzahl VCE = 5 V, IC = 200 :A RG = 2 kS, f = 1 kHz, )f = 200 Hz VCE = 5 V, IC = 200 :A RG = 2 kS, f = 1 kHz, f = 30 ... 15000 Hz BC 846W... F BC 848W BC 849W... F BC 850W BC 849W BC 850W F F - - RthA - fT CCB0 CEB0 100 MHz - - IEB0 - ICB0 ICB0 - - VBEon VBEon 580 mV -
1
BC 846W ... BC 850W Kennwerte (Tj = 25/C) Typ.
90 mV 200 mV 700 mV 900 mV 660 mV - - - -
Max.
250 mV 600 mV - - 700 mV 770 mV 15 nA 5 :A 100 nA -
VCEsat VCEsat
1
- - - -
Base saturation voltage - Basis-Sattigungsspannung ) VBEsat VBEsat
Collector-Base Capacitance - Kollektor-Basis-Kapazitat 3.5 pF 9 pF 6 pF - Emitter-Base Capacitance - Emitter-Basis-Kapazitat
2 dB 1.2 dB 1.4 dB 1.4 dB
10 dB 4 dB 4 dB 4 dB 620 K/W 2)
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren BC 846AW = 1A Marking of available current gain groups per type Stempelung der lieferbaren Stromverstarkungsgruppen pro Typ BC 847AW = 1E BC 848AW = 1J
BC 856W ... BC 860W BC 846BW = 1B BC 847BW = 1F BC 848BW = 1K BC 849BW = 2B BC 850BW = 2F BC 847CW = 1G BC 848CW = 1L BC 849CW = 2C BC 850CW = 2G
) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% ) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 01.11.2003
1 2
13


▲Up To Search▲   

 
Price & Availability of BC846W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X