Part Number Hot Search : 
F22V1 G2120 6960HR DG411DK ABC3821 LL4002 LT350 ADNS2051
Product Description
Full Text Search
 

To Download BAV99 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
BAV99
Low Current Leakage Low Cost Small Outline Surface Mount Package
C/A Pin Configuration Top View
350mW 75Volt Dual Series Switching Diode
SOT-23
C
A D
A7
A
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 357K/W Junction To Ambient
F E
C
B
Electrical Characteristics @ 25C Unless Otherwise Specified
Reverse Voltage Average Rectified Output Current Power Dissipation Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance Reverse Recovery Time VR IO PTOT IFSM 75V 150mA 350mW 1.0A
G
H
J
DIMENSIONS INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015 MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
t=1s,Non-Repetitive
VF
855mV
IR
2.5A 50A 2.0pF
IFM = 10mA; TJ = 25C* VR=75Volts TJ = 25C TJ = 150C
DIM A B C D E F G H J K
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
Suggested Solder Pad Layout
.031 .800 .035 .900 .079 2.000 inches mm
Measured at 1.0MHz, VR=0V Trr 4nS IF=10mA VR = 0V RL=500 *Pulse test: Pulse width 300 sec, Duty cycle 2%
CJ
.037 .950 .037 .950
www.mccsemi.com
BAV99
MCC
10,000
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
IR, LEAKAGE CURRENT (nA)
100
1000
10
100
1.0
10
0.1
VR = 20V
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
1
0
100
200
Tj, JUNCTION TEMPERATURE (C) Fig. 2 Leakage Current vs Junction Temperature
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of BAV99

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X