Part Number Hot Search : 
C3200 32LD320N GRM1555C S25A3100 1N4106 SP207BCT HEF40 10165N
Product Description
Full Text Search
 

To Download BA596 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BA 596
Silicon PIN Diode
Preliminary Data
q q q
BA 596
Current-controlled RF resistor for switching and attenuating applications. Frequency range above 1 MHz Designed for low IM distortion
Type BA 596
Marking white P
Ordering Code (tape and reel) Q62702-A954
Pin Configuration
Package1) SOD-323
Maximum Ratings Parameter Reverse voltage Forward current Operating temperature range Storage temperature range Thermal Resistance Junction - ambient Rth JA
Symbol VR IF Top Tstg
Values 50 50 - 55 ... + 150
Unit V mA
- 55 ... + 125 C
450
K/W
1)
For detailed information see chapter Package Outlines.
BA 596
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Forward voltage IF = 50 mA Reverse current VR = 50 V Diode capacitance f = 1 MHz, VR = 50 V f= 100 MHz, VR = 0 V Forward resistance f = 100 MHz IF = 10 A IF = 1 mA IF = 10 mA Zero bias conductance f = 100 MHz, VR = 0 V Series inductance Symbol min. VF IR CT - - rf - - 6.5 gp LS - - 2400 58 7.8 40 2 - - 10 - -
S
Values typ. - - max. 1.15 50 - -
Unit V nA pF
0.23 0.2
0.35 -
nH
Diode capacitance CT = f (VR) f = 1 MHz / f = 100 MHz
Forward resistance rf = f (IF) f = 100 MHz


▲Up To Search▲   

 
Price & Availability of BA596

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X