Part Number Hot Search : 
MMBT4 M3E64ZQX SK156 1SS244 RUST2008 PG3202 K1560G3 128J3
Product Description
Full Text Search
 

To Download AT90SC12836RCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
General
* High-performance, Low-power secureAVRTM Enhanced RISC Architecture * * * * * *
- 137 Powerful Instructions (Most Executed in a Single Clock Cycle) Low Power Idle and Power-down Modes Bond Pad Locations Conforming to ISO 7816-2 ESD Protection to 6000V Operating Ranges: 2.7 to 5.5V Compliant with GSM, 3GPP and EMV 2000 Specifications; PC Industry Compatible Available in Wafers, Modules, and Industry-standard Packages
Memory
* 128K Bytes of ROM Program Memory * 36K Bytes of EEPROM, Including 128 OTP Bytes and 384-byte Bit-addressable Area
- 1 to 128-byte Program / Erase - 1.25ms Program / 1.25ms Erase - Typically More than 500,000 Write/Erase Cycles at a Temperature of 25oC - 10 Years Data Retention EEPROM Erase Only Mode Write EEPROM With or Without Autoerase 5K Bytes of RAM 32K Bytes of ROM Dedicated to Atmel's Crypto-library
Secure Microcontroller for Smart Cards AT90SC 12836RCT Summary
* * * *
Peripherals
* One I/O Port * ISO7816 Controller * * * * * * * *
- Up to 625 kbps at 5 MHz - Compliant with T= 0 and T= 1 Protocols Programmable Internal Oscillator - Up to 20 MHz on ROM - Up to 40 MHz for Cryptographic Accelerator Two 16-bit Timers Random Number Generator (RNG) 2-level, 8-vector Interrupt Controller 32-bit Cryptographic Accelerator for Public Key Operations Including - RSA, DSA, ECC, Diffie-Hellman Hardware DES and Triple DES DPA Resistant Checksum Accelerator CRC 16 & 32 Engine (Compliant with ISO/IEC 3309)
Security
* * * * * * * *
Dedicated Hardware for Protection Against SPA/DPA Attacks Advanced Protection Against Physical Attack, Including Active Shield Environmental Protection Systems Voltage Monitor Frequency Monitor Light Protection Temperature Monitor Secure Memory Management/Access Protection (Supervisor Mode)
Development Tools
* Voyager Emulation Platform (ATV2 Standard) to Support Software Development * IAR Systems EWAVR(R) V3.10 Debugger or Atmel's AVR Studio(R) Version 4.07 or Above * Software Libraries and Application Notes
6508AS-SMIC-17Jun04
Note: This is a summary document. A complete document will be available under NDA. For more information, please contact your local Atmel sales office.
Description AT90SC12836RCT is a low power, high performance, 8/16-bit microcontroller based on the secureAVR TM enhanced RISC architecture, with ROM program memory and EEPROM data memory. By executing powerful instructions in a single clock cycle, the AT90SC12836RCT achieves throughputs close to 1 MIPS per MHz. Its Harvard architecture includes 32 general-purpose working registers directly connected to the ALU, allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The AT90SC12836RCT uses the secureAVRTM this allows the linear addressing of up to 8M bytes of code and up to 16M bytes of data as well as a number of new functional and security features. The AT90SC12836RCT includes 36K bytes of Atmel's high density, non volatile memory. The crypto engine featured in the AT90SC series is the AdvXTM, a 32-bit accelerator dedicated to perform fast encryption or authentication functions. Additional security features include power and frequency protection logic, logical scrambling on all data and addresses, Power Analysis countermeasures and memory accesses controlled by a supervisor mode. Figure 1 shows the AT90SC12836RCT block diagram. Figure 1. AT90SC12836RCT secureAVR Enhanced RISC Architecture
Data Bus 8-bit RNG OTP EEPROM User Memory ROM ATMEL Program Memory 16 Instruction Register 16 Instruction Decoder 16 Control Lines Status Register ALU 8 Access Control Access Control General Purpose Registers X Y Z 8 8 AdvX CryptoAccelerator RAM Data Memory Interrupt Unit ISO 7816 Controller ISO 7816 I/O Port 0 Timer DES/ Triple DES DPA Counter Measures CRC and Checksum Accelerator Reset Circuit RST IN/OUT0 Secure Control CLK GND VCC
PC
2
AT90SC12836RCT
6508AS-SMIC-17Jun04
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
ATMEL (R), AVR (R) and AVRstudio (R) are registered trademarks of Atmel; secureAVR
TM
and AdvX
TM
are trademarks of Atmel.
EWAVR (R) is a registered trademark of IAR Systems AB. Other terms and product names may be the trademark of others.
Printed on recycled paper.
6508AS-SMIC-17Jun04


▲Up To Search▲   

 
Price & Availability of AT90SC12836RCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X