Part Number Hot Search : 
MAX354 MDR6100 TMP87P 500SDF KS57C ENA1001 75002 S6010LS2
Product Description
Full Text Search
 

To Download APM4463KC-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APM4463K
P-Channel Enhancement Mode MOSFET
Features
*
-20V/-10A , RDS(ON)=12m(typ.) @ VGS=-4.5V RDS(ON)=18m(typ.) @ VGS=-2.5V
Pin Description
D D
D D
* * * *
S S S G
Super High Dense Cell Design Reliable and Rugged SOP-8 Package Lead Free Available (RoHS Compliant)
Top View of SOP - 8
(1, 2, 3) S SS
Applications
(4) G
*
Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems
DD DD (5, 6, 7, 8)
P-Channel MOSFET
Ordering and Marking Information
APM 4463 Lead Free Code Handling Code Tem p. Range Package Code Package Code K : SO P-8 Operating Junction Tem p. Range C : -55 to 150C Handling Code TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : O riginal Device XXXXX - Date Code
APM 4463 K :
APM 4463 XXXXX
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 1 www.anpec.com.tw
APM4463K
Absolute Maximum Ratings
Symbol VDSS VGSS ID* IDM* IS* TJ TSTG PD* RJA*
Note: *Surface Mounted on 1in pad area, t 10sec.
2
(TA = 25C unless otherwise noted)
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Diode Continuous Forward Current Maximum Junction Temperature Storage Temperature Range Maximum Power Dissipation Thermal Resistance-Junction to Ambient TA=25C TA=100C VGS=-4.5V
Rating -20 16 -10 -40 -2.3 150 -55 to 150 2 0.8 62.5
Unit V A A C W C/W
Electrical Characteristics
Symbol Parameter
(TA = 25C unless otherwise noted)
Test Condition
APM4463K Min. -20 -1 -30 -0.7 -0.9 12 18 -0.7 5 4540 1100 810 40 40 170 90 60 60 270 150 -1.5 100 17 25 -1.3 Typ. Max.
Unit
Static Characteristics BVDSS Drain-Source Breakdown Voltage IDSS VGS(th) IGSS RDS(ON) VSD
a a
VGS=0V, IDS=-250A VDS=-16V, VGS=0V TJ=85C VDS=VGS, IDS=-250A VGS=16V, VDS=0V VGS=-4.5V, IDS=-10A VGS=-2.5V, IDS=-8A ISD=-2.3A, VGS=0V VGS=0V,VDS=0V,F=1MHz VGS=0V, VDS=-15V, Frequency=1.0MHz VDD=-10V, RL=10, IDS=-1A,VGEN=-4.5V, RG=6
V A V nA m V pF
Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current Drain-Source On-state Resistance Diode Forward Voltage
b
Dynamic Characteristics RG Gate Resistance Ciss Coss Crss td(ON) Tr td(OFF) Tf
Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time
ns
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
2
www.anpec.com.tw
APM4463K
Electrical Characteristics (Cont.)
Symbol Parameter
b
(TA = 25C unless otherwise noted)
APM4463K Min. Typ. 37 Max. 45 nC
Test Condition
Unit
Gate Charge Characteristics Qg Total Gate Charge Qgs Qgd
Notes:
Gate-Source Charge Gate-Drain Charge
VDS=-10V, VGS=-4.5V, IDS=-10A
6.5 2.5
a : Pulse test ; pulse width300s, duty cycle2%. b : Guaranteed by design, not subject to production testing.
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
3
www.anpec.com.tw
APM4463K
Typical Characteristics
Power Dissipation
2.5 12
Drain Current
2.0
10
-ID - Drain Current (A)
Ptot - Power (W)
8
1.5
6
1.0
4
0.5
2 TA=25 C 0 20 40 60 80 100 120 140 160
o
0.0
0
TA=25 C,VG=-4.5V 0 20 40 60 80 100 120 140 160
o
Tj - Junction Temperature (C)
Tj - Junction Temperature (C)
Safe Operation Area
Normalized Transient Thermal Resistance
100
it
Thermal Transient Impedance
2 1
Duty = 0.5
-ID - Drain Current (A)
R
10
ds
(o
n) L
im
0.2
10ms
0.1
0.1 0.05 0.02
1
100ms
1s
0.01
0.01
0.1
DC
0.01 0.01
TA=25 C 0.1 1 10 100
o
Single Pulse
1E-3 1E-4
Mounted on 1in pad o RJA : 62.5 C/W
2
1E-3
0.01
0.1
1
10 30
-VDS - Drain - Source Voltage (V)
Square Wave Pulse Duration (sec)
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
4
www.anpec.com.tw
APM4463K
Typical Characteristics (Cont.)
Output Characteristics
40 36 32 VGS= -3, -4, -5, -6, -7, -8, -9, -10V
Drain-Source On Resistance
30 27
RDS(ON) - On - Resistance (m)
24 21 18 15 12 9 6 3 VGS= -4.5V VGS= -2.5V
-ID - Drain Current (A)
28 24 20 16 12 8 4 0 0 1 2 3 4 5 -2V
0
0
5
10
15
20
25
30
35
40
-VDS - Drain - Source Voltage (V)
-ID - Drain Current (A)
Transfer Characteristics
40 35 30 1.75
Gate Threshold Voltage
IDS= -250 1.50
Normalized Threshold Voltage
-ID - Drain Current (A)
1.25 1.00 0.75 0.50 0.25 0.00 -50 -25
25 20 15 10 Tj=25 C 5 0 0.0
o
Tj=125 C
o
Tj=-55 C
o
0.5 1.0
1.5
2.0 2.5
3.0
3.5
4.0
0
25
50
75
100 125 150
-VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (C)
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
5
www.anpec.com.tw
APM4463K
Typical Characteristics (Cont.)
Drain-Source On Resistance
1.8 VGS = -4.5V 1.6 IDS = -10A
40
Source-Drain Diode Forward
Normalized On Resistance
10
1.2 1.0 0.8 0.6 0.4 -50 -25 RON@Tj=25 C: 12m 0 25 50 75 100 125 150
o
-IS - Source Current (A)
1.4
Tj=150 C
o
1
Tj=25 C
o
0.1
0.01 0.2
0.4
0.6
0.8
1.0
1.2
Tj - Junction Temperature (C)
-VSD - Source - Drain Voltage (V)
Capacitance
8000 Frequency=1MHz 7000 6000
5 VDS= -10V ID= -10A
Gate Charge
5000 4000 3000 2000 Coss 1000 Crss 0
-VGS - Gate-source Voltage (V)
4
C - Capacitance (pF)
Ciss
3
2
1
0
0
4
8
12
16
20
0
6
12
18
24
30
36
42
-VDS - Drain - Source Voltage (V)
QG - Gate Charge (nC)
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
6
www.anpec.com.tw
APM4463K
Packaging Information
SOP-8 pin ( Reference JEDEC Registration MS-012)
E
H
e1 D
e2
A1
A
1 L
0.004max.
Dim A A1 D E H L e1 e2 1
Mi ll im et er s Min. 1. 35 0. 10 4. 80 3. 80 5. 80 0. 40 0. 33 1. 27B S C 8 Max . 1. 75 0. 25 5. 00 4. 00 6. 20 1. 27 0. 51 Min. 0. 053 0. 004 0. 189 0. 150 0. 228 0. 016 0. 013
0.015X45
Inche s Max . 0. 069 0. 010 0. 197 0. 157 0. 244 0. 050 0. 020 0. 50B S C 8
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
7
www.anpec.com.tw
APM4463K
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
(IR/Convection or VPR Reflow)
TP R am p-up
tp C ritical Zone T L to T P
T e m p e ra tu re
TL T sm ax
tL
T sm in R am p-down ts Preheat
25
t 25 C to Peak
T im e
Classification Reflow Profiles
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Time maintained above: - Temperature (TL) - Time (tL) Peak/Classificatioon Temperature (Tp) Time within 5C of actual Peak Temperature (tp) Ramp-down Rate Sn-Pb Eutectic Assembly 3C/second max. 100C 150C 60-120 seconds 183C 60-150 seconds See table 1 10-30 seconds Pb-Free Assembly 3C/second max. 150C 200C 60-180 seconds 217C 60-150 seconds See table 2 20-40 seconds
6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface.
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 8 www.anpec.com.tw
APM4463K
Classification Reflow Profiles(Cont.)
Table 1. SnPb Entectic Process - Package Peak Reflow Tem peratures 3 3 Package Thickness Volum e m m Volum e m m <350 350 <2.5 m m 240 +0/-5C 225 +0/-5C 2.5 m m 225 +0/-5C 225 +0/-5C Table 2. Pb-free Process - Package Classification Reflow Tem peratures 3 3 3 Package Thickness Volum e mm Volum e mm Volum e mm <350 350-2000 >2000 <1.6 m m 260 +0C* 260 +0C* 260 +0C* 1.6 m m - 2.5 m m 260 +0C* 250 +0C* 245 +0C* 2.5 m m 250 +0C* 245 +0C* 245 +0C* *Tolerance: The device m anufacturer/supplier shall assure process com patibility up to and including the stated classification tem perature (this m eans Peak reflow tem perature +0C. For exam ple 260C+0C) at the rated MSL level.
Reliability Test Program
Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles
Carrier Tape & Reel Dimensions
t E Po P P1 D
F W
Bo
Ao
D1
Ko
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
9
www.anpec.com.tw
APM4463K
Carrier Tape & Reel Dimensions(Cont.)
T2
J C A B
T1
Application
A 3301 F 5.5 0.1
B 62 1.5
C 12.75 + 0.1 5
J 2 + 0.5
T1 12.4 +0.2 P1 2.0 0.1
T2 2 0.2 Ao 6.4 0.1
W 12 + 0.3 - 0.1 Bo 5.2 0.1
P 8 0.1
E 1.75 0.1
SOP-8
D D1 Po 1.550.1 1.55+ 0.25 4.0 0.1
Ko t 2.1 0.1 0.30.013
Cover Tape Dimensions
Application SOP- 8 Carrier Width 12 Cover Tape Width 9.3
(mm)
Devices Per Reel 2500
Customer Service
Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
10
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APM4463KC-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X