Part Number Hot Search : 
KMM5321 SKIIP2 167946 2A103K 5640B 1N1197 MA816001 XXXB90
Product Description
Full Text Search
 

To Download AH276 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AH276
Complementary Output Hall Effect Latch Features
- On-chip Hall sensor with two different sensitivity and hysteresis settings for AH276 - 400mA (avg) output sink current - Built-in protecting diode only for chip reverse power connecting - -20C to 85C operating temperature - Low profile 4 pin SIP package
General Description
AH276 are integrated Hall sensors with output drivers, mainly designed for electronic commutation of brush-less DC Fan. This IC internally includes the regulator, protecting diode, Hall plate, amplifier, comparator, and a pair of complementary open-collector outputs (DO, DOB). While the magnetic flux density (B) is larger than operate point (Bop), DO will turn on (low), and meanwhile DOB will turn off (high). Each output is latched until B is lower than release point (Brp), and then DODOB transfer each state. For DC fan application, sometimes need to test power reverse connection condition. Internal diode only protects chip-side but not for coil-side. If necessary, add one external diode to block the reverse current from coil-side.
Applications
Dual-coil Brush-less DC Motor Dual-coil Brush-less DC Fan Revolution Counting Speed Measurement
Ordering Information
AH276 X - X X X
Wafer Body K: K version Wafer Body Q: Q version Wafer Body
Package P: SIP-4L
Lead L : Lead Free
Packing Blank : Tube or Bulk
Typical Application Circuit
276
coil1
coil2
1 Vcc
2
3
4
Brush-less DC Fan
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev.1.0 Jul 21, 2005 1/6
AH276
Complementary Output Hall Effect Latch Block Diagram
1
VCC DO
2
REG.
Hall Plate
Amp
DOB
3
GND
4
Pin Assignment
Front View
1 : VCC 2 : DO 3 : DOB 12 3 4 4 :GND
276
Name Vcc DO DOB GND
P/I/O P O O P
Pin # 1 2 3 4
Description Power Supply Input Output Pin Output Pin Ground
Anachip Corp. www.anachip.com.tw 2/6
Rev.1.0 Jul 21, 2005
AH276
Complementary Output Hall Effect Latch Absolute Maximum Ratings ( at Ta=25C )
Characteristics Supply voltage Reverse VCC Polarity Voltage Magnetic flux density Continuous Output "on" current Hold Peak (Start Up) Operating temperature range Storage temperature range Package Power Dissipation Maximum Junction Temp Symbol VCC VRCC B Ic Ta Ts PD Tj Values 20 -20 Unlimited 0.4 0.5 0.7 -20~+85 -65~+150 550 150 Unit V V
A C C mW C
Electrical Characteristics (T=+25C)
Characteristic Low Supply Voltage Supply Voltage Output Zener Breakdown Output Saturation Voltage Output Leakage Current Supply Current Output Rise Time Output Falling Time Switch Time Differential Symbol Vce Vcc Vz Vce(sat) Icex Icc tr tf t Conditions Vcc=3.5V, IL=100mA K version Q version K version Q version Vcc=14V, IL=400mA Vce=14V, Vcc=14V Vcc=20V, Output Open Vcc=14V, RL=820, CL=20pF Vcc=14V, RL=820, CL=20pF Vcc=14V, RL=820, CL=20pF Min 3.5 2.5* Typ 0.4 46 35 0.7 <0.1 16 3.0 0.3 3.0 Max 20 20 0.9 10 25 10 1.5 10 Units V V V V A mA s s s
*The output of DO/DOB will be switched on/off after supply voltage reaching the 2.5V.
Test Circuit
14V
276
RL1 RL2 CL1 CL2
DO DOB
RL1=RL2=820 Ohm CL1=CL2=20 pF
Anachip Corp. www.anachip.com.tw 3/6
Rev.1.0 Jul 21, 2005
AH276
Complementary Output Hall Effect Latch Magnetic Characteristics (Ta=+25C, VCC=12V)
K version Characteristic Operate Point Release Point Hysteresis Q version Characteristic Operate Point Release Point Hysteresis Symbol Bop Brp Bhy Symbol Bop Brp Bhy Min. -110 Min. 5 -70 Typ. 110 Typ. (1mT = 10 Gauss) Max. Unit 110 Gauss Gauss Gauss Max. 70 -5 Unit Gauss Gauss Gauss
DO ( Output Voltage ) ( Output Voltage )
DOB
Vcc
( off-state )
( off-state )
Vcc
Turn off
Bhy
Turn on
Turn on
Bhy
Turn oFF
( on-state )
( on-state )
Vsat
Vsat S N Brp 0 Bop S ( Magnetic flux density B )
N
Brp
0
Bop
( Magnetic flux density B )
Performance Characteristics (SIP-4)
Ta (C) Pd (mW) Ta (C) Pd (mW)
P d (m W ) 600 500 400 300 200 100 0 0 25 50 75 85 100 125 150 T a ( C )
25 550 105 198
50 440 110 176
60 396 115 154
70 352 120 132
80 308 125 110
85 286 130 88
90 264 135 66
95 242 140 44
100 220 150 0
P o w e r D is s ip a tio n C u rve
Anachip Corp. www.anachip.com.tw 4/6
Rev.1.0 Jul 21, 2005
AH276
Complementary Output Hall Effect Latch Operating Characteristics
DO ( Output Voltage ) S
Marking side
Vcc
High
Vd Bhy
Low
N ( SIP4 ) N
Vsat Brp 0 Bop S
( Magnetic flux density )
Marking Information
( Top View )
Part Number
276
X XX X X
Wafer Lot ID: a~z K: AH276K-PL Q: AH276Q-PL Nth week: 01~52 Year: "1" = 2001 "2" = 2002 ~
Anachip Corp. www.anachip.com.tw 5/6
Rev.1.0 Jul 21, 2005
AH276
Complementary Output Hall Effect Latch Package Information
Active Area Depth
Marking side 1.35mm 1.75mm 1.1mm + 0.1mm
Package Sensor Location
1.95mm + 0.1mm
0.7mm
1
2
3
4
1
2
3
4
K version
Q version
Package Dimension
5 -7 1.55mm +/-0.1mm 1.03mm +/-0.1 0.30mm +/-0.1mm 3 -5
o o o o
14.25mm +/-1.25mm 0.38mm +/-0.03mm
3.65mm +/-0.1mm
0.46mm +/-0.03mm
0.41mm +/-0.03mm 3.81mm +/-0.03mm
5.22mm +/-0.1mm 4.20mm +/-0.1mm
5 -7
o
o
3 -5
o
o
276
0.2mm Max. 1.42mm+/-0.1mm
1.27mm +/-0.03mm
Anachip Corp. www.anachip.com.tw 6/6
Rev.1.0 Jul 21, 2005


▲Up To Search▲   

 
Price & Availability of AH276

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X