Part Number Hot Search : 
TLRE50T EMP202 72F32 AN7522 LTC2496 4H560838 HMNP16MM IRFP150A
Product Description
Full Text Search
 

To Download ACTS08MS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACTS08MS
April 1995
Radiation Hardened Quad 2-Input AND Gate
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE MIL-STD-1835 DESIGNATOR CDIP2-T14, LEAD FINISH C TOP VIEW
A1 1 B1 2 Y1 3 A2 4 B2 5 Y2 6 GND 7 14 VCC 13 B4 12 A4 11 Y4 10 B3 9 A3 8 Y3
Features
* 1.25 Micron Radiation Hardened SOS CMOS * Total Dose 300K RAD (Si) * Single Event Upset (SEU) Immunity <1 x 10-10 Errors/Bit-Day (Typ) * SEU LET Threshold >80 MEV-cm /mg * Dose Rate Upset >10
11 2
RAD (Si)/s, 20ns Pulse
* Latch-Up Free Under Any Conditions * Military Temperature Range: -55oC to +125oC * Significant Power Reduction Compared to ALSTTL Logic * DC Operating Voltage Range: 4.5V to 5.5V * Input Logic Levels - VIL = 0.8V Max - VIH = VCC/2 Min * Input Current 1A at VOL, VOH
14 LEAD CERAMIC FLAT PACK MIL-STD-1835 DESIGNATOR CDFP3-F14, LEAD FINISH C TOP VIEW
A1 B1 Y1 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC B4 A4 Y4 B3 A3 Y3
Description
The Intersil ACTS08MS is a radiation hardened quad 2-Input AND Gate. A high on both inputs forces the output to a high logic level. The ACTS08MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of a radiation hardened, high-speed, CMOS/SOS Logic Family.
A2 B2 Y2 GND
Ordering Information
PART NUMBER ACTS08DMSR ACTS08KMSR ACTS08D/Sample ACTS08K/Sample ACTS08HMSR TEMPERATURE RANGE -55oC -55oC to to +125oC +125oC SCREENING LEVEL Intersil Class S Equivalent Intersil Class S Equivalent Sample Sample Die PACKAGE 14 Lead SBDIP 14 Lead Ceramic Flatpack 14 Lead SBDIP 14 Lead Ceramic Flatpack Die
+25oC +25oC +25oC
Truth Table
INPUTS An L L H H Bn L H L H OUTPUT Yn L L L H
Functional Diagram
(1, 4, 9, 12) An
(3, 6, 8, 11) Yn
NOTE: L = Logic Level Low, H = Logic Level High
(2, 5, 10, 13) Bn
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
Spec Number
1
518851 File Number 3994
Specifications ACTS08MS
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V Input Voltage Range . . . . . . . . . . . . . . . . . . . . . .-0.5V to VCC +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . .10mA DC Drain Current, Any One Output. . . . . . . . . . . . . . . . . . . . . . .50mA Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +265oC Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1 (All voltages reference to VSS)
Reliability Information
Thermal Impedance JA JC DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74oC/W 24oC/W Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . . 116oC/W 30oC/W Maximum Package Power Dissipation at +125oC DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7W Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.4W Maximum Device Power Dissipation. . . . . . . . . . . . . . . . . . .(TBD)W Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42 Gates
CAUTION: As with all semiconductors, stress listed under "Absolute Maximum Ratings" may be applied to devices (one at a time) without resulting in permanent damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed under "Electrical Performance Characteristics" are the only conditions recommended for satisfactory device operation.
Operating Conditions
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V Input Rise and Fall Times at 4.5V VCC (TR, TF) . . . . . . 10ns/ V Max Operating Temperature Range (TA) . . . . . . . . . . . . -55oC to +125oC Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . 0.0V to 0.8V Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . VCC to VCC/2V
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 1 2, 3 1, 2, 3 LIMITS TEMPERATURE +25oC +125oC, +25oC, -55oC -55oC MIN MAX 5 100 1.6 UNITS A A mA
PARAMETER Supply Current
SYMBOL ICC
(NOTE 1) CONDITIONS VCC = 5.5V, VIN = VCC or GND VCC = 5.5V VIN = VCC or GND 1 Input = 3.4V VCC = VIH = 4.5V, VOUT = VCC -0.4V, VIL = 0V (Note 2) VCC = VIH = 4.5V, VOUT = 0.4V, VIL = 0V (Note 2) VCC = 5.5V, VIH = 2.75V, IOH = -50A, VIL = 0.80V VCC = 4.5V, VIH = 2.25V, IOH = -50A, VIL = 0.8V
Delta ICC
DICC
+125oC,
Output Current (Source) Output Current (Sink) Output Voltage High
IOH
1 2, 3 1 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1 2, 3 7, 8A, 8B
+25oC +125oC, -55oC
-12 -8 12 8 VCC -0.1 VCC -0.1 -
0.1 0.1 0.5 1.0 -
mA mA mA mA V V V V A A V
IOL
+25oC +125oC, -55oC
VOH
+25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC +125oC, +25oC, -55oC -55oC
Output Voltage Low
VOL
VCC = 5.5V, VIH = 2.75V, IOL = 50A, VIL = 0.80V VCC = 4.5V, VIH = 2.25V, IOL = 50A, VIL = 0.80V
Input Leakage Current Noise Immunity Functional Test NOTE:
IIN
VCC = 5.5V, VIN = VCC or GND VCC = 4.5V, VIH = 2.25V, VIL = 0.8V (Note 3)
FN
+125oC,
1. All voltages reference to device GND. 2. Force/measure functions may be interchanged. 3. Per functional tests, VO 4.0V is recognized as a logic "1", and VO 0.5V is recognized as a logic "0".
Spec Number 2
518851
Specifications ACTS08MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 9 10, 11 9 10, 11 LIMITS TEMPERATURE +25oC +125oC, -55oC MIN 2 2 2 2 MAX 13 15 14 15 UNITS ns ns ns ns
PARAMETER Propagation Delay Input to Output
SYMBOL TPHL
(NOTES 1, 2) CONDITIONS VCC = 4.5V, VIH = 3.0V, VIL = 0V VCC = 4.5V, VIH = 3.0V, VIL = 0V
TPLH
+25oC +125oC, -55oC
NOTES: 1. All voltages referenced to device GND. 2. Measurements made with RL = 500, CL = 50pF, Input TR = TF = 3ns. TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Capacitance Power Dissipation Input Capacitance SYMBOL CPD CONDITIONS VCC = 5.0V, VIH = 5.0V, VIL = 0V, f = 1MHz VCC = 5.0V, VIH = 5.0V, VIL = 0V, f = 1MHz NOTE 1 1 1 1 TEMP +25 C +125oC +25oC +125oC
o
MIN -
TYP TBD TBD -
MAX 10 10
UNITS pF pF pF pF
CIN
NOTE: 1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics. TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS (NOTES 1, 2) CONDITIONS VCC = 5.5V, VIN = VCC or GND VCC - 5.5V, VIN = VCC or GND 1 Input = 3.4V VCC = VIH = 4.5V, VIL = 0, VOUT = VCC -0.4V VCC = VIH = 4.5V, VIL = 0, VOUT = 0.4V VCC = 5.5V, VIH = 2.75V, VIL = 0.80V, IOH = -50A VCC = 4.5V, VIH = 2.25V, VIL = 0.80V, IOH = -50A Output Voltage Low VOL VCC = 5.5V, VIH = 2.75V, VIL = 0.80V, IOH = 50A VCC = 4.5V, VIH = 2.25V, VIL = 0.80V, IOH = 50A Input Leakage Current Noise Immunity Functional Test Propagation Delay Input to Output NOTES: 1. All voltages referenced to device GND. 2. For functional tests, VO 4.0V is recognized as a logic "1", and VO 0.5V is recognized as a logic "0". IIN FN TPHL, TPLH VCC = 5.5V, VIN = VCC or GND VCC = 4.5V, VIH = 2.25V, VIL = 0.80V (Note 2) VCC = 4.5V, VIH = 3.0V, VIL = 0V RAD LIMITS TEMPERATURE +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC MIN -8 8 VCC -0.1 VCC -0.1 2 MAX 100 1.6 0.1 0.1 1 15 UNITS A mA mA mA V V V V A V ns
PARAMETER Supply Current Delta ICC Output Current (Source) Output Current (Sink) Output Voltage High
SYMBOL ICC ICC IOH IOL VOH
Spec Number 3
518851
Specifications ACTS08MS
TABLE 5. DELTA PARAMETERS (+25oC) PARAMETER Supply Current Output Current NOTE: 1. All delta calculations are referenced to 0 hour readings or pre-life readings. TABLE 6. APPLICABLE SUBGROUPS CONFORMANCE GROUP Initial Test (Preburn-In) Interim Test 1 (Postburn-In) Interim Test 2 (Postburn-In) PDA Interim Test 3 (Postburn-In) PDA Final Test Group A (Note 1) Group B Group D NOTE: 1. Alternate Group A testing may be exercised in accordance with MIL-STD-883, Method 5005. Subgroup B-5 Subgroup B-6 METHOD 100%/5004 100%/5004 100%/5004 100%/5004 100%/5004 100%/5004 100%/5004 Sample/5005 Sample/5005 Sample/5005 Sample/5005 GROUP A SUBGROUPS 1, 7, 9 1, 7, 9 1, 7, 9 1, 7, 9, Deltas 1, 7, 9 1, 7, 9, Deltas 2, 3, 8A, 8B, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas 1, 7, 9 1, 7, 9 Subgroups 1, 2, 3, 9, 10, 11 ICC, IOL/H READ AND RECORD ICC, IOL/H ICC, IOL/H ICC, IOL/H ICC IOL/IOH SYMBOL (NOTE 1) DELTA LIMIT 1.0 15 UNITS A %
TABLE 7. TOTAL DOSE IRRADIATION TEST CONFORMANCE GROUP Group E Subgroup 2 NOTE: 1. Except FN test which will be performed 100% Go/No-Go. TABLE 8. BURN-IN TEST CONNECTIONS (+125oC < TA < 139oC) OSCILLATOR OPEN GROUND 1, 2, 4, 5, 7, 9, 10, 12, 13 7 7 1/2 VCC = 3V 0.5V 3, 6, 8, 11 VCC = 6V 0.5V 14 50kHz 25kHz STATIC BURN-IN I (Note 1) METHOD 5005 PRE RAD 1, 7, 9 POST RAD Table 4 1, 9 READ AND RECORD PRE RAD POST RAD Table 4 (Note 1)
STATIC BURN-IN II (Note 1) NOTE: 1. Each pin except VCC and GND will have a series resistor of 500 5%. TABLE 9. IRRADIATION TEST CONNECTIONS (TA = +25oC, 5oC) FUNCTION Irradiation Circuit (Note 1) NOTE: 1. Each pin except VCC and GND will have a series resistor of 47k 5%. Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures. OPEN 3, 6, 8, 11 GROUND 7 VCC = 5V 0.5V 1, 2, 4, 5, 9, 10, 11, 12, 13, 14 3, 6, 8, 11 3, 6, 8, 11 1, 2, 4, 5, 9, 10, 12, 13, 14 14 1, 2, 4, 5, 9, 10, 12, 13 DYNAMIC BURN-IN TEST CONNECTIONS (Note 1)
Spec Number 4
518851
Specifications ACTS08MS Intersil - Space Products MS Screening
Wafer Lot Acceptance (All Lots) Method 5007 (Includes SEM) Radiation Verification (Each Wafer) Method 1019, 4 Samples/Wafer, 0 Rejects 100% Nondestructive Bond Pull Method 2023 100% Internal Visual Inspection Method 2010 100% Temperature Cycling Method 1010 Condition C (-65o to +150oC) 100% Constant Acceleration 100% PIND Testing 100% External Visual Inspection 100% Serialization 100% Initial Electrical Test 100% Static Burn-In 1 Method 1015, 24 Hours at +125oC Min 100% Interim Electrical Test 1 (Note 1)
NOTES: 1. Failures from interim electrical tests 1 and 2 are combined for determining PDA (PDA = 5% for subgroups 1, 7, 9 and delta failures combined, PDA = 3% for subgroup 7 failures). Interim electrical tests 3 PDA (PDA = 5% for subgroups 1, 7, 9 and delta failures combined, PDA = 3% for subgroup 7 failures). 2. These steps are optional, and should be listed on the purchase order if required. 3. Data Package Contents: Cover Sheet (P.O. Number, Customer Number, Lot Date Code, Intersil Number, Lot Number, Quantity). Certificate of Conformance (as found on shipper). Lot Serial Number Sheet (Good Unit(s) Serial Number and Lot Number). Variables Data (All Read, Record, and delta operations). Group A Attributes Data Summary. Wafer Lot Acceptance Report (Method 5007) to include reproductions of SEM photos. NOTE: SEM photos to include percent of step coverage. X-Ray Report and Film, including penetrometer measurements. GAMMA Radiation Report with initial shipment of devices from the same wafer lot; containing a Cover Page, Disposition, RAD Dose, Lot Number, Test Package, Spec Number(s), Test Equipment, etc. Irradiation Read and Record data will be on file at Intersil.
100% Static Burn-In 2 Method 1015, 24 Hours at +125oC Min 100% Interim Electrical Test 2 (Note 1) 100% Dynamic Burn-In Method 1015, 240 Hours at +125oC or 180 Hours at +135oC 100% Interim Electrical Test 3 (Note 1) 100% Final Electrical Test 100% Fine and Gross Seal Method 1014 100% Radiographics Method 2012 (2 Views) 100% External Visual Method 2009 Group A (All Tests) Method 5005 (Class S) Group B (Optional) Method 5005 (Class S) (Note 2) Group D (Optional) Method 5005 (Class S) (Note 2) CSI and/or GSI (Optional) (Note 2) Data Package Generation (Note 3)
Propagation Delay Timing Diagram and Load Circuit
DUT VIH VS VSS TPLH TPHL VOH VS VOL OUTPUT INPUT CL 50pF TEST POINT RL 500
AC VOLTAGE LEVELS PARAMETER VCC VIH VS VIL GND ACTS 4.50 3.00 1.30 0 0 UNITS V V V V V
Spec Number 5
518851
ACTS08MS Die Characteristics
DIE DIMENSIONS: 88 mils x 88 mils 2.24mm x 2.24mm METALLIZATION: Type: AlSiCu Metal 1 Thickness: 6.75kA (Min), 8.25kA (Max) Metal 2 Thickness: 9kA (Min), 11kA (Max) GLASSIVATION: Type: SiO2 Thickness: 8kA 1kA DIE ATTACH: Material: Silver Glass or JM 7000 Polymer after 7/1/95 WORST CASE CURRENT DENSITY: < 2.0 x 105A/cm2 BOND PAD SIZE: > 4.3 mils x 4.3 mils > 110m x 110m
Metallization Mask Layout
ACTS08MS
B1 (2) A1 (1) VCC (14) B4 (13)
Y1 (3)
(12) A4
A2 (4)
(11) Y4
NC
NC
B2 (5)
(10) B3
(6) Y2
(7) GND
(8) Y3
(9) A3
Spec Number 6
518851
ACTS08MS Ceramic Dual-In-Line Metal Seal Packages (SBDIP)
c1 -A-DBASE METAL b1 M (b) SECTION A-A (c) LEAD FINISH
D14.3 MIL-STD-1835 CDIP2-T14 (D-1, CONFIGURATION C) 14 LEAD CERAMIC DUAL-IN-LINE METAL SEAL PACKAGE
INCHES SYMBOL A b b1 b2 b3 MIN 0.014 0.014 0.045 0.023 0.008 0.008 0.220 MAX 0.200 0.026 0.023 0.065 0.045 0.018 0.015 0.785 0.310 MILLIMETERS MIN 0.36 0.36 1.14 0.58 0.20 0.20 5.59 MAX 5.08 0.66 0.58 1.65 1.14 0.46 0.38 19.94 7.87 NOTES 2 3 4 2 3 5 6 7 2 8 Rev. 0 4/94
E M -Bbbb S C A - B S BASE PLANE SEATING PLANE S1 b2 b AA D S2 -CQ A L DS
c c1 D eA E e eA eA/2
e
eA/2
c
0.100 BSC 0.300 BSC 0.150 BSC 0.125 0.015 0.005 0.005 90o 14 0.200 0.060 105o 0.015 0.030 0.010 0.0015
2.54 BSC 7.62 BSC 3.81 BSC 3.18 0.38 0.13 0.13 90o 14 5.08 1.52 105o 0.38 0.76 0.25 0.038
ccc M C A - B S D S
aaa M C A - B S D S
NOTES: 1. Index area: A notch or a pin one identification mark shall be located adjacent to pin one and shall be located within the shaded area shown. The manufacturer's identification shall not be used as a pin one identification mark. 2. The maximum limits of lead dimensions b and c or M shall be measured at the centroid of the finished lead surfaces, when solder dip or tin plate lead finish is applied. 3. Dimensions b1 and c1 apply to lead base metal only. Dimension M applies to lead plating and finish thickness. 4. Corner leads (1, N, N/2, and N/2+1) may be configured with a partial lead paddle. For this configuration dimension b3 replaces dimension b2. 5. Dimension Q shall be measured from the seating plane to the base plane. 6. Measure dimension S1 at all four corners. 7. Measure dimension S2 from the top of the ceramic body to the nearest metallization or lead. 8. N is the maximum number of terminal positions. 9. Braze fillets shall be concave. 10. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 11. Controlling dimension: INCH.
L Q S1 S2
aaa bbb ccc M N
Spec Number 7
518851
ACTS08MS Ceramic Metal Seal Flatpack Packages (Flatpack)
A
e
PIN NO. 1 ID AREA
A
K14.A MIL-STD-1835 CDFP3-F14 (F-2A, CONFIGURATION B) 14 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
INCHES SYMBOL MIN 0.045 0.015 0.015 0.004 0.004 0.235 0.125 0.030 MAX 0.115 0.022 0.019 0.009 0.006 0.390 0.260 0.290 MILLIMETERS MIN 1.14 0.38 0.38 0.10 0.10 5.97 3.18 0.76 1.27 BSC 0.20 6.86 0.66 0.13 14 0.38 9.40 1.14 0.04 MAX 2.92 0.56 0.48 0.23 0.15 9.91 6.60 7.11 NOTES 3 3 7 2 8 6 Rev. 0 5/18/94 5. N is the maximum number of terminal positions. 6. Measure dimension S1 at all four corners. 7. For bottom-brazed lead packages, no organic or polymeric materials shall be molded to the bottom of the package to cover the leads. 8. Dimension Q shall be measured at the point of exit (beyond the meniscus) of the lead from the body. Dimension Q minimum shall be reduced by 0.0015 inch (0.038mm) maximum when solder dip lead finish is applied. 9. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 10. Controlling dimension: INCH.
-A-
-B-
D
A b
S1 b E1
b1 c c1 D
0.004 M Q A -C-
H A-B S
DS E
0.036 M
H A-B S C
DS
E E1 E2
-D-H-
L E3
E2 E3 LEAD FINISH
L
E3 e k L
0.050 BSC 0.008 0.270 0.026 0.005 14 0.015 0.370 0.045 0.0015
SEATING AND BASE PLANE
c1
BASE METAL b1 M M (b) SECTION A-A
(c)
Q S1 M N
NOTES: 1. Index area: A notch or a pin one identification mark shall be located adjacent to pin one and shall be located within the shaded area shown. The manufacturer's identification shall not be used as a pin one identification mark. Alternately, a tab (dimension k) may be used to identify pin one. 2. If a pin one identification mark is used in addition to a tab, the limits of dimension k do not apply. 3. This dimension allows for off-center lid, meniscus, and glass overrun. 4. Dimensions b1 and c1 apply to lead base metal only. Dimension M applies to lead plating and finish thickness. The maximum limits of lead dimensions b and c or M shall be measured at the centroid of the finished lead surfaces, when solder dip or tin plate lead finish is applied.
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. Taiwan Limited 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
Spec Number 8
518851


▲Up To Search▲   

 
Price & Availability of ACTS08MS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X