Part Number Hot Search : 
AN533 2SCR513P LTC13 06220 BR201 AT54A LTC13 XMXXX
Product Description
Full Text Search
 

To Download 350-90-116-00-206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 350 / 450
46
PCB connectors 2.54 mm Single row / double row Surface mount
Pin connectors, surface mount With screw machined pins 0.47 mm For corresponding receptacles see pages 36 to 42 and 47, 48 New: Pin connectors with selective plated precision screw machined pin, plating code Z1. Connecting side 1: gold plated soldering/PCB side 2: tin plated Platings 10 90 Z1 Sleeve Clip Pin 0.25 m Au 5 m Sn Pb 1: 0.25 m Au 2: 5 m Sn Pb Ordering information Replace xx with the number of poles, e.g. 350-10-1xx-00-106 for a single row version with 16 contacts becomes: 350-10-116-00-106
350-10-1xx-00-106 350-90-1xx-00-106 350-Z1-1xx-00-106
SMD pin connector: single row, perpendicular mount Availability from: 3 to 64 contacts Standard number of contacts 5, 6, 8, 10, 14, 16, 20, 21, 25, 30, 32, 48, 56, 60, 64
450-10-2xx-00-106 450-90-2xx-00-106 450-Z1-2xx-00-106
SMD pin connector: double row, perpendicular mount Availability from: 4 to 72 contacts Standard number of contacts 40, 44, 56, 64, 72
350-10-1xx-00-206 350-90-1xx-00-206 350-Z1-1xx-00-206
SMD pin connector: single row, parallel mount Availability from: 1 to 64 contacts Standard number of contacts 5, 6, 8, 10, 14, 16, 20, 21, 25, 30, 32, 48, 56, 60, 64
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 350-90-116-00-206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X