Part Number Hot Search : 
HD74LV2 STT622S MSK163B TSL262 MIP2K3 608X0 AA160 STT622S
Product Description
Full Text Search
 

To Download 2SK2379 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN5374B
2SK2379
N-Channel Silicon MOSFET
2SK2379
Ultrahigh-Speed Switching Applications
Features
* * * *
Package Dimensions
unit : mm 2063A
[2SK2379]
10.0 3.2
3.5 7.2
Low ON-resistance. Ultrahigh-speed switching. Low-voltage drive. Micalless package facilitaing mounting.
4.5 2.8
18.1
16.0
14.0
1.6 1.2 0.75
5.6
2.4 0.7
2.55
123 2.55
2.4
1 : Gate 2 : Drain 3 : Source SANYO : TO-220ML
Ratings 200 20 20 Unit V V A A W W C C
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% Tc=25C
2.55
2.55
Conditions
80 2.0 40 150 --55 to +150
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Gate-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Symbol V(BR)DSS V(BR)GSS IDSS IGSS VGS(off) |yfs| Conditions ID=1mA, VGS=0 IG=100A, VDS=0 VDS=200V, VGS=0 VGS=16V, VDS=0 VDS=10V, ID=1mA VDS=10V, ID=10A Ratings min 200 20 100 10 1.5 9.5 16 2.5 typ max Unit V V A A V S
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
D2002 TS IM / D2500 TS IM TA-3128 No.5374-1/4
2SK2379
Continued from preceding page.
Parameter Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Symbol RDS(on) Ciss Coss Crss td(on) tr td(off) tf VSD Conditions ID=10A, VGS=10V VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz See specified Test Circuit See specified Test Circuit See specified Test Circuit See specified Test Circuit IS=20A, VGS=0 Ratings min typ 70 2400 500 200 35 100 710 290 1.0 1.5 max 95 Unit m pF pF pF ns ns ns ns V
Marking : K2379
Switching Time Test Circuit
VDD=100V VIN 10V 0V VIN PW=10s D.C.1% ID=10A RL=10
D
VOUT
G
P.G 50
S
2SK2379
40
ID -- VDS
0V
V VG = S 10.0
40
ID -- VGS
25C
25 C
75
5
VDS=10V
Tc= -0 1 2 3 4
5.
Drain Current, ID -- A
20
Drain Current, ID -- A
30
4.0V
30
20
3.5V
10
10
3.0V
0 0 4 8 12 16 20 IT01936 150 0 6 IT01937
Drain-to-Source Voltage, VDS -- V
150
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
RDS(on) -- Tc
Static Drain-to-Source On-State Resistance, RDS(on) -- m
Static Drain-to-Source On-State Resistance, RDS(on) -- m
Tc=25C ID=10A
VGS=10V ID=10A
100
100
50
50
0 0 2 4 6 8 10 12 14 IT01938
0 --80
--40
0
40
80
C
120
160 IT01939
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc -- C
No.5374-2/4
2SK2379
5
|yfs| -- ID
VDS=10V
2 10000 7 5
Ciss, Coss, Crss -- VDS
f=1MHz
Forward Transfer Admittance, |yfs| -- S
3 2
Ciss, Coss, Crss -- pF
3 2 1000 7 5 3 2 100 7 5 3 2
Ciss
10 7 5 3 2
T
--2 c=
5
C
C 75
25
C
Coss
Crss
1.0 7 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3 5
0
5
10
15
20
25
30 IT01941
Drain Current, ID -- A
2 1000 7 5 3 2 100 7 5 3 2 10 2 3 5 7 1.0 2 3 5 7 10 2
IT01940 100 7 5 3 2
SW Time -- ID
td(off)
Drain-to-Source Voltage, VDS -- V
ASO
VDD=100V VGS=10V Drain Current, ID -- A
IDP=80A ID=20A
1m s
10
s
Switching Time, SW Time -- ns
10
0
s
tf
10 7 5 3 2 1.0 7 5 3 2
tr
10 ms DC 100m op s era Operation in this tio area is limited by RDS(on). n
td(on)
3
5
0.1 Tc=25C 7 Single pulse 5 2 3 1.0
5
7
10
2
3
5
7 100
2
3
Drain Current, ID -- A
2.5
IT01942 50
Drain-to-Source Voltage, VDS -- V
IT05718
PD -- Ta
PD -- Tc
Allowable Power Dissipation, PD -- W
2.0
Allowable Power Dissipation, PD -- W
0 20 40 60 80 100 120 140 160
40
1.5
30
1.0
20
0.5
10
0
0 0 20 40 60 80 100 120 140 160
Ambient Temperature, Ta -- C
IT01944
Case Temperature, Tc -- C
IT01945
No.5374-3/4
2SK2379
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of December, 2002. Specifications and information herein are subject to change without notice.
PS No.5374-4/4


▲Up To Search▲   

 
Price & Availability of 2SK2379

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X