Part Number Hot Search : 
SP233 2R470C 03624TC 20N60 LTZ455JL 2SD2142 4148SE H8S2639
Product Description
Full Text Search
 

To Download 2SC3934 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC3934
Silicon NPN epitaxial planer type
For high-frequency wide-band low-noise amplification
Unit: mm
2.10.1
s Features
q q
0.425
1.250.1
0.425
High transition frequency fT. S-Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
0.65
1
2.00.2
1.30.1
0.65
3
2
0.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
0.90.1
15 12 2.5 50 30 150 150 -55 ~ +150
V V V mA mA mW C C
0.70.1
Ratings
Unit
0 to 0.1
0.20.1
1:Base 2:Emitter 3:Collector
EIAJ:SC-70 S-Mini Type Package
Marking symbol : 1U
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Transition frequency Collector output capacitance Foward transfer gain Maximum unilateral power gain Noise figure
(Ta=25C)
Symbol ICBO IEBO hFE fT Cob | S21e NF |2 GUM Conditions VCB = 10V, IE = 0 VEB = 2V, IC = 0 VCE = 10V, IC = 10mA VCE = 10V, IC = 10mA, f = 800MHz VCB = 10V, IE = 0, f = 1MHz VCE = 10V, IC = 20mA, f = 800MHz VCE = 10V, IC = 20mA, f = 800MHz VCE = 10V, IC = 5mA, f = 800MHz 9 12 12 14 1.3 2.5 40 4.5 1.2 GHz pF dB dB dB min typ max 100 1 Unit A A
0.15-0.05
+0.1
0.3-0
+0.1
1
Transistor
PC -- Ta
240 30 Ta=25C 200 25 50 25C
2SC3934
IC -- VCE
60 VCE=10V
IC -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
Collector current IC (mA)
160
20
IB=300A
Ta=75C 40
-25C
120
15
250A 200A
30
80
10
150A 100A 50A
20
40
5
10
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 0.3 0.1 0.03 0.01 0.1 Ta=75C 25C -25C 0.3 1 3 10 30 100 0 0.1 0.3 IC/IB=10 240
hFE -- IC
8 VCE=10V 7 6 5 4 3 2 1 0 -1
fT -- IC
Ta=25C VCE=10V
Forward current transfer ratio hFE
200
160 Ta=75C 120 25C 80 -25C 40
1
3
10
30
100
Transition frequency fT (GHz)
-3
-10
-30
-100
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
1.2
NF -- IC
IE=0 f=1MHz Ta=25C 8 7 Rg=50 VCE=10V f=800MHz
0.8
S11, S22
1 1.5 2 0.4 VCE=10V IC=20mA E: Earth 3 4 0.2 5 10
Collector output capacitance Cob (pF)
1.0
0.8
Noise figure NF (dB)
6 5 4 3 2 1
- 0.2 -3 - 0.6 -2 - 0.8 -1 -1.5 .2 .4 .6 .8 1
800MHz 500MHz
0.6
0
1.5 2
1000MHz
345 S22
800MHz 500MHz
10 -10 -5 -4
1000MHz
0.4
S11
0.2
- 0.4
0 1 3 10 30 100
0 1 3 10 30 100
Collector to base voltage VCB (V)
Collector current IC (mA)
2
Transistor
S12, S21
+90 +120 S21 500MHz 800MHz 1000MHz 180 -10 -15 -20 -25 -30 500MHz +60 1000MHz 800MHz VCE=10V IC=20mA E: Earth
2SC3934
+150
+30
5
10 15 S12
20
0
-150
-30
-120 -90
-60
3


▲Up To Search▲   

 
Price & Availability of 2SC3934

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X