![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Data Sheet, Rev. 1 August 2001 NetLight (R) 2417G4A and 2417H4A ATM/SONET/SDH Transceivers s s s s Signal-detect output Low power dissipation Raised ECL (LVPECL) logic data interfaces Operating case temperature range: -40 C to 85 C Agere Systems Inc. Reliability and Qualification Program for built-in quality and reliability s Description Available in a small form-factor, RJ-45 size, plastic package, the 2417G4A and 2417H4A are high-performance, cost-effective transceivers for ATM/SONET/SDH applications at 155 Mbits/s and 622 Mbits/s. Features s ATM/SONET/SDH Compliant (ITU-T G.957 Specifications): -- IR-1/S1.1, S4.1 Small form-factor, RJ-45 size, multisourced 10-pin package Requires single 3.3 V power supply LC duplex receptacle Uncooled 1300 nm laser transmitter with automatic output power control Transmitter disable input Wide dynamic range receiver with InGaAs PIN photodetector s The 2417G4A and 2417H4A transceivers are highspeed, cost-effective optical transceivers that are compliant with the International Telecommunication Union Telecommunication (ITU-T) G.957 specifications for use in ATM, SONET, and SDH applications. The 2417G4A operates at the OC-3/STM-1 rate of 155 Mbits/s, and the 2417H4A operates at the OC12/STM-4 rate of 622 Mbits/s. The transceivers feature Agere Systems high-reliability optics and are packaged in a narrow-width plastic housing with an LC duplex receptacle. This receptacle fits into an RJ-45 form-factor outline. The 10-pin package and pinout conform to a multisource transceiver agreement. The transmitter features differential LVPECL logic level data inputs and an LVTTL logic level disable input. The receiver features differential LVPECL logic level data and an LVPECL logic level signal-detect output for the 2417G4A, and a LVTTL logic level signal-detect output for the 2417H4A. s s s s s NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers Data Sheet, Rev. 1 August 2001 Absolute Maximum Ratings Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability. Parameter Supply Voltage Operating Case Temperature Range Storage Case Temperature Range Lead Soldering Temperature/Time Operating Wavelength Range Symbol VCC TC Tstg -- Min 0 -40 -40 -- 1.1 Max 3.6 85 85 250/10 1.6 Unit V C C C/s m Pin Information TX 10 9 8 7 6 10-PIN MODULE - TOP VIEW 12345 1-967.a RX Figure 1. 2417G4A and 2714H4A Transceivers, 10-Pin Configuration, Top View Table 1. Transceiver Pin Descriptions Pin Number MS Symbol Name/Description Receiver Mounting Studs. The mounting studs are provided for transceiver mechanical attachment to the circuit board. They may also provide an optional connection of the transceiver to the equipment chassis ground. Receiver Signal Ground. Receiver Power Supply. Signal Detect. Normal operation: logic one output. Fault condition: logic zero output. Received DATA Out. Received DATA Out. Transmitter Transmitter Power Supply. Transmitter Signal Ground. Transmitter Disable. Transmitter DATA In. Transmitter DATA In. Logic Family MS NA 1 2 3 VEER VCCR SD 4 5 6 7 8 9 10 RD- RD+ VCCT VEET TDIS TD+ TD- NA NA LVTTL (2417H4A); LVPECL (2417G4A) LVPECL LVPECL NA NA LVTTL LVPECL LVPECL 2 Agere Systems Inc. Data Sheet, Rev. 1 August 2001 NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers Electrostatic Discharge Caution: This device is susceptible to damage as a result of electrostatic discharge (ESD). Take proper precautions during both handling and testing. Follow EIA (R) Standard EIA-625. Although protection circuitry is designed into the device, take proper precautions to avoid exposure to ESD. Agere Systems employs a human-body model (HBM) for ESD susceptibility testing and protection-design evaluation. ESD voltage thresholds are dependent on the critical parameters used to define the model. A standard HBM (resistance = 1.5 k, capacitance = 100 pF) is widely used and, therefore, can be used for comparison purposes. The HBM ESD threshold established for the 2417G4A and 2417H4A transceivers is 1500 V. Multilayer construction also permits the routing of sensitive signal traces away from high-level, high-speed signal lines. To minimize the possibility of coupling noise into the receiver section, high-level, high-speed signals such as transmitter inputs and clock lines should be routed as far away as possible from the receiver pins. Noise that couples into the receiver through the power supply pins can also degrade performance. It is recommended that the pi filter, shown in Figure 2, be used for both the transmitter and receiver power supplies. Data and Signal Detect Outputs The data and signal detect outputs of the 2417 transceiver are driven by open-emitter NPN transistors, which have an output impedance of approximately 7 . Each output can provide approximately 50 mA maximum current to a 50 load terminated to VCC - 2.0 V. Due to the high switching speeds of ECL outputs, transmission line design must be used to interconnect components. To ensure optimum signal fidelity, both data outputs (RD+/RD-) should be terminated identically. The signal lines connecting the data outputs to the next device should be equal in length and have matched impedances. Controlled impedance stripline or microstrip construction must be used to preserve the quality of the signal into the next component and to minimize reflections back into the receiver, which could degrade its performance. Excessive ringing due to reflections caused by improperly terminated signal lines makes it difficult for the component receiving these signals to decipher the proper logic levels and can cause transitions to occur where none were intended. Also, by minimizing high-frequency ringing, possible EMI problems can be avoided. The signal-detect output is positive ECL (LVPECL) logic for the 2417G4A and TTL for the 2417H4A. A logic low at this output indicates that the optical signal into the receiver has been interrupted or that the light level has fallen below the minimum signal detect threshold. This output should not be used as an error rate indicator, since its switching threshold is determined only by the magnitude of the incoming optical signal. Application Information The 2417 receiver section is a highly sensitive fiberoptic receiver. Although the data outputs are digital logic levels (LVPECL), the device should be thought of as an analog component. When laying out system application boards, the 2417 transceiver should receive the same type of consideration one would give to a sensitive analog component. Printed-Wiring Board Layout Considerations A fiber-optic receiver employs a very high gain, wide bandwidth transimpedance amplifier. This amplifier detects and amplifies signals that are only tens of nA in amplitude when the receiver is operating near its sensitivity limit. Any unwanted signal currents that couple into the receiver circuitry cause a decrease in the receiver's sensitivity and can also degrade the performance of the receiver's signal detect (SD) circuit. To minimize the coupling of unwanted noise into the receiver, careful attention must be given to the printedwiring board layout. At a minimum, a double-sided printed-wiring board (PWB) with a large component-side ground plane beneath the transceiver must be used. In applications that include many other high-speed devices, a multilayer PWB is highly recommended. This permits the placement of power and ground on separate layers, which allows them to be isolated from the signal lines. Agere Systems Inc. 3 NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers Data Sheet, Rev. 1 August 2001 Application Information (continued) Transceiver Processing When the process plug is placed in the transceiver's optical port, the transceiver and plug can withstand normal wave soldering and aqueous spray cleaning processes. However, the transceiver is not hermetic, and should not be subjected to immersion in cleaning solvents. The transceiver case should not be exposed to temperatures in excess of 125 C. The transceiver pins can be wave soldered at 250 C for up to 10 seconds. The process plug should only be used once. After removing the process plug from the transceiver, it must not be used again as a process plug; however, if it has not been contaminated, it can be reused as a dust cover. Transceiver Optical and Electrical Characteristics Table 2. Transmitter Optical and Electrical Characteristics (TC = -40 C to +85 C; VCC = 3.135 V--3.465 V) Parameter Average Optical Output Power (EOL) Optical Wavelength: STM-1 (4 nm spectral width, maximum) STM-4 (2.5 nm spectral width, maximum) Dynamic Extinction Ratio Output Optical Eye Power Supply Current Input Data Voltage: Low High Transmit Disable Voltage Transmit Enable Voltage ICCT VIL VIH VD VEN Symbol PO C 1261 1274 EXT 8.2 -- -- -- 1360 1356 -- nm nm dB Min -15.0 Typ -11.0 Max -8.0 Unit dBm Compliant with SONET GR-253-CORE and ITU-T G.957 Eye Mask Requirements -- VCC - 2.0 VCC - 1.2 VCC - 1.3 VEE 90 -- -- -- -- 150 VCC - 1.6 VCC - 0.8 VCC VEE + 0.8 mA V V V V Table 3. Receiver Optical and Electrical Characteristics (TC = -40 C to +85 C; VCC = 3.135 V--3.465 V) Parameter Average Sensitivity (STM-1/STM-4)* Maximum Input Power* Link Status Switching Threshold: Decreasing Light (STM-1/STM-4) Increasing Light (STM-1/STM-4) Link Status Hysteresis Power Supply Current Output Data Voltage: Low High Signal-detect Output Voltage (2417G4A): Low High Signal-detect Output Voltage (2417H4A): Low High * For 1 x 10-10 BER with an optical input using 223 - 1 PRBS. Symbol PI PMAX LSTD LSTI HYS ICCR VOL VOH VOL VOH VOL VOH Min -- -8 -45 -45 0.5 -- VCC - 1.81 VCC - 1.025 -- VCC - 1.2 0.0 2.4 Typ -- -- -- -- 2 70 -- -- -- -- -- -- Max -28 -- -29.0 -28.5 -- 100 VCC - 1.62 VCC - 0.88 VCC - 1.7 -- 0.8 VCC Unit dBm dBm dBm dBm dB mA V V V V V V 4 Agere Systems Inc. Data Sheet, Rev. 1 August 2001 NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers Qualification and Reliability To help ensure high product reliability and customer satisfaction, Agere Systems is committed to an intensive quality program that starts in the design phase and proceeds through the manufacturing process. Optoelectronic modules are qualified to Agere Systems internal standards using MIL-STD-883 test methods and procedures and using sampling techniques consistent with Telcordia Technologies (R) requirements. The 2417 transceiver is required to pass an extensive and rigorous set of qualification tests. In addition, the design, development, and manufacturing facilities of Agere Systems Optoelectronics unit have been certified to be in full compliance with the latest ISO (R) 9001 quality system standards. Electrical Schematic VEET TD- TRANSMITTER DRIVER TD+ 7 10 9 VCCT SFF TRANSCEIVER VCCR 6 C4 2 L2 VCC C5 L1 C1 L1 = L2 = 1 H--4.7 H* C1 = C2 = 10 nF C3 = 4.7 F--10 F C4 = C5 = 4.7 F--10 F C2 RD+ PREAMP RECEIVER POST AMPLIFIER RD- 5 4 C3 VCC 130 SD VEER 3 1 82 * Ferrite beads can be used as an option. For all capacitors, MLC caps are recommended. Termination resistors for 2417G4A only. 1-968 (F).a Figure 2. Power Supply Filtering for the Small Form Factor Transceiver Agere Systems Inc. 5 NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers Data Sheet, Rev. 1 August 2001 Application Schematics VCC (+3.3 V) VCC (+3.3 V) TD+ TD- 100 Z = 50 Z = 50 130 LVPECL 130 A. Transmitter Interface (LVPECL to LVPECL) VCC (+3.3 V) VCC (+3.3 V) RD+ RD- 130 Z = 50 Z = 50 130 100 LVPECL B. Receiver Interface (LVPECL to LVPECL) 1-970 (F).a Figure 3. 3.3 V Transceiver Interface with 3.3 V ICs 6 Agere Systems Inc. Data Sheet, Rev. 1 August 2001 NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers Outline Diagrams Dimensions are in inches and (millimeters). Package Outline 1.914 (48.62) 0.535 MAX (13.59) 0.246 (6.25) 0.386 MAX (9.80) 0.014 (0.36) 0.125 (3.17) 0.018 (0.46) 0.280 (7.11) 0.070 (1.78) 0.700 (17.78) 0.400 (10.16) 0.734 (18.64) 0.150 (3.81) 1-1032 (F).b Agere Systems Inc. 7 NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers Data Sheet, Rev. 1 August 2001 Outline Diagrams (continued) Printed-Wiring Board Layout *, Dimensions are in inches and (millimeters). 3.00 (0.118) 7.59 (0.299) 13.34 (0.525) A (2x) 2.29 MAX (0.090) AREA FOR EYELETS 3.00 (0.118) (2x) 1.4 0.1 NOTE 1 (0.055 0.004) 0.00 M A 4.57 (0.180) 8.89 (0.350) 7.11 (0.280) 6.00 (0.236) (9x) 1.78 (0.070) (2x) 0.81 0.1 (0.032 0.004) 0.00 M A 16.00 REF (0.630) 3.08 (0.121) 3.56 (0.140) 2.00 (0.79) (2x) 2.29 MAX (0.090) 2.01 (0.79) 9.59 (0.378) 10.16 (0.400) (4x) 1.4 0.1 NOTE 2 (0.055 0.004) 0.00 M A NOTES: 1. HOLES FOR MOUNTING STUDS MUST BE TIED TO CHASSIS GROUND. 2. HOLES FOR HOUSING LEADS MUST BE TIED TO SIGNAL GROUND. 1-1271(F) 1-1088(F).b * The hatched areas are keep-out areas reserved for housing standoffs. No metal traces of ground connection in keep-out area. Twenty-pin module shown; 10-pin module requires only 16 PWB holes. 8 Agere Systems Inc. Data Sheet, Rev. 1 August 2001 NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers Outline Diagrams (continued) Recommended Panel Opening Dimensions are in inches and (millimeters). 0.400 (10.16) 0.590 TO 0.620 (14.99 TO 15.75) 0.560 (14.22) 0.039 TO 0.098 (1.00 TO 2.49) 1-1088(F).d Laser Safety Information Class I Laser Product FDA/CDRH Class I laser product. All versions of the transceiver are Class I laser products per CDRH, 21 CFR 1040 Laser Safety requirements. All versions are Class I laser products per IEC (R) 60825-1:1993. The transceiver has been certified with the FDA under accession number 9520668. CAUTION: Use of controls, adjustments, and procedures other than those specified herein may result in hazardous laser radiation exposure. This product complies with 21 CFR 1040.10 and 1040.11. Wavelength = 1.3 m Maximum power = 1.0 mW Because of size constraints, laser safety labeling is not affixed to the module but is attached to the outside of the shipping carton. Product is not shipped with power supply. NOTICE Unterminated optical connectors may emit laser radiation. Do not view with optical instruments. Agere Systems Inc. 9 NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers Data Sheet, Rev. 1t August 2001 Ordering Information Table 4. Ordering Information Description 2 x 5 Single-mode Transceiver for OC-3/STM-1 (155 Mbits/s) with LC Connector 2 x 5 Single-mode Transceiver for OC-12/STM-4 (622 Mbits/s) with LC Connector Device Code 2417G4A 2417H4A Comcode 108282203 108282211 EIA is a registered trademark of The Electronic Industries Association. Telcordia Technologies is a registered trademark of Telcordia Technologies, Inc. ISO is a registered trademark of The International Organization for Standardization. IEC is a registered trademark of The International Electrotechnical Commission. For additional information, contact your Agere Systems Account Manager or the following: http://www.agere.com INTERNET: docmaster@agere.com E-MAIL: N. AMERICA: Agere Systems Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286 1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106) ASIA: Agere Systems Hong Kong Ltd., Suites 3201 & 3210-12, 32/F, Tower 2, The Gateway, Harbour City, Kowloon Tel. (852) 3129-2000, FAX (852) 3129-2020 CHINA: (86) 21-5047-1212 (Shanghai), (86) 10-6522-5566 (Beijing), (86) 755-695-7224 (Shenzhen) JAPAN: (81) 3-5421-1600 (Tokyo), KOREA: (82) 2-767-1850 (Seoul), SINGAPORE: (65) 778-8833, TAIWAN: (886) 2-2725-5858 (Taipei) Tel. (44) 7000 624624, FAX (44) 1344 488 045 EUROPE: Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. NetLight is a registered trademark of Agere Systems Inc. Copyright (c) 2001 Agere Systems Inc. All Rights Reserved August 2001 DS00-106OPTO-1 (Replaces DS00-106OPTO) |
Price & Availability of 2417H4A
![]() |