Part Number Hot Search : 
BGY885 2128M BCM8421 30C01SP VN0106N9 MA4P303 TK16J60W 5962F
Product Description
Full Text Search
 

To Download 1N4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N 4148, 1N 4150, 1N 4151, 1N 4448 Silicon Planar Diodes Silizium-Planar-Dioden
Nominal current Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Glass case Glasgehause Weight approx. Gewicht ca.
Dimensions / Mae in mm
150...300 mA 50...100 V DO-35 SOD-27 0.13 g see page 16 siehe Seite 16
Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings Type Typ 1N 4148 1N 4150 1N 4151 1N 4448 Reverse voltage Sperrspannung VRM [V] 75 50 50 75
Grenzwerte Reverse Breakdown Voltage Abbruchspannung VRRM [V] 1) 100 50 75 100
1N 4148 1N 4448 Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Non-repetitive peak fwd. current Stostrom Grenzwert Max. power dissipation Max. Verlustleistung tp = 1 :s Tj = 25/C TA = 25/C IFAV IFRM IFSM Ptot Tj TS 150 mA2) 500 mA2) 2000 mA
1N 4150 300 mA2) 600 mA2) 4000 mA 500 mW 2) - 50...+ 200/C - 50...+ 200/C
1N 4151 200 mA2) 500 mA2) 2000 mA
Operating junction temp. - Sperrschichttemp. Storage temperature - Lagerungstemperatur
1 2
34
) Tested with 100 :A pulses - Gemessen mit 100 :A-Impulsen ) Valid, if leads are kept at TA = 25/C at a distance of 5 mm from case Gultig, wenn die Anschludrahte in 5 mm Abstand von Gehause auf TA = 25/C gehalten werden 01.10.2002
1N 4148, 1N 4150, 1N 4151, 1N 4448 Characteristics, Tj = 25/C Type Typ 1N 4148 Forward voltage Durchlaspannung VF [V] <1 IF [mA] 10 Leakage current Sperrstrom IR [nA] < 25 < 5.000 < 50.000 < 100 < 100.000 VR [V] 20 75 20 (Tj = 150/C) 50 50 (Tj = 150/C) Kennwerte, Tj = 25/C Rev. recovery time 1) Sperrverzugszeit 1) trr [ns] <4
1N 4150
0.54...0.62 0.66...0.74 0.76...0.86 0.82...0.92 0.87...1.00 <1 0.62...0.72 <1
1 10 50 100 200 50 5 100
<4
1N 4151 1N 4448
< 50 < 50.000 < 20 < 5.000 < 50.000
50 50 (Tj = 150/C) 25 75 20 (Tj = 150/C)
<2 <4
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
RthA < 0.3 K/mW 2)
1 2
) IF = 10 mA uber / through IR = 10 mA bis / to IR = 1 mA, UR = 6 V, RL = 100 S ) Valid, if leads are kept at TA = 25/C at a distance of 5 mm from case Gultig, wenn die Anschludrahte in 5 mm Abstand von Gehause auf TA = 25/C gehalten werden 01.10.2002
35


▲Up To Search▲   

 
Price & Availability of 1N4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X