Part Number Hot Search : 
5400J T240128 SK106 1N4744B 1N5408 NTE5631 4118NH4 00152
Product Description
Full Text Search
 

To Download YG963S6R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION
Device Name : SILICON DIODE Type Name Spec.No. : YG963S6R : MS5D1437
Fuji Electric Co.,Ltd. Matsumoto Factory
Fu ji Electric Co.,Ltd.
MS5D1437
1/12
Revised Records
Date Classification Ind. Content Applied date Issued date alteration a Eadd test items * Issued date Drawn Checked Checked Approved
MAY.-22 enactment -2001 JAN.-24 -2002
K. SAKURAI
T. HOSEN
Fuji Electric Co.,Ltd.
MS5D1437
2/12
1. SCOPE This specification provides the ratings and the test requirement for FUJI SILICON DIODE YG963S6R 2. Application PFC circuit(current continuous mode) This diode is a product which optimizes the diode characteristic for the PFC circuit.This product is a product by which the trr characteristic was valued more than VF though there is a relation of the trade-off up to VF and Trr.The total loss of the PFC circuit can be suppressed by shortening trr. 3. OUT VIEW, MARKING, MOLDING RESIN, CHARACTERISTICS (1) Out view is shown MS5D1437 9/12 (2) Marking is shown MS5D1437 9/12 It is marked to type name or abbreviated type name, polarity and Lot No. (3) Molding resin Epoxy resin UL:V-0 (4) Characteristics is shown MS5D1437 10/12~12/12 4. RATINGS 4.1 MAXIMUM RATINGS ITEM Repetitive peak reverse voltage Non-repetitive peak reverse voltage Isolating voltage Surge peak forward current Peak forward current Average output current Non-repetitive surge current Operating junction temperature Storage temperature SYMBOL VRRM VRSM ViSO Ips Ip I0 IFSM Tj Tstg unless otherwise specified.) CONDITIONS IF=5A,-di/dt=200A/E s,VR=380V Tj=100*Z IF=0.1A,IR=0.2,Irec=0.05A IF = 15 A VR = VRRM MAXIMUM Typ. Max. Max. Max. Max. 2.5 30.0 5.0 50.0 3.5 UNITS A ns V C/W Square wave duty =1/2 Tc = 103*Z * @ 40
150 -40~*{ 150 Terminals-to-Case,AC.1min tw*... 200ns
CONDITIONS
RATINGS 600 600 1500 20 15 5
UNITS V V V A A A A C C
Sine wave, 10ms
4.2 ELECTRICAL CHARACTERISTICS (at Ta=25*Z ITEM Reverse recovery peak current Reverse recovery time Forward voltage Reverse current Thermal resistance SYMBOL IRP trr VF IR
Rth(j-c) Junction to case
4.3 MECHANICAL CHARACTERISTICS Mounting torque Approximate mass Recommended torque 0.3* 0.5 2.0 N m g
Fuji Electric Co.,Ltd.
MS5D1437
3/12
5.TEST
Test Test No. Items 1 Terminal Strength (Tensile) Testing methods and Conditions Reference Sampling Acceptance Standard number number EIAJ ED4701
2 Terminal Strength (Bending)
3 Mounting Strength
4 Vibration
5 Shock
6 Solderability
7 Resistance to Soldering Heat
Pull force TO-220,TO-220F : 10N TO-3P,TO-3PF,TO-247 : 25N TO-3PL : 45N T-Pack,K-Pack : 10N Force maintaining duration :301s Load force TO-220,TO-220F : 5N TO-3P,TO-3PF,TO-247 : 10N TO-3PL : 15N T-Pack,K-Pack : 5N Number of times :2times(90deg./time) Screwing torque value: (M3) TO-220,TO-220F : 4010N TO-3P,TO-3PF,TO-247 : 5010N TO-3PL : 7010N frequency : 100Hz to 2kHz 2 Acceleration : 100m/s Sweeping time : 4min./1 cycle 4times for each X,Y&Z directions. 2 Peak amplitude: 15km/s Duration time : 0.5ms 3times for each X,Y&Z directions. Solder temp. : 2355C Immersion time : 50.5s Each terminal shall be immersed in the solder bath within 1 to 3.0mm from the body. Solder temp. : 2605C Immersion time : 101s Number of times : 1times
A-111A method 1
5
A-111A method 3
5
Mechanical test
(0:1)
A-112 method 2 5
A-121
5
A-122 test code D
5
A-131A test code A
5
A-132
5
Fuji Electric Co.,Ltd.
MS5D1437
4/12
Test Test No. Items 1 High Temp. Storage 2 Low Temp. Storage 3 Temperature Humidity Storage 4 Temperature Humidity Bias 5 Unsaturated Pressurized Vapor 6 Temperature Cycle
Testing methods and Conditions
7 Thermal Shock
8 Steady state Operating life 9 Intermittent Operating Life 10 High Temp. Reverse Bias
Temperature :s stg max Test duration : 1000h Temperature : Tstg min Test duration : 1000h Temperature : 852C Relative humidity : 855% Test duration : 1000h Temperature : 852C Relative humidity : 855% Bias Voltage : VRRM*~ 0.8 Test duration : 1000h Temperature : 1202C Relative humidity : 855% Vapor pressure : 170kPa Test duration : 96h High temp.side : Tstg max Room temp. : 5* 35*Z Low temp.side : Tstg min Duration time : HT 30min,RT 5min LT 30min Number of cycles : 100 cycles Fluid : pure water(running water) High temp.side : 100+0/-5C Low temp.side : 0+5/-0C Duration time : HT 5min,LT 5min Number of cycles : 100 cycles Ta=255C Rated load Test duration : 1000h Tj=Tjmax * 50*Z
Reference Sampling Acceptance Standard number number EIAJ ED4701 B-111A 22 B-112A B-121A test code C 22
22
Endurance test
B-122A test code C
22
(0:1)
B-123A test code B 22
B-131A
22
B-141A test code A
22
D-402
22
3min ON, 3min OFF
Test duration : 10000cy Temperature : Ta= 100 C Bias Voltage : VR=VRRM duty=1/2 Test duration : 1000h IR *... USL x 5 VF*... USL x 1.1
D-403
22
(0:1)
D-404
22
Failure Criteria
USL:Upper specification Limit
Fuji Electric Co.,Ltd.
MS5D1437
5/12
6.Cautions EAlthough Fuji Electric is continually improving product qualit reliability,a small * y and percentage of semiconductor products may become faulty.When us ing Fuji Electric semiconductor products in your are requested to take adequate safety measures to prevent the equipment from causing physical injury , fire,or other problem in case any of the products fail.It is recommended to make your d fail-safe,flame esign retardant,and free of malfunction. EThe products described in this Specification are intended for uin the following electronic * se and electrical equipment which has normal reliability requirem ents. *EComputers *EOA equipment *ECommunications equipment(Terminal dev ices) EMeasurement equipment EMachine tools * * EAV equi * pment *EElectrical home appliances *EPersonal equipment *EIndustr ial robots etc. EThe products described in this Specification are not designedmanufactured tobe used in * ro equipment or systems used under life-threatening situations.If are considering using you these products in the equipment listed below,first check the s ystem construction and required reliability. ETransportation equipment(automobiles,trains,ships,etc.) * *EBackbone network equipment *ETraffic-signal control equip ment EGas alarms, leakage gas auto breakers * ESubmarine repeater equi * pment *EBurglar alarms,fire alarms,emergency equipment *EMedical equi pment *ENuclear control equipment etc. Do not use the products in this Specification for equipment requ strict reliability such as(but iring not limited to): *EAerospace equipment *EAeronautical equipment 7.Warnings EThe Diodes should be used in products within their absolute max rating(vltage, * imaum current, temperature,etc.).The Diodes may be destroyed if used beyond the rating. *EThe equipment containing Diodes should have adequate fusesrotection to prevent the or p equipment from causing secondary destruction. *EUse the Diodes within their reliability and lifetime under cert environments or conditions. ain The Diodes may fail before the target lifetime of your product used under certain reliability s if conditions. EYou must design the Diodes to be operated within the specified * maximum ratings(voltage, current,temperature,etc.)toprevent possible failure or destruc of devices. tion EConsider the possible temperature rise not only for the junctio case, but also for the * n and leads. EDo not directly touch the leads or package of the Diodes while * power is supplied or during operation,to avoid electric shock and burns.
Fuji Electric Co.,Ltd.
MS5D1437
6/12
*EThe Diodes are made of incombustible material.However,if a e fails,it may emit smoke Diod of flame.Also,operating the Diodes near any flammable place or material may cause the Diodes to emit smoke or flame in case the Diodes become even h during operation. otter Design the arrangement to prevent the spread of fire. EThe Diodes should not used in an environment in the presence of * acid,organic matter,or corrosive gas(hydrogen sulfide,sulfurous acid gas.) EThe Diodes should not used in an irradiated field since they ar radiation-proof. * e not Insatallation ESoldering involves temperatures which exceed the device storage * temperature rating.To avoid device damage and to ensure reliability, observe the fol lowing guidelines from the quality assurance standard. *ESolder temperature and duration(through-hole package) Solder temperature 260*}5*Z 350*10*Z } Duration 10*}1second 3.0*0.5second }
EThe immersion depth of the lead should basically be up to the l stopper and the distance * ead should be a maximum of 1.5mm from the device. EWhen flow-soldering,take care to avoid immersing the package insolder bath. * the ERefer to the following torque reference When mounting the devic a heat sink. Excess * e on torque applied to the mounting screw causes damage to the devi ce and weak torque will increase the thermal resistance, both of which conditions may destory the device. Table 1:Recommended tightening torque Package style Screw Recommended tightening torque TO-220 M3 30-50Ncm TO-220F TO-3P M3 40-60Ncm TO-3PF TO-247 TO-3PL M3 60-80Ncm EThe heat sink should have a flatness within*50m and roughness within 10Em. * }E Also,keep the tightening torque within the limits of this spec ification. *EImproper handling may cause isolation breakdown leading to a cr accident. itical *EWe recommend the use of thermal compound to optimize the effici of heat radiation.It is ency important to evenly apply the compound and to eliminate any viods. r ai Storage EThe Diodes must be stored at a standard temperature of 5 to*Z and relative humidity of 45 * 35 to 75%.If the storage area is very dry,a humidifier may beuired.In such a case,use only req deionized water or boiled water,since the chlorine in tap wate corrode the leads. r may *EThe Diodes should not be subjected to rapid changes in temperatto avoid condensation ure on the suface of the Diodes.Therfore,store the Diodes in a ce Where the temperature is pla steady. EThe Diodes should not be stored on top of each other,since this cause excessive * may external force on the case. EThe Diodes should not be stored with the lead terminals remaini * ng unprocessed.Rust may cause presoldered connections to go fail during later processi ng. EThe Diodes should be stored in antistatic containers or shippin * g bags.
Fuji Electric Co.,Ltd.
MS5D1437
7/12
8.Appendix EThese products do not contain PBDOs or PBBs. * EThese products,assemblies,or components do not contain anyhe above-mentioned * of t substances. Prohibited substances: CFCs,halon,carbon tetrachloride,1,1,1-trichloroethane(metyl ch loroform) These products,assemblies,or components are not manufactured usi of the ng any above-mentioned substances. Prohibited substances: CFCs,halon,carbon tetrachloride,1,1,1-trichloroethane(methyl chl oroform) *EIf you have any questions about any part of this Specification, please contact Fuji Electric or its sales agentbefore using the product ENeither Fuji nor its agents shall be held liable for any injury * caused by using the products not in accordance with the instructions. *EThe application examples described in this specification arerely typical uses of Fuji Electric me products. This specification does not confer any industrial property hts or other rights, nor constitute a rig license for such rights.
Fuji Electric Co.,Ltd.
MS5D1437
8/12
Fuji Electric Co.,Ltd.
MS5D1437
9/12
Forward Characteristic (typ.)
100
Reverse Characteristic (typ.)
Tj=150C Tj=125C
10
Tj=100C
IF Forward Current (A)
Tj=150C
1
Tj=125C Tj=100C Tj=25C
IR Reverse Current (A)
Tj=25C
0.1
0.01 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
VR Reverse Voltage (V)
VF Forward Voltage (V)
Forward Power Dissipation
25 0.045
Reverse Power Dissipation
0.040
DC
20 0.035
(W)
15 Square wave =60 Square wave =120 Sine wave =180 Square wave =180 10
0.030
Reverse Power Dissipation
0.025
0.020
=180
0.015
PR
0.010 5 0.005 Per 1element 0 0 1 2 3 4 5 6 0.000 0 100 200 300 400 500 600 700
Io
Average Forward Current
(A)
VR
Reverse Voltage
(V)
Fuji Electric Co.,Ltd.
MS5D1437
10/12
Current Derating (Io-Tc)
160 1000
Junction Capacitance Characteristic (typ.)
150
140
130 100 120
(C)
DC 110 Square wave =180C 100 Sine wave =180C 90 Square wave =120C
Case Temperature
Cj
80 70 60 Square wave =60C 50 0 1 2 3 4 5 6 7
Junction Capacitance (pF)
10 1 1 10 100
Tc
Io
Average Output Current
(A)
VR
Reverse Voltage (V)
:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Surge Capability
100
Peak Half - Wave Current IFSM
(A)
10 1 1 10 100
Number of Cycles at 50Hz
Fuji Electric Co.,Ltd.
MS5D1437
11/12
Transient Thermal Impedance
10
2
(C/W)
10
1
Transient Thermal Impedance
10
0
10
-1
10
-2
10
-1
10
0
10
1
10
2
10
3
t
Time
(sec)
Fuji Electric Co.,Ltd.
MS5D1437
12/12


▲Up To Search▲   

 
Price & Availability of YG963S6R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X