|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
UML125B NPN SILICON RF POWER TRANSISTOR DESCRIPTION: The UML125B is Designed for Class A, B and C Power Amplifiers Operating in the 100 to 500 MHz Military Band. PACKAGE STYLE .400 8L FLG Emitter - 4 G F E .1925 .125 H 4 x .060 R I J C D B A FEATURES: * PG = 7.0 dB Min. at 125 W/400 MHz * Input Matching Networks * OmnigoldTM Metalization System Collector- 2 places FULL R O K Base - 2 places N LM MAXIMUM RATINGS IC VCBO VCEO VEBO PDISS TJ T STG JC 15 A 60 V 33 V 4.0 V 260 W @ TC = 25 C -65 OC to +200 OC -65 C to +150 C 0.67 C/W O O O O DIM A B C D E F G H I J K L M N O .395 / 10.03 .380 / 9.65 .735 / 18.67 .645 / 16.38 .895 / 22.73 .420 / 10.67 .003 / 0.08 .120 / 3.05 .159 / 4.04 .065 / 1.65 .130 / 3.30 .115 / 2.92 .360 / 9.14 MINIMUM inches / mm MAXIMUM inches / mm .030 / 0.76 .125 / 3.18 .075 / 1.91 .390 / 9.91 .765 / 19.43 .655 / 16.64 .905 / 22.99 .430 / 10.92 .007 / 0.18 .130 / 3.30 .175 / 4.45 .280 / 7.11 .405 / 10.29 ORDER CODE: ASI10699 CHARACTERISTICS SYMBOL BV CBO BV CES BV CEO BV EBO ICBO hFE GP C GP C IC = 100 mA IC = 80 mA IC = 50 mA IE = 20 mA VCB = 30 V VCE = 5.0 V VCE = 28 V VCE = 28 V TC = 25 OC NONETEST CONDITIONS MINIMUM TYPICAL MAXIMUM 60 60 33 4.0 ------------------10 --- UNITS V V V V mA --dB % dB % IC = 1.0 A POUT = 125 W POUT = 100 W f = 400 MHz f = 500 MHz 20 7.0 60 5.5 55 --- A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004 Specifications are subject to change without notice. REV. A 1/1 |
Price & Availability of UML125B |