|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number :EN698C SVC202, 202SPA Duffused Junction Type Sillicon Diode Varactor Diode (IOCAP) for FM Receiver Electronic Tuning Features * Twin type FM electronic tuning-use varactor diode which excels in large input characteristics. Package Dimensions unit:mm 1074A [SVC202] JEDEC:TO-92 EIAJ:SC-43 SANYO:NP A:Anode C:Cathode Electical Connection unit:mm 1129 [SVC202SPA] A:Anode C:Cathode A:Anode C:Cathode Specifications Absolute Maximum Ratings at Ta = 25C Parameter Repetitive Voltage Junction Temperature Storage Temperature Symbol VR Tj Tstg Conditions Ratings SANYO:SPA Unit -16 100 V C C -55 to +100 Electrical Characteristics at Ta = 25C Parameter Breakdown Voltage Reverse Current Interterminal Capacitance* Symbol V(BR)R IR C1.6V C3.5V C5.0V C7.5V Capacitance Ratio Series Resistance Matching Tolerance CR rs Cm IR=-10A VR=-9V VR=-1.6V, f=1MHz VR=-3.5V, f=1MHz VR=-5.0V, f=1MHz VR=-7.5V, f=1MHz C1.6V/C7.5V, f=1MHz f=50MHz, VR=-1V (Cmax-Cmin)/Cmin 28.19 19.04 14.48 10.17 2.2 Conditions Ratings min -16 -50 37.45 24.33 18.49 12.99 3.7 0.6 0.05 typ max Unit V nA pF pF pF pF Note)*:Capacitance value of one diode SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 33098HA (KT)/2279TA, TS No.698-1/4 SVC202, 202SPA Address and Capacitance Value (one diode) No.698-2/4 SVC202, 202SPA No.698-3/4 SVC202, 202SPA No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of March, 1998. Specifications and information herein are subject to change without notice. PS No.698-4/4 |
Price & Availability of SVC202 |