Part Number Hot Search : 
1N4007G PN6544 MA2SV02 OSG5DA MSC0305W 12VDC EA1791 BZX84J
Product Description
Full Text Search
 

To Download STTH110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STTH110/A
HIGH VOLTAGE ULTRAFAST RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) FEATURES AND BENEFITS
s s
1A 1000 V 175 C 1.42 V
s
s
s
Low forward voltage drop High reliability High surge current capability Soft switching for reduced EMI disturbances Planar technology
DO-41 STTH110
DESCRIPTION The STTH110, which is using ST ultrafast high voltage planar technology, is specially suited for free-wheeling, clamping, snubbering, demagnetization in power supplies and other power switching applications.
SMA STTH110A
ABSOLUTE RATINGS (limiting values) Symbol VRRM V(RMS) IF(AV) Parameter Repetitive peak reverse voltage RMS voltage Average forward current Tl = 100C Tl = 125C IFSM Forward surge current t = 8.3 ms =0.5 =0.5 DO-41 SMA DO-41 SMA Tstg Tj Storage temperature range Maximum operating junction temperature Value 1000 700 1 1 20 18 - 50 + 175 + 175 C C A Unit V V A
January 2003 - Ed: 1
1/5
STTH110/A
THERMAL PARAMETERS Symbol Rth (j-l) Junction to lead Parameter L = 10 mm DO-41 SMA Rth (j-a) Junction to ambient L = 10 mm DO-41 Value 45 30 110 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol IR Parameter Reverse leakage current Tests conditions VR = 1000V Tj = 25C Tj = 125C VF Forward voltage drop IF = 1 A Tj = 25C Tj = 150C To evaluate the maximum conduction losses use the following equation : P = 1.20 x IF(AV) + 0.225 x IF2(RMS) DYNAMIC ELECTRICAL CHARACTERISTICS Symbol trr tfr VFP Parameter Reverse recovery time Forward recovery time Forward recovery voltage Tests conditions IF = 0.5 A Irr = 0.25 A IR = 1A IF = 1 A dIF/dt = 50 A/s VFR = 1.1 x VFmax Tj = 25C Tj = 25C Min. Typ. Max. 75 300 18 Unit ns ns V 0.98 Min. Typ. Max. 10 50 1.7 1.42 V Unit A
2/5
STTH110/A
Fig. 1: Conduction losses versus average current.
P(W)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 1.0 100.0
Fig. 2: Forward voltage drop versus forward current.
IFM(A)
= 0.05
= 0.1
= 0.2
= 0.5
Tj=150C (maximum values)
=1
10.0
Tj=150C (typical values) Tj=25C (maximum values)
T
IF(AV)(A)
=tp/T
0.9 1.0
tp
0.1 1.1 1.2 0.0 0.5 1.0 1.5
VFM(V)
2.0 2.5 3.0 3.5 4.0 4.5
Fig. 3-1: Relative variation of thermal impedance junction ambient versus pulse duration (epoxy FR4, Lleads = 10mm) (DO-41).
Zth(j-c)/Rth(j-c)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 1.E-01 1.E+00 1.E+01
= 0.2 = 0.1 Single pulse = 0.5
Fig. 3-2: Relative variation of thermal impedance junction ambient versus pulse duration (epoxy FR4) (SMA).
Zth(j-c)/Rth(j-c)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3
= 0.2 = 0.1 = 0.5
T
0.2 0.1
T
tp(s)
=tp/T
1.E+02
tp
0.0 1.E+03
Single pulse
tp(s)
1.E+00 1.E+01
=tp/T
1.E+02
tp
1.E+03
1.E-01
Fig. 4-1: Thermal resistance junction to ambient versus copper surface under each lead (epoxy printed circuit board FR4, copper thickness: 35m) (DO-41).
Rth(j-a)(C/W)
120 110 100 90 80 70 60 50 40 30 20 10 0 0 1 2 3 4 5 6 7 8 9 10
Fig. 4-2: Thermal resistance junction to ambient versus copper surface under each lead (epoxy printed circuit board FR4, copper thickness: 35m) (SMA).
Rth(j-a)(C/W)
140 130 120 110 100 90 80 70 60 50 40 30 20
S(cm)
10 0 0.0 0.5 1.0 1.5 2.0
S(cm)
2.5 3.0 3.5 4.0 4.5 5.0
3/5
STTH110/A
PACKAGE MECHANICAL DATA SMA DIMENSIONS
E1
REF.
Millimeters Min. Max. 2.70 0.20 1.65 0.41 5.60 4.60 2.95 1.60
Inches Min. 0.075 0.002 0.049 0.006 0.189 0.156 0.089 0.030 Max. 0.106 0.008 0.065 0.016 0.220 0.181 0.116 0.063
D
A1 A2 b
1.90 0.05 1.25 0.15 4.80 3.95 2.25 0.75
E
c
A1
E E1
b
C L
A2
D L
FOOTPRINT (in millimeters)
1.65
1.45
2.40
1.45
4/5
STTH110/A
PACKAGE MECHANICAL DATA DO-41 DIMENSIONS
C A
C
OB /
REF.
Millimeters Min. Max.
5.20 2.71
Inches Min.
0.160 0.080 1.102
Max.
0.205 0.107
A B
OD / OD /
4.07 2.04 28 0.712
C D
0.863
0.028
0.034
Ordering code STTH110 STTH110A STTH110RL
s
Marking STTH110 H10 STTH110
Package DO-41 SMA DO-41
Weight 0.34 g 0.068 g 0.34 g
Base qty 2000 5000 5000
Delivery mode Ammopack Tape & reel Tape & reel
Epoxy meets UL 94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of STTH110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X