Part Number Hot Search : 
LFB32E3 C74VC 471M16 FARM2CG2 10T25 1N5221A HA1156 332ML
Product Description
Full Text Search
 

To Download SSM3K01T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM3K01T
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K01T
High Speed Switching Applications
* * * Small Package Low on Resistance : Ron = 120 m (max) (@VGS = 4 V) : Ron = 150 m (max) (@VGS = 2.5 V) Low Gate Threshold Voltage: Vth = 0.6~1.1 V (@VDS = 3 V, ID = 0.1 mA) Unit: mm
Maximum Ratings (Ta = 25C)
Characteristic Drain-Source voltage Gate-Source voltage DC Drain current Pulse Symbol VDS VGSS ID IDP (Note2) PD (Note1) Tch Tstg Rating 30 10 3.2 6.4 1250 150 -55~150 2 A Unit V V
Drain power dissipation (Ta = 25C) Channel temperature Storage temperature range
mW C C
JEDEC JEITA TOSHIBA
2-3S1A
Note1: Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, Cu pad: 645 mm , t = 10 s) Note2: The pulse width limited by max channel temperature.
Weight: 10 mg (typ.)
Handling Precaution
When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. The Channel-to-Ambient thermal resistance Rth (ch-a) and the drain power dissipation PD vary according to the board material, board area, board thickness and pad area, and are also affected by the environment in which the product is used. When using this device, please take heat dissipation fully into account.
1
2002-01-24
SSM3K01T
Marking
3
Equivalent Circuit
3
KW
1
2
1
2
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Drain-Source breakdown voltage Drain Cut-off current Gate threshold voltage Forward transfer admittance Drain-Source ON resistance Drain-Source ON resistance Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on time Turn-off time Symbol IGSS V (BR) DSS IDSS Vth |Yfs| RDS (ON) RDS (ON) Ciss Crss Coss ton toff Test Condition VGS = 10 V, VDS = 0 ID = 1 mA, VGS = 0 VDS = 30 V, VGS = 0 VDS = 3 V, ID = 0.1 mA VDS = 3 V, ID = 1.6 A ID = 1.6 A, VGS = 4 V ID = 1.3 A, VGS = 2.5 V (Note3) (Note3) (Note3) Min 3/4 30 3/4 0.6 2.6 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 5.2 85 115 152 41 102 45 69 Max 1 3/4 1 1.1 3/4 120 150 3/4 3/4 3/4 3/4 3/4 Unit mA V mA V S mW mW pF pF pF nS
VDS = 10 V, VGS = 0, f = 1 MHz VDS = 10 V, VGS = 0, f = 1 MHz VDS = 10 V, VGS = 0, f = 1 MHz VDD = 15 V, ID = 0.5 A VGS = 0~2.5 V, RG = 4.7 W
Note3: Pulse test
Switching Time Test Circuit
(a) Test circuit
10 ms 2.5 V 0 IN RG RL ID OUT VDD = 15 V RG = 4.7 W D.U. < 1% = VIN: tr, tf < 5 ns COMMON SOURCE Ta = 25C
(b) VIN
VGS
2.5 V 10%
90%
(c) VOUT
VDS
0 VDD
10% 90% tr ton toff tf
VDD
VDS (ON)
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = 100 mA for this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower voltage than Vth. (relationship can be established as follows: VGS (off) < Vth < VGS (on)) Please take this into consideration for using the device. VGS recommended voltage of 2.5 V or higher to turn on this product.
2
2002-01-24
SSM3K01T
ID - VDS
4 10 3.5 3 2.5 2 1.5 1.7 V 1 0.5 0 0 VGS = 1.5 V 4.0 2.5 2.1 10000 Common Source Ta = 25C 1000 Common Source VDS = 3 V 100C
ID - VGS
(mA)
(A)
100
Ta = 25C
ID
1.9 V
ID
Drain current
Drain current
10
-25C
1
0.1
0.5
1
1.5
2
0.01 0
0.5
1
1.5
2
2.5
3
Drain-Source voltage VDS
(V)
Gate-Source voltage
VGS (V)
RDS (ON) - ID
200 Common Source Ta = 25C 160 200 250 Common Source
RDS (ON) - Ta
Drain-Source on resistance RDS (ON) (m9)
120
VGS = 2.5 V
Drain-Source on resistance RDS (ON) (m9)
150
VGS = 2.5 V, ID = 1.3 A
VGS = 4 V 80
100 VGS = 4 V, ID = 1.6 A 50
40
0 0
1
2
3
4
5
0 -50
-25
0
25
50
75
100
125
150
Drain current
ID
(A)
Ambient temperature Ta (C)
|Yfs| - ID
10 1000 Common Source VDS = 3 V Ta = 25C
C - VDS
Common Source VGS = 0 f = 1 MHz Ta = 25C
Forward transfer admittance |Yfs| (S)
Capacitance C
(pF)
1
100
Ciss
Coss
Crss 0.1 0.01 10 0.1
0.1
1
10
1
10
100
Drain current
ID
(A)
Drain-Source voltage VDS
(V)
3
2002-01-24
SSM3K01T
t - ID
1000 Common Source VDD = 15 V VGS = 0~2.5 V 1.5 t = 10 s
PD - Ta
Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, 2 Cu Pad: 645 mm
(W) PD Drain power dissipation
1.25
(ns)
RG = 4.7 W Ta = 25C
1
t
Switching time
100
toff
0.75
DC
0.5
tf ton
0.25
tr 10 0.01 0.1 1
0 0
25
50
75
100
125
150
Ambient temperature Ta (C)
Drain current
ID
(A)
Safe operating area
10 ID max (pulsed) ID max (continuous) 1 ms*
10 ms*
(A)
1 DC operation Ta = 25C 10 s*
Drain current
ID
0.1
Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, 2 Cu Pad: 645 mm ) *: Single nonrepetitive Pulse Ta = 25C Curves must be derated linearly with increase in temperature. 1 10
VDSS max 100
0.01 0.1
Drain-source voltage
VDS
(V)
rth - tw
1000
rth Transient thermal impedance
(C /W)
100 10 Single pulse Mounted on FR4 board (25.4 mm 25.4 mm 1.6 t, 2 Cu Pad: 645 mm ) 1 0.001 0.01 0.1 1 10 100 1000
Pulse width
tw
(s)
4
2002-01-24
SSM3K01T
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
5
2002-01-24


▲Up To Search▲   

 
Price & Availability of SSM3K01T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X