Part Number Hot Search : 
AEQ08B48 SIT1572 BCM20738 HT3820 F0700 UM3217 EC1145 DS1401
Product Description
Full Text Search
 

To Download SMS1546-005LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Surface Mount Mixer and Detector Schottky Diodes
Features

Designed for high-volume commercial applications Available lead (Pb)-free MSL-1 @ 250 C per JEDEC J-STD-020 Tight parameter distribution Available as singles and pairs Available in tape and reel packaging
Description
These low cost, surface mountable plastic packaged silicon mixer Schottky diodes are designed for RF and microwave mixers and detectors. They include low barrier diodes and zero bias detectors, combining Skyworks advanced semiconductor technology with low cost packaging techniques. All diodes are 100% DC tested and deliver tight parameter distribution, minimizing performance variability. They are available in SC-70, SC-79, SOD-323, SOT-23, SOT-143, and LGA packages. Wiring configurations include singles, common cathode, series pairs and unconnected pairs. Applications include low noise receivers used in high sensitivity ID tags, wireless systems, radio designs and may be used at frequencies to 10 GHz. SPICE model parameters are included as a design tool.
Absolute Maximum Ratings
Characteristic Reverse voltage (VR) Forward current - steady state (IF) Power dissipation (PD) Storage temperature (TST) Operating temperature (TOP) Junction temperature (TJ) Soldering temperature Value Rated VB 50 mA 75 mW -65 C to +150 C -65 C to +150 C 150 C 260 C for 5 seconds
NEW
Skyworks offers lead (Pb)-free "environmentally friendly" packaging that is RoHS compliant (European Parliament for the Restriction of Hazardous Substances).
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200041 Rev. C * Skyworks Proprietary Information. * Products and product information are subject to change without notice. * February 15, 2005
1
DATA SHEET * SURFACE MOUNT MIXER AND DETECTOR SCHOTTKY DIODES
Single SC-79
Single SOD-323
Single SOT-23
Common Cathode
Series Pair SOT-23 SMS1546-005 Marking: SG2 SMS1546-005LF Marking: XG2
Reverse Series Pair SOT-23
Unconnected Pair SOT-143
Reverse Unconnected Pair SOT-143
Unconnected Pair LGA
SMS7621-079 Marking: Cathode SMS7621-079LF Marking: Cathode SMS7630-079 Marking: Anode SMS7630-079LF Marking: Anode LS = 0.7 nH SMS7630-011 Marking: SD SMS7630-011LF Marking: XD LS = 1.5 nH
SMS7621-001 Marking: SH1 SMS7621-001LF Marking: XH1 SMS7630-001 Marking: SD1 SMS7630-001LF Marking: XD1 LS = 1.5 nH SC-70 SMS7621-074 Marking: SH3 SMS7621-074LF Marking: XH3
SMS7621-005 Marking: SH2 SMS7621-005LF Marking: XH2 SMS7630-005 Marking: SD2 SMS7630-005LF Marking: XD2 LS = 1.5 nH SC-70 SMS7621-075 Marking: SH2 SMS7621-075LF Marking: XH2 SMS7630-075 Marking: SD2 SMS7630-075LF Marking: XD2 LS = 1.4 nH LS = 1.4 nH
SMS7621-006 Marking: SH8 SMS7621-006LF Marking: XH8 SMS7630-006 Marking: SD8 SMS7630-006LF Marking: XD8 LS = 1.5 nH SC-70
SMS7621-015 Marking: SH7 SMS7621-015LF Marking: XH7 SMS7630-020 Marking: SD0 SMS7630-020LF Marking: XD0 LS = 1.5 nH LS = 1.5 nH
SMS7621-517 Lead (Pb)-Free Marking: H
SMS7630-517 Lead (Pb)-Free Marking: D
LS = 0.6 nH
LF denotes lead (Pb)-free packaging option as an alternative to our standard tin/lead (Sn/Pb) packaging.
Electrical Specifications at 25 C (Per Junction)
Low Barrier Mixer and Detectors
Part Number Barrier VB @ 10 A (V) Min. SMS1546 Series SMS7621 Series
*RT is the slope resistance.
CT @ 0 V (pF) Typ. 0.50 0.25
VF @ 1 mA (mV)
Pair Configuration (b) VF @ 1 mA (mV) Max.
RT* @ 10 mA () Max. 8 18
Low Low
2 2
200-270 260-320
10 10
Zero Bias Detectors
Part Number VB @ 100 A (V) Min. SMS7630 Series 1.0 CT @ 0.15 V (pF) Typ. 0.30 60-120 135-240 VF @ 0.1 mA (mV) VF @ 1 mA (mV) Pair Configuration (b) VF @ 1 mA (mV) Max. 10 RV () Typ. 5000
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
February 15, 2005 * Skyworks Proprietary Information. * Products and product information are subject to change without notice. * 200041 Rev. C
DATA SHEET * SURFACE MOUNT MIXER AND DETECTOR SCHOTTKY DIODES
10000.00
50 RF Input
RFC
10 M Video Output
Detected Voltage (mV)
1000.00
100.00
10.00
1.00
-30
-20
-10
0
10
Input Power (dBm)
Typical Detector Characteristics @ 1.8 GHz
SPICE Model Parameters (Per Junction)
Parameter IS RS N TT CJ0 M EG XTI FC BV IBV VJ V A V eV s pF Unit A SMS1546 3E-7 4 1.04 1E-11 0.38 0.36 0.69 2 0.5 3 1E-5 0.51 SMS7621 4E-8 12 1.05 1E-11 0.10 0.35 0.69 2 0.5 3 1E-5 0.51 SMS7630 5E-06 20 1.05 1E-11 0.14 0.40 0.69 2 0.5 2 1E-4 0.34
Recommended Solder Reflow Profiles
Refer to the "Recommended Solder Reflow Profile" Application Note.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200041 Rev. C * Skyworks Proprietary Information. * Products and product information are subject to change without notice. * February 15, 2005
3
DATA SHEET * SURFACE MOUNT MIXER AND DETECTOR SCHOTTKY DIODES
SOT-23
0.110 (2.80 mm) Min. 0.120 (3.04 mm) Max.
3
SC-70
0.012 (0.30 mm) Min. 0.020 (0.50 mm) Max. 0.047 (1.20 mm) Min. 0.055 (1.40 mm) Max.
1 2
0.071 (1.80 mm) Min. 0.087 (2.20 mm) Max. 0.010 (0.25 mm) Min. 0.016 (0.40 mm) Max. 0.071 (1.80 mm) Min. 0.094 (2.40 mm) Max. 1 0.014 (0.35 mm) Ref. 0.026 (0.65 mm) Ref. 2
0.083 (2.10 mm) Min. 0.104 (2.64 mm) Max.
3 0.045 (1.15 mm) Min. 0.053 (1.35 mm) Max.
0.037 (0.95 mm) Ref. 0.020 (0.51 mm) Ref. 0.076 (1.92 mm) Ref.
0.051 (1.30 mm) Ref. 0.003 (0.080 mm) Min. 0.008 (0.20 mm) Max. 8 Max. 0.035 (0.89 mm) Min. 0.044 (1.12 mm) Max. 0.004 (0.10 mm) Min. 0.007 (0.18 mm) Max. 0.031 (0.80 mm) Min. 0.039 (1.00 mm) Max.
0.022 (0.55 mm) Ref.
0.0005 (0.01 mm) Min. 0.004 (0.10 mm) Max.
0.004 (0.10 mm) Min. 0.012 (0.30 mm) Max.
0.000 (0.00 mm) Min. 0.004 (0.10 mm) Max.
SOD-323
0.090 (2.30 mm) Min. 0.108 (2.74 mm) Max. 0.010 (0.25 mm) Min. 0.016 (0.40 mm) Max. 0.063 (1.60 mm) Min. 0.071 (1.80 mm) Max.
SC-79
Anode Indicator for SMS7630-079 Cathode Indicator for SMS7621-079 0.010 (0.25 mm) Min. 0.014 (0.35 mm) Max.
1
0.006 (0.15 mm) Min. 0.028 (0.70 mm) Min. 0.035 (0.90 mm) Max.
2
0.045 (1.15 mm) Min. 0.053 (1.35 mm) Max.
1
2
Cathode Indicator 0.008 (0.20 mm) Nom. 0.006 (0.15 mm) Typ.
0.060 (1.50 mm) Min. 0.067 (1.70 mm) Max. 0.043 (1.10 mm) Min. 0.051 (1.30 mm) Max.
0.050 (1.25 mm) Max.
0.004 (0.10 mm) Max. 0.010 (0.25 mm) Min.
10 Max. 0.003 (0.07 mm) Min. 0.008 (0.20 mm) Max. 10 Max.
0.020 (0.50 mm) Min. 0.028 (0.70 mm) Max.
SOT-143
0.110 (2.80 mm) Min. 0.120 (3.04 mm) Max. 0.020 (0.50 mm) Ref. 4 0.083 (2.10 mm) Min. 0.104 (2.64 mm) Max. 1 0.068 (1.72 mm) Ref. 0.028 (0.70 mm) Ref. 0.030 (0.76 mm) Min. 0.035 (0.89 mm) Max. 0.047 (1.20 mm) Min. 0.055 (1.40 mm) Max. 0.003 (0.08 mm) Min. 8 Max. 0.008 (0.20 mm) Max. 2 3 0.076 (1.92 mm) Ref.
LGA (-517)
0.058 (1.47 mm) 0.054 (1.39 mm) Pin 1 0.048 (1.23 mm) 0.044 (1.13 mm) Pin 2 Top View (0.00) (0.40) (0.87) (1.27) 0.012 (0.30 mm) Min. 0.020 (0.50 mm) Max. (1.03) (0.73) (0.30) (0.00) 0.0005 (0.01 mm) Min. 0.004 (0.15 mm) Max. Pin 3 Side View Pin 4 0.028 (0.70 mm) 0.023 (0.58 mm)
0.031 (0.80 mm) Min. 0.047 (1.20 mm) Max.
Pin 2 (0.138 x 45) Pin 1
Pin 3
Pin 4 (0.076) All Around Bottom View
0.022 (0.55 mm) Ref.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 4
February 15, 2005 * Skyworks Proprietary Information. * Products and product information are subject to change without notice. * 200041 Rev. C
DATA SHEET * SURFACE MOUNT MIXER AND DETECTOR SCHOTTKY DIODES
Copyright (c) 2002, 2003, 2004, 2005, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products. These materials are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials. Skyworks may make changes to its documentation, products, specifications and product descriptions at any time, without notice. Skyworks makes no commitment to update the information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from future changes to its documentation, products, specifications and product descriptions. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by or under this document. Except as may be provided in Skyworks Terms and Conditions of Sale for such products, Skyworks assumes no liability whatsoever in association with its documentation, products, specifications and product descriptions. THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR IMPLIED OR OTHERWISE, RELATING TO SALE AND/OR USE OF SKYWORKS PRODUCTS INCLUDING WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. SKYWORKS FURTHER DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING SPECIAL, INDIRECT, INCIDENTAL, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THESE MATERIALS WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. The following are trademarks of Skyworks Solutions, Inc.: Skyworks(R), the Skyworks logo, and Breakthrough Simplicity(R). Product names or services listed in this publication are for identification purposes only, and may be trademarks of Skyworks or other third parties. Third-party brands and names are the property of their respective owners. Additional information, posted at www.skyworksinc.com, is incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200041 Rev. C * Skyworks Proprietary Information. * Products and product information are subject to change without notice. * February 15, 2005
5


▲Up To Search▲   

 
Price & Availability of SMS1546-005LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X