Part Number Hot Search : 
KF5N50FS C2SC2 MSM832 2SK2846 24AA014H CMX661D4 LT3032 CMX661D4
Product Description
Full Text Search
 

To Download RX-2405S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

Controllable Output 1kVDC Isolation No Heatsink Required UL94V-0 Package Material Toroidal Magnetics No External Components Fully Encapsulated Efficiency to 70%
ECONOLINE
DC/DC-Converter
RY & RX Series
Efficiency
Selection Guide
Part Number SIP 7 RY-xx05S RY-xx09S RY-xx12S RY-xx15S RY-xx24S RY-xx05D RY-xx09D RY-xx12D RY-xx15D RY-xx24D DIP 14 RX-xx05S RX-xx09S RX-xx12S RX-xx15S RX-xx24S RX-xx05D RX-xx09D RX-xx12D RX-xx15D RX-xx24D Input Voltage (VDC) 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 Output Voltage (VDC) 5 9 12 15 24 5 9 12 15 24 Output Current (mA) 180 111 84 66 42 100 55 42 33 21 (%) 58-60 56-62 60-66 60-66 60-68 50-58 52-60 58-68 62-68 64-70
1 Watt SIP7 & DIP14 Single & Dual Output
xx = Input Voltage
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Output Ripple and Noise (20MHz limited) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Package Weight MSL Level 1 RY Single & Dual output types RX Single output types RX Dual output types
Detailed Information see Application Notes chapter "MTBF"
5% 5% 1% max. 1% max. 100mVp-p max. 30kHz min. / 50kHz typ. / 88kHz max. Single output types Dual output types 54% min. / 60% typ. 171mW min. / 232mW typ. / 390mW max. 188mW min. / 264mW typ. / 350mW max. 1.000VDC min. see Application Notes 30pF min. / 150pF max. 40pF min. / 72pF max. 10 G min.
Output Power (%)
Derating-Graph
(Ambient Temperature)
100 80 60 40 30 20 0
(tested for 1 second) (long term isolation) Single output types Dual output types
1 Second -40C to +70C (see Graph) -55C to +125C 95% RH 2.8g 2.9g 2.7g 924 x 103 hours 135 x 103 hours
Safe Operating Area
-40
0
50
70
85 100
150
Operating Temperature C
MTBF (+25C) (+70C) 52
}
using MIL-HDBK 217F using MIL-HDBK 217F April-2005
www.recom-international.com
ECONOLINE
DC/DC-Converter
Typical Applications
Flash PROM Programming Voltage Control
Vcc 1 2 GND 4
RY & RX Series
Normal Isolated Regulated Output
Vcc 1 2 GND 1kW 4 TTL Input 6 Vout = 12V, TTL = 0V Vout = 1.2V, TTL = 1V 6 Vout
RY-XX12
CTRL 5
RY-XX12
CTRL
5
NC
0V
0V
2N2219, BC107, ZTX451 or Similar Transistors capable of Sinking 50mA Continuous Current
0V
Typical Characteristics
RY/RX-xx05S
Efficiency / Load
100 80 60 40
RY/RX-xx09S
Efficiency / Load
100 80 60 40
1205
0509
Efficiency %
20 0
0505 2405
0% 20% 40% 60% 80% 100%
Efficiency %
20 0
1209 2409
0% 20% 40% 60% 80% 100%
Total Output current (%)
Total Output current (%)
RY/RX-xx12S
Efficiency / Load
100 80 60 40
RY/RX-xx15S
Efficiency / Load
100 80 60 40
2412
1212
2415
Efficiency %
Efficiency %
0512
20 0
20 0
0515 1215
0% 20% 40% 60% 80% 100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Total Output current (%)
RY/RX-xx05D
Efficiency / Load
100 80 60 40
RY/RX-xx12D
Efficiency / Load
100 80 60 40
RY/RX-xx15D
Efficiency / Load
100 80 60
1205 0505
1212
1215
0512 Efficiency % 2412
40 20 0
0515 2415
Efficiency %
20 0
Efficiency %
100%
2405
20 0
0%
20%
40%
60%
80%
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Total Output current (%)
Total Output current (%)
www.recom-international.com
April-2005
53
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
RY & RX Series
3rd angle projection
7 PIN SIP Package
7.05 10.20
RECOM RY-xxxxS ****
Single Output RECOM RY-0505S ****
Dual Output RECOM RY-0505D ****
0.51 typ.
4.10
0.51 typ.
12
456
12
456
Recommended Footprint Details
19.65 1.27 2.0
Bottom View
RX Pin Connections Pin # 1 2 4 5 Single +Vin -Vin -Vout CTRL +Vout Dual +Vin -Vin -Vout Com +Vout
0.25
1.00 o+0.15/0 2.54
5 x 2.54
2.54
Top View
6
XX.X 0.5 mm XX.XX 0.25 mm
14 PIN DIP Package
Single Output 7.10 7.10
Dual Output
10.00
RECOM RX-0505S ****
2.50
12.70
3.25
2.50
15.24
3.25
7.70
19.90
Bottom View 14 11 10 9 1 1 14
19.90
Bottom View 67 98
RX Pin Connections Pin # 1 6 7 8 9 10 11 14 Single -Vin No Pin No Pin No Pin +Vout CTRL -Vout +Vin Dual -Vin +Vout Com -Vout Com No Pin No Pin +Vin
Recommended Footprint Details
1.00 o+0.15/0 2.54 1.00 o+0.15/0 2.54
XX.X 0.5 mm XX.XX 0.25 mm
Top View
2.54
2.54
Top View
54
April-2005
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RX-2405S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X