Part Number Hot Search : 
32000 EPA1073 CD4583A EGA64 UC383QTR 33000 EMIF0 UL8797JF
Product Description
Full Text Search
 

To Download REC22-2405DUI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
REC2.2-DUI Series, 2.2 Watt, DIP24, Isolated Outputs (Dual Output) Features

500VDC Isolation High Efficiency Internal Filtering Cost Effective
UL94V-0 Package Material

Up to 2.2W Unregulated Output Power Dual In-Line Package Isolated Outputs
Selection Guide
Part Number DIP24 REC2.2-XX3.3DUI REC2.2-XX05DUI REC2.2-XX12DUI REC2.2-XX15DUI REC2.2-XX24DUI Input Voltage (VDC) 3.3, 5, 12, 24 3.3, 5, 12, 24 3.3, 5, 12, 24 3.3, 5, 12, 24 3.3, 5, 12, 24 Output Voltage (VDC) 3.3 5 12 15 24 Output Current (mA) 333 200 90 75 46 Efficiency (%) 72 75 78 80 80
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Output Accuracy Line Voltage Regulation Output Power Load Voltage Regulation (10% - 100% Full Load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight 10% 5% 1.2%/1%V Input 2.2 Watt max. 10% 100mVp-p max. 70% min. 500VDC min. 10 G min. 50pF min./1.5nF max. Short Term 31kHz min. / 85kHz max. -25C to +70C (see Graph) -55C to +125C 12.3g
Output Power (Watts) 2.2 Safe Operating Area 1.1 0 -25 0 50 100 125 150 70 Operating Temperature C 4.4 3.3
EC
August 2002
www.recom-international.com
ECONOLINE - DC/DC-Converter
REC2.2-DUI Series, 2.2 Watt, DIP24, Isolated Outputs (Dual Output) Package Style and Pinning (mm)
24 PIN DIP Package
3rd angle projection
Top View
+Vin 1 2 3 24 23 -Vout 1 22 +Vout 1
31.50
20.30
REC2.2-0505DUI RECOM ****
10 11 - Vin 12
15 -Vout 2 14 +Vout 2 13
10.29
4.10
2.0
17.78 typ. 2.54 0.51 typ.
15.24
Recommended Footprint Details
2.54
XX.X 0.5 mm XX.XX 0.25 mm
2.54
1.00 o+0.15/-0
www.recom-international.com
August 2002
EC


▲Up To Search▲   

 
Price & Availability of REC22-2405DUI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X