|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PTH05030 5 Vin single output DC-DC CONVERTERS * * * * * * * * * * * POLA Non-isolated NEW Product 1 30 A output current 5 V input voltage Wide-output voltage adjust (0.8 Vdc to 3.6 Vdc) Auto-trackTM sequencing* Margin up/down controls Pre-bias start-up capability Efficiencies up 94% Output ON/OFF inhibit Output voltage sense Point-of-Load-Alliance (POLA) compatible Available RoHS compliant The PTH05030 is a next generation series of non-isolated dc-dc converters offering some of the most advanced POL features available in the industry. The primary new feature provides for sequencing between multiple modules, a function, which is becoming a necessity for powering advanced silicon including DSP's, FPGA's and ASIC's requiring controlled power-up and power-down Other industry leading features include margin up/down controls, pre-bias start-up capability and efficiencies up to 94%. The PTH05030 has an input voltage of 4.5 Vdc to 5.5 Vdc and offers a wide 0.8 Vdc to 3.6 Vdc output voltage range with up to 30 A output current, which allows for maximum design flexibility and a pathway for future upgrades. All specifications are typical at nominal input, full load at 25 C unless otherwise stated Cin = 1500 F, Cout = 0 F OUTPUT SPECIFICATIONS Voltage adjustability Setpoint accuracy Line regulation Load regulation Total regulation Minimum load Ripple and noise 20 MHz bandwidth (See Note 4) 0.8-3.6 Vdc 2.0% Vo 10 mV typ. 12 mV typ. 3.0% Vo 0A 40 mV pk-pk 0.5% Vo GENERAL SPECIFICATIONS Efficiency Insulation voltage Switching frequency Approvals and standards Material flammability Dimensions Weight (See Note 3) No load (See Note 1) 4.5-5.5 Vdc 10 mA typ. Positive logic 1 V/ms 3-4.35 Vdc typ. Pin 11 (See Note 6, 7) 0.3 Vin PROTECTION Short-circuit Thermal International Safety Standard Approvals UL/cUL CAN/CSA-C22.2 No. 60950-1-03/UL 60950-1, File No. E174104 TUV Product Service (EN60950) Certificate No. B 04 06 38572 044 CB Report and Certificate to IEC60950, Certificate No. US/8292/UL 2 YEAR WARRANTY SPECIFICATIONS EMC CHARACTERISTICS Electrostatic discharge Conducted immunity Radiated immunity EN61000-4-2, IEC801-2 EN61000-4-6 EN61000-4-3 (See Efficiency Table) 94% max. Non-isolated 275 kHz to 325 kHz EN60950 UL/cUL60950 UL94V-0 (L x W x H) 34.80 x 28.45 x 9.00 mm 1.370 x 1.120 x 0.354 in 10 g (0.35 oz) Telcordia SR-332 2,821,000 hours Temperature co-efficient -40 C to +85 C Transient response (See Note 5) Margin adjustment INPUT SPECIFICATIONS Input voltage range Input current Remote ON/OFF Start-up time Undervoltage lockout Track input voltage 70 s recovery time Overshoot/undershoot 100 mV 5.0% Vo MTBF ENVIRONMENTAL SPECIFICATIONS Thermal performance (See Note 2) MSL (`Z' suffix only) Operating ambient, temperature Non-operating JEDEC J-STD-020C -40 C to +85 C -40 C to +125 C Level 3 Auto reset 47 A typ. Auto recovery *Auto-trackTM is a trade mark of Texas Instruments File Name: pth05030.pdf Rev (07): 16 Dec 2005 PTH05030 5 Vin single output DC-DC CONVERTERS POLA Non-isolated NEW Product 2 For the most current data and application support visit www.artesyn.com/powergroup/products.htm OUTPUT POWER (MAX.) 108 W OUTPUT CURRENT (MIN.) 0A OUTPUT CURRENT (MAX.) 30 A INPUT VOLTAGE 4.5-5.5 Vdc OUTPUT VOLTAGE 0.8-3.6 Vdc EFFICIENCY (MAX.) 94% REGULATION LINE 10 mV LOAD 12 mV MODEL NUMBER (9,10) PTH05030 Part Number System with Options PTH05030WAST Packaging Options No Suffix = Trays T = Tape and Reel (8) Mounting Option (9) D = Horizontal Through-Hole (Matte Sn) H = Horizontal Through-Hole (Sn/Pb) S = Surface-Mount (63/37 Sn/Pb pin solder material) Z = Surface-Mount (96.5/3.0/0.5 Sn/Ag/Cu pin solder material) Pin Option A = Through-Hole Std. Pin Length (0.140") A = Surface-Mount Tin/Lead Solder Ball Output Voltage Code W = Wide Output Voltage Adjustment of the PTH05030 Series Product Family Point of Load Alliance Compatible Input Voltage 05 = 5 V Output Current 03 = 30 A Mechanical Package Always 0 The ultra-wide output voltage trim range offers major advantages to users who select the PTH05030. It is no longer necessary to purchase a variety of modules in order to cover different output voltages. The output voltage can be trimmed in a range of 0.8 Vdc to 3.6 Vdc. When the PTH05030 converter leaves the factory the output has been adjusted to the default voltage of 0.8 V. Notes Remote ON/OFF. Positive Logic ON: Pin 4 open; or V > Vin - 0.5 V OFF: Pin 4 GND; or V < 0.8 V (min - 0.2 V). 2 See Figure 1 for safe operating curve. 3 A 1,500 F electrolytic input capacitor is required for proper operation. The capacitor must be rated for a minimum of 900 mA rms of ripple current. 4 An external output capacitor is not required for basic operation. Adding 330 F of distributed capacitance at the load will improve the transient response. 5 1 A/s load step, 50 to 100% Iomax, Cout = 330 F. 6 If utilized Vout will track applied voltage by 0.3 V (up to Vo set point). 7 The pre-bias start-up feature is not compatible with Auto-TrackTM. This is because when the module is under Auto-TrackTM control, it is fully active and will sink current if the output voltage is below that of a back-feeding source. Therefore to ensure a pre-bias hold-off, one of the following two techniques must be followed when input power is first applied to the module. The Auto-TrackTM function must either be disabled, or the module's output held off using the Inhibit pin. Refer to Application Note 157 for more details. 8 Tape and reel packaging only available on the surface-mount versions. 9 To order Pb-free (RoHS compatible) surface-mount parts replace the mounting option `S' with `Z', e.g. PTH05030WAZ. To order Pb-free (RoHS compatible) through-hole parts replace the mounting option `H' with `D', e.g. PTH05030WAD. 10 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative. (9,10 EFFICIENCY TABLE (IO = 20 A) OUTPUT VOLTAGE Vo = 1.0 V Vo = 1.2 V Vo = 1.5 V Vo = 1.8 V Vo = 2.0 V Vo = 2.5 V Vo = 3.3 V EFFICIENCY 86% 87% 89% 90% 91% 93% 94% 1 File Name: pth05030.pdf Rev (07): 16 Dec 2005 PTH05030 5 Vin single output DC-DC CONVERTERS POLA Non-isolated NEW Product 3 For the most current data and application support visit www.artesyn.com/powergroup/products.htm 90 TEMPERATURE (C) 80 EFFICIENCY (%) 70 60 50 40 30 20 0 5 10 15 20 25 30 OUTPUT CURRENT (A) Figure 2 - Efficiency vs Load Current Vin = 5 V (See Note B) 400LFM 200LFM 100LFM Nat conv 100 90 80 70 60 50 40 0 5 10 15 20 25 30 Vout 3.3V 2.5V 1.8V 1.2V 0.8V OUTPUT CURRENT (A) Figure 1 - Safe Operating Area Vin = 5 V, Output Voltage = 3.3 V (See Note A) Track Margin Down Margin Up Notes A SOA curves represent the conditions at which internal components are within the Artesyn derating guidelines. B Characteristic data has been developed from actual products tested at 25 C. This data is considered typical data for the converter. 13 1 12 11 10 Vin 2 PTH05030 (Top View) 9 Vout 8 3 7 L O A D Inhibit + 4 5 6 Vo Sense Cin 1,500F (Required) RSET 0.5%, 0.1W (Required) Cout 330F (Optional) + GND GND Figure 3 - Standard Application File Name: pth05030.pdf Rev (07): 16 Dec 2005 PTH05030 5 Vin single output DC-DC CONVERTERS POLA Non-isolated NEW Product 4 For the most current data and application support visit www.artesyn.com/powergroup/products.htm 1.370 (34.80) 0.125 (3.18) 0.125 (3.18) 0.500 (12.70) 13 12 11 1 0.375 (9.52) 2 0.375 (9.52) 3 4 5 6 7 TOP VIEW Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25) 0.354 (9.00) max. SIDE VIEW Host Board 9 8 0.375 (9.52) (0.070 (1.78) (Standoff Shoulder) 0.060 (1.52) 0.500 (12.70) 10 0.060 (1.52) 0.140 (3.55) o0.040 (1.02) 13 Places 0.125 (3.18) 0.500 (12.70) 1.120 (28.45) 0.125 (3.18) Lowest Component 0.010 min. (0.25) Bottom side Clearance PIN CONNECTIONS PIN NO. 1 2 3 4 5 6 FUNCTION Ground Vin Ground Inhibit* Vo adjust Vo sense Ground Vout Vout Ground Track Margin down* Margin up* Figure 4 - Plated Through-Hole Mechanical Drawing 0.060 (1.52) 0.125 (3.18) 0.375 (9.52) 1.370 (34.80) 0.125 (3.18) 0.125 (3.18) 0.500 (12.70) 13 12 11 7 0.500 (12.70) 10 0.060 (1.52) 0.354 (9.00) max.* *After solder reflow on customer board 8 9 10 1 0.500 (12.70) 2 9 8 0.375 (9.52) 4 5 6 7 TOP VIEW SIDE VIEW 1.120 (28.45) 0.125 (3.18) Solder Ball o0.040 (1.02) 13 Places 11 12 13 0.375 (9.52) 3 *Denotes negative logic: Open = Normal operation Ground = Function active Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25) Figure 5 - Surface-Mount Mechanical Drawing Datasheet (c) Artesyn Technologies(R) 2005 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein. Please consult our website for the following items: Application Note www.artesyn.com File Name: pth05030.pdf Rev (07): 16 Dec 2005 |
Price & Availability of PTH05030WAD |