Part Number Hot Search : 
331M1 SR6150 SG6520 RTL030 3223C FAIRCHIL A7847 A7847
Product Description
Full Text Search
 

To Download PS9117-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
NEC's HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
DESCRIPTION
NEC's PS9117 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip. The PS9117 is designed specifically for high common mode transient immunity (CMR) and low pulse width distortion. The PS9117 is suitable for high density application.
1 2
PS9117
PIN CONNECTION
(Top View)
3 1. Anode 2. Cathode 3. GND 4. VO 5. VCC 5 4
FEATURES
* * * PULSE WIDTH DISTORTION: |tPHL - tPLH| = 35 ns MAX. HIGH COMMON MODE TRANSIENT IMMUNITY: CMH, CML = 15 kV/s MIN. SMALL PACKAGE: 5-Pin SOP
TRUTH TABLE
LED ON OFF OUTPUT L H
* HIGH SPEED: 10 Mbps * HIGH ISOLATION VOLTAGE: BV = 2 500 Vr.m.s. * OPEN COLLECTOR OUTPUT * ORDERING NUMBER OF TAPING PRODUCT: PS9117-F3, F4: 2 500 pcs/reel * Pb-Free Product * SAFETY STANDARDS: UL approved: File No. E72422 DIN EN60747-5-2 (VDE0884 Part2) approved No. 40008902 (option)
APPLICATION
* Measurement Equipment * PDP * FA Network
California Eastern Laboratories
PS9117 PACKAGE DIMENSIONS (UNIT: mm)
3.4 5
+0.3 -0.1
4
3
7.00.3 1 2.60.2 2 0.15 +0.10 -0.05 4.4
0.10.1
1.27 0.4 +0.10 -0.05 0.25 M
0.50.3
MARKING EXAMPLE
No. 1 pin Mark Initial of NEC (Engraved mark)
9117 N234
N
Assembly Lot *1
N
2 34
Week Assembled Year Assembled (Last 1 Digit) Rank Code
*1
Bar : Pb-Free
PS9117 ORDERING INFORMATION
PART NUMBER ORDER NUMBER SOLDER PLATING SPECIFICATION Pb-Free*2 PACKING STYLE SAFETY STANDARDS APPROVAL UL approved APPLICATION PART NUMBER*1 PS9117
PS9117 PS9117-F3 PS9117-F4 PS9117-V PS9117-V-F3 PS9117-V-F4
PS9117-A PS9117-F3-A PS9117-F4-A PS9117-V-A PS9117-V-F3-A PS9117-V-F4-A
Magazine case 100 pcs Embossed Tape 2 500 pcs/reel Magazine case 100 pcs Embossed Tape 2 500 pcs/reel
DIN EN60747-5-2 (VDE0884 Part2) Approved (Option)
*1 For the application of the Safety Standard, following part number should be used. *2 With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact your nearby sales office.
ABSOLUTE MAXIMUM RATINGS (TA = 25C, unless otherwise Specified)
PARAMETER Diode
Detector
SYMBOL IF VR VCC VO IO PC BV TA Tstg
RATINGS 30 5 7 7 25 40 2 500 -40 to +85 -55 to +125
UNIT mA V V V mA mW Vr.m.s. C C
Forward Current*1 Reverse Voltage Supply Voltage Output Voltage Output Current Power Dissipation*2
Isolation Voltage*3 Operating Ambient Temperature Storage Temperature
*1 Reduced to 0.3 mA/C at TA = 25C or more. *2 Applies to output pin VO (collector pin). Reduced to 1.5 mW/C at TA = 65C or more. *3 AC voltage for 1 minute at TA = 25C, RH = 60% between input and output.
PS9117 RECOMMENDED OPERATING CONDITIONS
PARAMETER Low Level Input Voltage High Level Input Current Supply Voltage TTL (RL = 1 k, loads) Pull-up Resistor SYMBOL VFL IFH VCC N RL 330 MIN. 0 6.3 4.5 10 5.0 TYP. MAX. 0.8 12.5 5.5 5 4k UNIT V mA V
ELECTRICAL CHARACTERISTICS
PARAMETER Diode Forward Voltage Reverse Current Terminal Capacitance Detector High Level Output Current Low Level Output Voltage High Level Supply Current Low Level Supply Current Coupled Threshold Input Current (H L) Isolation Resistance Isolation Capacitance Propagation Delay Time (H L)*3 Propagation Delay Time (L H)*3 Rise Time Fall Time Pulse Width Distortion (PWD)*3 Propagation Delay Skew Common Mode Transient Immunity at High Level Output*4 Common Mode Transient Immunity at Low Level Output*4
*2
(TA = -40 to 85C, unless otherwise specified)
CONDITIONS IF = 10 mA, TA = 25C VR = 3 V, TA = 25C V = 0 V, f = 1 MHz, TA = 25C VCC = VO = 5.5 V, VF = 0.8 V VCC = 5.5 V, IF = 5 mA, IOL = 13 mA VCC = 5.5 V, IF = 0 mA VCC = 5.5 V, IF = 10 mA VCC = 5 V, VO = 0.8 V, RL = 350 VI-O = 1 kVDC, RH = 40 to 60%, TA = 25C V = 0 V, f = 1 MHz, TA = 25C TA = 25C VCC = 5 V, RL = 350 , IF = 7.5 mA 1011 0.6 35 75 100 40 75 100 20 5 5 35 40 VCC = 5 V, RL = 350 , TA = 25C, IF = 0 mA, VO > 2 V, VCM = 1 kV VCC = 5 V, RL = 350 , TA = 25C, IF = 7.5 mA, VO < 0.8 V, VCM = 1 kV 15 20 kV/s 30 1 0.2 5 9 2 100 0.6 8 11 5 pF ns MIN. 1.4 TYP.*1 1.65 MAX. 1.8 10 UNIT V A pF A V mA
SYMBOL VF IR Ct IOH VOL ICCH ICCL IFHL RI-O CI-O tPHL
tPLH
TA = 25C VCC = 5 V, RL = 350 , IF = 7.5 mA
tr tf |tPHL-tPLH| tPSK CMH
VCC = 5 V, RL = 350 , IF = 7.5 mA
CML
15
20
kV/s
PS9117
*1 Typical values at TA = 25C *2 Because VOL of 2 V or more may be output when LED current input and when output supply of VCC = 2.6 V or less, it is important to confirm the characteristics (operation with the power supply on and off) during design, before using this device. *3 Test circuit for propagation delay time
Input (IF = 7.5 mA) 50%
Pulse input (IF) (PW = 1 s, Duty cycle = 1/10) Input (monitor) 47
VCC = 5 V 0.1 F RL = 350 CL = 15 pF VO (monitor)
Output tPHL tPLH 1.5 V VOL
Remark CL includes probe and stray wiring capacitance.
*4 Test circuit for common mode transient immunity
VCM 90% 10% tr VO (IF = 0 mA) VCM VO (IF = 7.5 mA) tf VOH 2V 0.8 V VOL 1 kV 0V
SW
IF
0.1 F
RL = 350 CL = 15 pF
VCC = 5 V VO (monitor)
Remark CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static electricity when handling. 2. By-pass capacitor of 0.1 F is used between VCC and GND near device. Also, ensure that the distance between the leads of the photocoupler and capacitor is no more than 10 mm.
PS9117 TYPICAL CHARACTERISTICS
(TA = 25C, unless otherwise specified)
MAXIMUM FORWARD CURRENT vs. AMBIENT TEMPERATURE
Detector Power Dissipation PC (mW) 40 Maximum Forward Current IF (mA) 50 40 30 20 10
DETECTOR POWER DISSIPATION vs. AMBIENT TEMPERATURE
30
20
10
0
20
40
60
80 85
100
0
20
40
60
80 85
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
FORWARD CURRENT vs. FORWARD VOLTAGE
High Level Supply Current ICCH (mA) Low Level Supply Current ICCL (mA) 100 12 10 8 6 4 2 0 -50
SUPPLY CURRENT vs. AMBIENT TEMPERATURE
Forward Current IF (mA)
10 TA = +85C +50C +25C 0C -25C
ICCL (IF = 10 mA)
1
ICCH (IF = 0 mA)
0.1
0.01 1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-25
0
25
50
75
100
Forward Voltage VF (V)
Ambient Temperature TA (C)
OUTPUT VOLTAGE vs. INPUT CURRENT
6 5 Output Voltage VO (V) 4 3 2 1 0 1 2 3 4 5 6 Low Level Output Voltage VOL (V) VCC = 5.0 V, TA = 25C RL = 350 1.0 k 4.0 k, 4.7 k 0.6 0.5 0.4 0.3 0.2 0.1
LOW LEVEL OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
IF = 5.0 mA, VCC = 5.5 V
IOL = 16.0 mA 13.0 mA 10.0 mA 6.0 mA
0 -50
-25
0
25
50
75
100
Input Current IF (mA)
Ambient Temperature TA (C)
Remark The graphs indicate nominal characteristics.
PS9117
THRESHOLD INPUT CURRENT vs. AMBIENT TEMPERATURE
Threshold Input Current IFHL (mA) VCC = 5.0 V, VO = 0.6 V Propagation Delay Time tPHL, tPLH (ns) 5 4 3 2 1 0 -50 RL = 350 1.0 k 4.0 k 100 80 60 40 20 0 -50
PROPAGATION DELAY TIME vs. AMBIENT TEMPERATURE
IF = 7.5 mA, VCC = 5.0 V tPLH: RL = 4.7 k tPLH: RL = 1.0 k tPLH: RL = 350 tPHL: RL = 350 , 1.0 k, 4.0 k
-25
0
25
50
75
100
-25
0
25
50
75
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
PULSE WIDTH DISTORTION vs. AMBIENT TEMPERATURE
Pulse Width Distortion tPHLntPLH (ns) 60 50 40 30 20 10 0 -50 -25 RL = 350 1.0 k IF = 7.5 mA, VCC = 5.0 V Switching Time tr, tf (ns)
SWITCHING TIME vs. AMBIENT TEMPERATURE
300 250 200 150 100 50 0 -50 -25 0 25 50 75 100 tr: RL = 1.0 k tr: RL = 350 tf: RL = 350 , 1.0 k, 4.0 k IF = 7.5 mA, VCC = 5.0 V
tr: RL = 4.7 k
RL = 4.7 k
0
25
50
75
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
Propagation Delay Time tPHL, tPLH (ns)
120 100 80 60 40
PROPAGATION DELAY TIME vs. INPUT CURRENT
tPLH: RL = 4.7 k
tPLH: RL = 1.0 k
20 tPLH: RL = 350 tPHL: RL = 350 , 1.0 k, 4.7 k 0 3 5 7 9 11 13 15
Input Current IF (mA)
PS9117 TAPING SPECIFICATIONS (UNIT:mm)
Outline and Dimensions (Tape)
2.00.05 4.00.1 1.750.1
7.40.1
1.5+0.1 -0
3.45 MAX.
1.550.1 8.00.1
12.00.2
5.50.1
3.90.1
3.00.1
0.30.05
Tape Direction
PS9117-F4
PS9117-F3
Outline and Dimensions (Reel)
2.00.5
2.00.5 13.00.2
R 1.0
21.00.8
13.00.2
3302.0
1001.0
13.51.0 17.51.0
Packing: 2 500 pcs/reel
11.9 to 15.4 Outer edge of flange
PS9117
NOTES ON HANDLING 1. Recommended soldering conditions
(1) Infrared reflow soldering * Peak reflow temperature * Time of peak reflow temperature * Time of temperature higher than 220C * Time to preheat temperature from 120 to 180C * Number of reflows * Flux 260C or below (package surface temperature) 10 seconds or less 60 seconds or less 12030 s Three Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s 260C MAX. 220*C to 60 s 180C 120C 12030 s (preheating)
Time (s)
(2) Wave soldering * Temperature * Time * Preheating conditions * Number of times * Flux 260C or below (molten solder temperature) 10 seconds or less 120C or below (package surface temperature) One (Allowed to be dipped in solder including plastic mold portion.) Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.)
(3) Soldering by Soldering Iron * Peak Temperature (lead part temperature) * Time (each pins) * Flux 350C or below 3 seconds or less Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead (b) Please be sure that the temperature of the package would not be heated over 100C
PS9117
(4) Cautions * Fluxes Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler's input and output or between collector-emitters at startup, the output transistor may enter the on state, even if the voltage is within the absolute maximum ratings.
USAGE CAUTIONS
1. Protect against static electricity when handling. 2. Avoid storage at a high temperature and high humidity.
Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale.
04/04/2005
A Business Partner of NEC Compound Semiconductor Devices, Ltd.


▲Up To Search▲   

 
Price & Availability of PS9117-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X