Part Number Hot Search : 
2000D 2SC39 BDX85C 8X930AX MC10EL33 45H15B SKND150F W1T1G
Product Description
Full Text Search
 

To Download PIC18F8410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PIC18F6410/8410
64/80-Pin High-Performance, Flash Microcontrollers with 10-bit A/D and nanoWatt Technology Product Brief
Low-Power Features:
* Power Managed modes: - Run: CPU on, peripherals on - Idle: CPU off, peripherals on - Sleep: CPU off, peripherals off * Power Consumption modes: - PRI_RUN: 150 A @ 1 MHz, 2V - PRI_IDLE: 35 A @ 1 MHz, 2V - SEC_RUN: 9.6 A @ 32 kHz, 2V - SEC_IDLE: 5.8 A @ 32 kHz, 2V - RC_RUN: 145 A @ 1 MHz, 2V - RC_IDLE: 85 A @ 1 MHz, 2V - Sleep: 0.1 A * Timer1 Oscillator: 1.8 A typical @ 32 kHz, 2V * Watchdog Timer: 2.2 A @ 2V * Two-Speed Oscillator Start-up
Peripheral Highlights:
* * * * High current sink/source 25 mA/25 mA Up to four external interrupts Four 8-bit/16-bit Timer/Counter modules Three Capture/Compare/PWM (CCP) modules: - Capture is 16-bit, max. resolution 6.25 ns (TCY/16) - Compare is 16-bit, max. resolution 100 ns (TCY) - PWM output: PWM resolution is up to 10-bit Master Synchronous Serial Port (MSSP) module with two modes of operation: - 3-wire SPITM (supports all 4 SPI modes) - I2CTM Master and Slave mode One Addressable USART module One Enhanced Addressable USART module: - Supports LIN 1.2 - Auto-wake-up on Start bit - Auto-baud detect 10-bit, up to 12-channel A/D Converter: - Auto-acquisition - Conversion available during Sleep Two analog comparators Programmable reference voltage for comparators 1000 erase/write cycle Flash program memory typical Flash retention 100 years typical Priority levels for interrupts 8 x 8 Single Cycle Hardware Multiplier Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST) Programmable Brown-out Reset (BOR) Programmable 16-level Low-Voltage Detection (LVD) module Extended Watchdog Timer (WDT): - Programmable period from 4 ms to 131s In-Circuit Serial ProgrammingTM (ICSPTM) via two pins In-Circuit Debug via two pins Wide operating voltage range: 2.0V to 5.5V
*
* *
Flexible Oscillator Structure:
* Four Crystal modes: - LP: up to 200 kHz - XT: up to 4 MHz - HS: up to 40 MHz - HSPLL: 4-10 MHz (16-40 MHz internal) * Two External Clock modes, up to 40 MHz * Two External RC modes, up to 4 MHz * Internal Oscillator block: - 8 user selectable frequencies: 31.25 kHz, 125 kHz, 250 kHz, 500 kHz, 1 MHz, 2 MHz, 4 MHz or 8 MHz - 4x PLL option generates 16 MHz or 32 MHz - Two modes select one or two I/O pins - OSCTUNE - Allows user to shift frequency * Secondary Oscillator using Timer1 @ 32 kHz * Fail-Safe Clock Monitor: - Allows for safe shutdown of device if primary or secondary oscillator/clock fails
*
* * * * * * * * * * * * *
Special Microcontroller Features:
External Memory Interface (PIC18F8410 Devices only):
* Address capability of up to 2 Mbytes * 16-bit/8-bit interface
MSSP (SPI/ Master I2C)
10-bit A/D (channels)
Device Bytes PIC18F6410 PIC18F8410 16K/0 16K/2M
# Single Word Instructions 8192/0 8192/1M
Data Memory (bytes) 768 768
I/O
54 70
12 12
2 2
3 3
Y Y
1/1 1/1
2003 Microchip Technology Inc.
Advance Information
DS39619A-page 1
Timers 8-bit/16-bit 1/3 1/3
EUSART/ AUSART
CCP
Program Memory (On-board/External)
Comparators
PIC18F6410/8410
Pin Diagrams
64-Pin TQFP
RE7/CCP2(1)
RD0/PSP0
RD1/PSP1
RD2/PSP2
RD3/PSP3
RD4/PSP4
RD5/PSP5
RD6/PSP6
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
RD7/PSP7
RE2/CS
RE3
RE4
RE5
RE6
VDD
VSS
RE1/WR RE0/RD RG0/CCP3 RG1/TX2/CK2 RG2/RX2/DT2 RG3 RG5/MCLR/VPP RG4 VSS VDD RF7/SS RF6/AN11/C1INRF5/AN10/C1IN+/CVREF RF4/AN9/C2INRF3/AN8/C2IN+ RF2/AN7/C1OUT
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
RB0/INT0/FLT0 RB1/INT1 RB2/INT2 RB3/INT3 RB4/KBI0 RB5/KBI1/PGM RB6/KBI2/PGC VSS OSC2/CLKO/RA6 OSC1/CLKI/RA7 VDD RB7/KBI3/PGD RC5/SDO RC4/SDI/SDA RC3/SCK/SCL RC2/CCP1
PIC18F6410
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
RF1/AN6/C2OUT
RF0/AN5
RC0/T1OSO/T13CKI
AVSS RA3/AN3/VREF+
RA5/AN4/LVDIN
RA2/AN2/VREF-
Note 1: The CCP2 pin placement depends on the CCP2MX fuse setting.
DS39619A-page 2
Advance Information
RA4/T0CKI RC1/T1OSI/CCP2(1)
RC7/RX1/DT1
RC6/TX1/CK1
RA1/AN1
RA0/AN0
AVDD
VSS
VDD
2003 Microchip Technology Inc.
PIC18F6410/8410
Pin Diagrams (Cont.'d)
80-Pin TQFP
RE7/CCP2(1)/AD15
RD0/AD0/PSP0
RD1/AD1/PSP1
RD2/AD2/PSP2
RD3/AD3/PSP3
RD4/AD4/PSP4
RD5/AD5/PSP5
RD6/AD6/PSP6
RH0/A16 RE2/AD10/CS
RH1/A17
RD7/AD7/PSP7
RE4/AD12
RE5/AD13
RE6/AD14
RE3/AD11
RJ0/ALE
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 RH2/A18 RH3/A19 RE1/AD9/WR RE0/AD8/RD RG0/CCP3 RG1/TX2/CK2 RG2/RX2/DT2 RG3 RG5/MCLR/VPP RG4 VSS VDD RF7/SS RF6/AN11/C1INRF5/AN10/C1IN+/CVREF RF4/AN9/C2INRF3/AN8/C2IN+ RF2/AN7/C1OUT RH7 RH6 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 RJ2/WRL RJ3/WRH RB0/INT0/FLT0 RB1/INT1 RB2/INT2 RB3/INT3/CCP2(1) RB4/KBI0 RB5/KBI1/PGM RB6/KBI2/PGC VSS OSC2/CLKO/RA6 OSC1/CLKI/RA7 VDD RB7/KBI3/PGD RC5/SDO RC4/SDI/SDA RC3/SCK/SCL RC2/CCP1 RJ7/UB RJ6/LB
PIC18F8410
RF1/AN6/C2OUT
RF0/AN5
RC0/T1OSO/T13CKI
AVSS RA3/AN3/VREF+
RA5/AN4/LVDIN
RA4/T0CKI RC1/T1OSI/CCP2(1)
RA2/AN2/VREF-
Note 1: The CCP2 pin placement depends on the CCP2MX fuse and Processor mode settings.
2003 Microchip Technology Inc.
Advance Information
RC7/RX1/DT1
RC6/TX1/CK1
RA1/AN1
RA0/AN0
RJ4/BA0
RJ5/CE
RH5
RH4
AVDD
VSS
VDD
RJ1/OE
VDD
VSS
DS39619A-page 3
PIC18F6410/8410
NOTES:
DS39619A-page 4
Advance Information
2003 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
*
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, MPLAB, PIC, PICmicro, PICSTART, PRO MATE and PowerSmart are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, microID, MXDEV, MXLAB, PICMASTER, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Application Maestro, dsPICDEM, dsPICDEM.net, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, PICkit, PICDEM, PICDEM.net, PowerCal, PowerInfo, PowerMate, PowerTool, rfLAB, rfPIC, Select Mode, SmartSensor, SmartShunt, SmartTel and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. Serialized Quick Turn Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2003, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999 and Mountain View, California in March 2002. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, non-volatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
DS39619A-page 5
Advance Information
2003 Microchip Technology Inc.
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
ASIA/PACIFIC
Australia
Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
Korea
168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea 135-882 Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934
Singapore
200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-6334-8870 Fax: 65-6334-8850
China - Beijing
Unit 915 Bei Hai Wan Tai Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104
Atlanta
3780 Mansell Road, Suite 130 Alpharetta, GA 30022 Tel: 770-640-0034 Fax: 770-640-0307
Taiwan
Kaohsiung Branch 30F - 1 No. 8 Min Chuan 2nd Road Kaohsiung 806, Taiwan Tel: 886-7-536-4818 Fax: 886-7-536-4803
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
China - Chengdu
Rm. 2401-2402, 24th Floor, Ming Xing Financial Tower No. 88 TIDU Street Chengdu 610016, China Tel: 86-28-86766200 Fax: 86-28-86766599
Taiwan
Taiwan Branch 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
China - Fuzhou
Unit 28F, World Trade Plaza No. 71 Wusi Road Fuzhou 350001, China Tel: 86-591-7503506 Fax: 86-591-7503521
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
EUROPE
Austria
Durisolstrasse 2 A-4600 Wels Austria Tel: 43-7242-2244-399 Fax: 43-7242-2244-393
China - Hong Kong SAR
Unit 901-6, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
Denmark
Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45-4420-9895 Fax: 45-4420-9910
China - Shanghai
Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Kokomo
2767 S. Albright Road Kokomo, IN 46902 Tel: 765-864-8360 Fax: 765-864-8387
France
Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
China - Shenzhen
Rm. 1812, 18/F, Building A, United Plaza No. 5022 Binhe Road, Futian District Shenzhen 518033, China Tel: 86-755-82901380 Fax: 86-755-8295-1393
Germany
Steinheilstrasse 10 D-85737 Ismaning, Germany Tel: 49-89-627-144-0 Fax: 49-89-627-144-44
Phoenix
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-4338
China - Shunde
Room 401, Hongjian Building No. 2 Fengxiangnan Road, Ronggui Town Shunde City, Guangdong 528303, China Tel: 86-765-8395507 Fax: 86-765-8395571
Italy
Via Quasimodo, 12 20025 Legnano (MI) Milan, Italy Tel: 39-0331-742611 Fax: 39-0331-466781
San Jose
2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
China - Qingdao
Rm. B505A, Fullhope Plaza, No. 12 Hong Kong Central Rd. Qingdao 266071, China Tel: 86-532-5027355 Fax: 86-532-5027205
Netherlands
P. A. De Biesbosch 14 NL-5152 SC Drunen, Netherlands Tel: 31-416-690399 Fax: 31-416-690340
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
India
Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
United Kingdom
505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44-118-921-5869 Fax: 44-118-921-5820
07/28/03
Japan
Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
DS39619A-page 6
Advance Information
2003 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of PIC18F8410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X