|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NCP5661 Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable The NCP5661 is a high performance, low dropout linear regulator designed for high power applications that require up to 1.0 A current. It is offered in both fixed and adjustable output versions. With output voltages as low as 0.9 V and ultra-fast response times for load transients, the NCP5661 also provides additional features such as Enable and Error Flag (for the fixed output version), increasing the utility of this device. A thermally robust, 5 pin DPAK, combined with an architecture that offers low ground current (independent of load), provides for a superior high-current LDO solution. Features http://onsemi.com MARKING DIAGRAM 1 5 DPAK-5 CENTER LEAD CROP CASE 175AA 661xG ALYWW * * * * * * * * * * * * * * * * * Ultra-Fast Transient Response (Settling Time: 1-3 ms) Low Noise Without Bypass Capacitor (26 mVrms) Low Ground Current Independent of Load (3.0 mA Maximum) Fixed/Adjustable Output Voltage Versions Enable Function Error Flag (Fixed Output Version) Current Limit Protection Thermal Protection 0.9 V Reference Voltage for Ultra-Low Output Operation Power Supply Rejection Ratio > 65 dB These are Pb-Free Devices Servers ASIC Power Supplies Post Regulation for Power Supplies Constant Current Source Networking Equipment Gaming and STB Modules Tab = Ground Pin: 1. Enable 2. Vin 3. Ground 4. Vout 5. Adj (Adjustable Output) 5. Error Flag (Fixed Output) = A for Adjustable Version B for Fixed 1.2 V C for Fixed 3.3 V A = Assembly Location L = Wafer Lot Y = Year WW = Work Week G = Pb-Free x Applications ORDERING INFORMATION See detailed ordering and shipping information in the package dimensions section on page 10 of this data sheet. (c) Semiconductor Components Industries, LLC, 2005 1 July, 2005 - Rev. 3 Publication Order Number: NCP5661/D NCP5661 PIN FUNCTION DESCRIPTION Pin Adj/Fixed 1 2 3 4 5 5 Pin Name Enable Vin Ground Vout Adj (Adjustable Version) Error Flag (Fixed Version) Description This pin allows for on/off control of the regulator. To disable the device, connect to Ground. If this function is not in use, connect to Vin. Positive Power Supply Input Voltage Power Supply Ground Regulated Output Voltage This pin is connected to the resistor divider network and programs the output voltage. An Error Flag is triggered when the output voltage is out of regulation excluding transient signals that may occur. Requires a pullup resistor f 100 kW. MAXIMUM RATINGS Rating Input Voltage Output Pin Voltage Adjust Pin Voltage Enable Pin Voltage Error Flag Voltage Error Flag Current Thermal Characteristics Thermal Resistance, Junction-to-Air Thermal Resistance, Junction-to-Case Operating Junction Temperature Range Storage Temperature Range Symbol Vin Vout Vadj Ven Vef Ief RJA RJC TJ Tstg Value 18 -0.3 to Vin +0.3 -0.3 to Vin +0.3 -0.3 to Vin +0.3 -0.3 to Vin +0.3 3.0 100 8.0 -40 to +150 -55 to +150 C C Unit V V V V V mA C/W Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. NOTE: This device series contains ESD protection and exceeds the following tests: Human Body Model (HBM) JESD 22-A114-B Machine Model (MM) JESD 22-A115-A. The maximum package power dissipation is: *T T J(max) A P+ D R The bipolar process employed for this IC is fully characterized and rated for reliable 18 V VCCmax operation. To avoid damaging the part or degrading it's reliability, power dissipation transients should be limited to under 20 W for DPAK. For open-circuit to short-circuit transient, PDTransient = VCCmax * ISC. qJA http://onsemi.com 2 NCP5661 ELECTRICAL CHARACTERISTICS (Vin - Vout = 1.5 V, for typical values TJ = 25C, for min/max values TJ = -40C to 125C, Cin = Cout = 150 mF unless otherwise noted.) Characteristic ADJUSTABLE OUTPUT VERSION Input Voltage Output Noise Voltage Output Voltage Accuracy TJ = 25C (Iout = 10 mA to 1.0 A) TJ = -20 to +125C (Iout = 10 mA to 1.0 A) TJ = -40 to +150C (Iout = 10 mA to 1.0 A) Adjustable Pin Input Current Line Regulation (Iout = 10 mA, Vout+1.5 V < Vin < 7.0 V) Load Regulation (10 mA < Iout < 1.0 A) Dropout Voltage (Iout = 1.0 A) Peak Output Current Limit Internal Current Limitation Ripple Rejection (120 Hz) Ripple Rejection (1.0 kHz) Thermal Shutdown (Guaranteed by Design) Ground Current Iout = 1.0 A Disabled State Enable Input Threshold Voltage Voltage Increasing, On State, Logic High Voltage Decreasing, Off State, Logic Low Enable Input Current Enable Pin Voltage = 0.3 Vmax Enable Pin Voltage = 1.3 Vmin Ien - - 0.5 0.5 - - Iq Iqds Ven 1.3 - - - - 0.3 mA - - 1.3 10 3.0 300 mA mA V Vin Vn Vout -1% -1.5% -2% Iadj REGline REGload VDO Iout Ilim RR TSHD - - - - 1.0 - - - - - 0.9 - 40 0.03 0.03 1.0 - 1.5 70 65 160 +1% +1.5% +2% - - - 1.3 - - - - - nA % % V A A dB C 2.0 - - 26 9.0 - V mVrms V Symbol Min Typ Max Unit http://onsemi.com 3 NCP5661 ELECTRICAL CHARACTERISTICS (Vin - Vout = 1.5 V, for typical values TJ = 25C, for min/max values TJ = -40C to 125C, Cin = Cout = 150 mF unless otherwise noted.) Characteristic FIXED OUTPUT VOLTAGE Input Voltage Output Noise Voltage (Vout = 0.9 V) Output Voltage Accuracy (Note 1) TJ = 25C (Iout = 10 mA to 1.0 A) TJ = -20 to +125C (Iout = 10 mA to 1.0 A) TJ = -40 to +150C (Iout = 10 mA to 1.0 A) Line Regulation (Iout = 10 mA, Vout+1.5 V < Vin < 7.0 V) Load Regulation (10 mA < Iout < 1.0 A) Dropout Voltage (Iout = 1.0 A) Peak Output Current Limit Internal Current Limitation Ripple Rejection (120 Hz) Ripple Rejection (1.0 kHz) Thermal Shutdown (Guaranteed by Design) Ground Current Iout = 1.0 A Disabled State Enable Input Threshold Voltage Voltage Increasing, On State, Logic High Voltage Decreasing, Off State, Logic Low Enable Input Current Enable Pin Voltage = 0.3 Vmax Enable Pin Voltage = 1.3 Vmin Error Flag (Fixed Output) 1.2 V Output 3.3 V Output Error Flag Output Low Voltage Saturation (Ief = 1.0 mA) Error Flag Leakage Error Flag Blanking Time (Note 2) Vefdo Iefleak Tef Veflt 88 90 - - - 92 94 200 1.0 50 97 97 - - - mV mA ms Ien - - 0.5 0.5 - - % of Vout Iq Iqds Ven 1.3 - - - - 0.3 mA - - 1.3 30 3.0 300 mA mA V Vin Vn Vout -1% -1.5% -2% REGline REGload VDO Iout Ilim RR TSHD - - - 1.0 - - - - - Vout - 0.03 0.2 1.0 - 1.5 70 65 160 +1% +1.5% +2% - - 1.3 - - - - - % % V A A dB C 2.0 - - 26 9.0 - V mVrms V Symbol Min Typ Max Unit 1. Fixed output voltages available at 0.9 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.0 V, 3.3 V per request. 2. Can be disabled per customer request. http://onsemi.com 4 NCP5661 Vin IN ON Voltage Reference Block R3 Enable Block Vref = 0.9 V Output Stage EN OFF Vout Cin R1 R4 ADJ CC* Cout R2 GND R1 + R2 Vout *1 Vref GND *CC = 5.0 to 200 pF Figure 1. Typical Schematic, Adjustable Output Version Vin IN ON Voltage Reference Block R3 Enable Block Output Stage R1 R4 Cout EN OFF Vout Cc Rflag = 100 kW Cin Vref = 0.9 V R2 Error Flag EF GND GND Figure 2. Typical Schematic, Fixed Output Version http://onsemi.com 5 NCP5661 1.2 VDO, DROPOUT VOLTAGE (V) 1.0 0.8 0.6 0.4 0.2 0 -40 VDO, DROPOUT VOLTAGE (V) 1.00 0.95 0.90 0.85 0.80 0.75 0.70 0.0 Vout = 2.5 V Adjustable Cin = 150 mF Cout = 10 to 150 mF TJ = 25C 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 -20 0 20 40 60 80 100 120 TJ, JUNCTION TEMPERATURE (C) 140 Iout, OUTPUT CURRENT (A) Figure 3. Dropout Voltage vs. Temperature Figure 4. Dropout Voltage vs. Output Current 3.5 IGND, GROUND CURRENT (mA) 3.0 2.5 2.0 1.5 1.0 0.5 0 -40 -20 0 20 40 60 80 100 120 140 ISC, SHORT CIRCUIT LIMIT (A) 2.0 1.8 1.6 1.4 1.2 1.0 -40 -20 0 20 40 60 80 100 120 140 TJ, JUNCTION TEMPERATURE (C) TJ, JUNCTION TEMPERATURE (C) Figure 5. Ground Current vs. Temperature Figure 6. Short Circuit Current Limit vs. Temperature 0.95 Vout, OUTPUT VOLTAGE (V) Vout, OUTPUT VOLTAGE (V) 0.900 0.90 0.898 0.85 0.896 0.80 Iout = 10 mA Cin = 150 mF Cout = 1.0 to 150 mF TJ = 25C 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 0.894 0.75 0.70 1.0 0.892 0.890 0.0 Vin = 3.3 V Iout = 1.0 A maximum Cin = 150 mF Cout = 1.0 to 150 mF TJ = 25C 0.2 0.4 0.6 0.8 Iout, OUTPUT CURRENT (A) 1.0 Vin, INPUT VOLTAGE (V) Figure 7. Output Voltage vs. Input Voltage Figure 8. Output Voltage vs. Output Load Current http://onsemi.com 6 NCP5661 0.9 RR, RIPPLE REJECTION (dB) 0.8 OUTPUT CURRENT (A) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 2 4 6 8 10 12 14 16 20 INPUT-OUTPUT VOLTAGE DIFFERENTIAL (V) TA = 25C L = 25 mm Copper 90 80 70 60 50 40 30 20 10 0 0 1 10 F, FREQUENCY (kHz) 100 1000 Vin = 4.0 V Vout = 0.9 V Cin = 0 mF Cout = 1.0 mF TJ = 25C Iout = 1.0 A Iout = 10 mA Figure 9. Output Current vs. Input-Output Voltage Differential Figure 10. Ripple Rejection vs. Frequency 100 Hz) Hz) NOISE DENSITY (nVrms/ Vin = 3.3 V Vout = 0.9 V Iout = 10 mA Cin = 150 mF Cout = 150 mF TJ = 25C 90 80 70 60 50 40 30 20 10 0 Start: 100 Hz F, FREQUENCY (kHz) Stop: 100 kHz 100 90 80 70 60 50 40 30 20 10 0 Start: 100 Hz F, FREQUENCY (kHz) Stop: 100 kHz Vin = 3.3 V Vout = 0.9 V Iout = 1.0 A Cin = 150 mF Cout = 150 mF TJ = 25C NOISE DENSITY (nVrms/ Figure 11. Noise Density vs. Frequency Figure 12. Noise Density vs. Frequency 1000 100 10 mF ESR (W) 10 Unstable 1000 150 mF 100 Unstable ESR (W) 10 100 mF 1.0 100 mF 150 mF Stable 1.0 10 mF 0.10 Stable 0.10 0.01 0 100 200 300 400 500 600 700 800 900 1000 OUTPUT CURRENT (mA) 0.01 0 100 200 300 400 500 600 700 800 900 1000 OUTPUT CURRENT (mA) Figure 13. 1.2 Volt Output Stability with Output Capacitor ESR Figure 14. 3.3 Volt Output Stability with Output Capacitor ESR http://onsemi.com 7 NCP5661 Vout 10 mV/Div Iout 0.5 A/Div Iout = 10 mA to 1.0 A TIME (1.0 ms/Div) Vin = 4.0 V Vout = 0.9 V Cin = 150 mF Cout = 150 mF TJ = 25C Iout 0.5 A/Div Vout 10 mV/Div Vin = 4.0 V Vout = 0.9 V Cin = 150 mF Cout = 150 mF TJ = 25C Iout = 1.0 A to 10 mA TIME (1.0 ms/Div) Figure 15. Load Transient Response Figure 16. Load Transient Response APPLICATION INFORMATION The NCP5661 is a high performance low dropout 1.0 A linear regulator suitable for high power applications, featuring an ultra-fast response time and low noise without a bypass capacitor. It is offered in both fixed and adjustable output versions with voltages as low as 0.9 V. Additional features, such as Enable and Error Flag (fixed output version) increase the utility of the NCP5661. It is thermally robust and includes the safety features necessary during a fault condition, which provide for an attractive high current LDO solution for server, ASIC power supplies, networking equipment applications, and many others. Input Capacitor Adjustable Output Operation The application circuit for the adjustable output version is shown in Figure 1. The reference voltage is 0.9 V and the adjustable pin current is typically 40 nA. A resistor divider network, R1 and R2, is calculated using the following formula: R1 + R2 Current Limit Operation Vout *1 Vref The recommended input capacitor value is a 150 mF OSCON with an Equivalent Series Resistance (ESR) of 50 mW. It is especially required if the power source is located more than a few inches from the NCP5661. This capacitor will reduce device sensitivity and enhance the output transient response time. The PCB layout is very important and in order to obtain the optimal solution, the Vin and GND traces should be sufficiently wide to minimize noise and unstable operation. Output Capacitor As the peak output current increases beyond its limitation, the device is internally clampled to 1.5 A, thus causing the output voltage to decrease and go out of regulation. This allows the device never to exceed the maximum power dissipation. Error Flag Operation Proper output capacitor selection is required to maintain stability. The NCP5661 is guaranteed to be stable at an output capacitance of, Cout > 10 mF with an ESR < 300 mW over the output current range of 10 mA to 1.0 A. For PCB layout considerations, place the recommended ceramic capacitor close to the output pin and keep the leads short. This should help ensure ultra-fast transient response times. The Error Flag pin on the NCP5661 will produce a logic Low when it drops below the nominal output voltage. Refer to the electrical characteristics for the threshold values at which point the Error Flag goes Low. When the NCP5661 is above the nominal output voltage, the Error Flag will remain at logic High. The external pullup resistor needs to be connected between Vin (Pin 1) and the Error Flag pin (Pin 5). A resistor of approximately 100 kW is recommended to minimize the current consumption. No pullup resistor is required if the Error Flag output is not being used. http://onsemi.com 8 NCP5661 NCP5661 Evaluation Board Figure 17. Test Board used for Evaluation http://onsemi.com 9 NCP5661 ORDERING INFORMATION Device NCP5661DTADJRKG NCP5661DT12RKG (Note 3) NCP5661DT33RKG (Note 3) Nominal Output Voltage Adj (Pb-Free) Fixed, 1.2 V (Pb-Free) Fixed, 3.3 V (Pb-Free) DPAK Package Shipping 2500 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel 3. Fixed output voltages available at 0.9 V, 1.5 V, 1.8 V, 2.5 V, 3.0 V per request. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. http://onsemi.com 10 NCP5661 PACKAGE DIMENSIONS DPAK-5 CENTER LEAD CROP CASE 175AA-01 ISSUE A -T- B V R C E R1 DIM A B C D E F G H J K L R R1 S U V Z SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.020 0.028 0.018 0.023 0.024 0.032 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.045 BSC 0.170 0.190 0.185 0.210 0.025 0.040 0.020 --- 0.035 0.050 0.155 0.170 MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.51 0.71 0.46 0.58 0.61 0.81 4.56 BSC 0.87 1.01 0.46 0.58 2.60 2.89 1.14 BSC 4.32 4.83 4.70 5.33 0.63 1.01 0.51 --- 0.89 1.27 3.93 4.32 S A 1234 5 Z U K F L D 5 PL G 0.13 (0.005) M J H T SOLDERING FOOTPRINT* 6.4 0.252 2.2 0.086 5.8 0.228 0.34 5.36 0.013 0.217 10.6 0.417 0.8 0.031 SCALE 4:1 mm inches *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. http://onsemi.com 11 NCP5661 The product described herein (NCP5661), may be covered by one or more of the following U.S. patents: 5,920,184; 5,834,926. There may be other patents pending. ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative. http://onsemi.com 12 NCP5661/D |
Price & Availability of NCP5661 |