Part Number Hot Search : 
Z100LV SFF430M SL1610C 10061 DS1982 T6BU10 T6BU10 S16C40PT
Product Description
Full Text Search
 

To Download MS-156-HRMJ-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW
Subminiature Coaxial Switch 1.6 mm High, DC to 6 GHz
MS-156 Series sOverview
Developed for inspection of high frequency circuits used in portable terminals.Verification of the circuit performance is accomplished by simply inserting the external plug in the board mounted receptacle.This action re-directs the circuit from normal condition to the plug side. Removing the plug restores circuit to its normal condition.
Space-saving design Low profile -1.6 mm protrusion above the board. Lightweight -0.025 g. total weight.
sFeatures
1. Low insertion loss
0.1 dB typical at 6 GHz (not mated with the plug).
2. Space-saving design
2.7 mm x 2.7 mm occupied board space.
MS-156
3. Low profile
1.6 mm protrusion above the board.
Several types of plugs
4. Lightweight
0.025 g. total weight (without vacuum cap).
5. Durability
100 mating/unmating cycles, with corresponding plug.
6. Performs over a wide frequency range
Applicable frequencies range over a wide band, from DC to 6 GHz.
7. Board placement with automatic equipment
Packaged on tape-and-reel. Also available with a vacuum cap over each switch. Several types of SMA conversion adapters
8. Supports lead-free environments
All components use lead-free materials.
sApplications
Portable terminals, ETC, notebook computers (Bluetooth), wireless LAN, POS terminals, GPS terminals, PDA, and any small devices requiring verification of antenna/circuit performance.
2003.11
1
sProduct Specifications
Not mated with the plug Operating temperature range Rated power Frequency range Insertion loss
-40c to +85c 2W DC to 6GHz 0.1 dB max.(DC to 3.0GHz) 0.15 dB max.(3.0GHz to 6.0GHz)
Mated (MS-156-HRMJ-3)
-40c to +85c 2W DC to 6GHz 0.5 dB max.(DC to 3.0GHz) 1.2 dB max.(3.0GHz to 6.0GHz)
Isolation loss
20 dB max.(DC to 2.0GHz) 15 dB max.(2.0GHz to 4.0GHz) 13 dB max.(4.0GHz to 6.0GHz) 1.2 max.(DC to 2.5GHz) 1.3 max.(2.5GHz to 6.0GHz) 1.4 max.(DC to 3.0GHz) 1.8 max.(3.0GHz to 6.0GHz)
V.S.W.R
Item
1. Contact resistance 2. Insulation resistance 3. Withstanding voltage 4. Vibration 100 m ohms max. 1000 M ohms min.
Specification
100 mA max. 100 V DC
Conditions
No flashover or insulation breakdown
100 V AC / 1 minute Frequency:10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 axis. Acceleration of 490 m/s2, 6 ms duration, sine halfwave waveform, 3 cycles in each of the 3 axis Temperature: -55c / +5c to +35c / +85c /+5c to +35c Time: 30 / 2 to 3 / 30 / 2 to 3 (Minutes) 100 cycles 100 cycles
No electrical discontinuity of 1 s or more 5. Shock Contact resistance: 100 m ohms max. Insulation resistance: 10 M ohms min. Contact resistance: 100 m ohms max.
6. Thermal shock 7. Durability (mating/un-mating, with corresponding plug)
sMaterials
Part
Shell Insulator Common terminal Antenna terminal
Material
Phosphor bronze 9T Nylon Beryllium copper Phosphor bronze
Finish
Gold plating -------------------------Gold plating Gold plating
Remarks
-------------------------UL94V0 ---------------------------------------------------
2
BTypical Data qNORMALLY CLOSED(N.C)~(Not mated with the plug)
0.0 Insertion Loss
Insertion Loss [dB]
0.1 0.2 0.3
1.3 V.S.W.R. 1.2 1.1 1.0 DC 3.0 6.0 [GHz]
qOPEN(N.O)~(Mated with the plug)
0.0 Insertion Loss
Insertion Loss [dB]
0.5 1.0 1.5 1.8 V.S.W.R. 1.6 1.4 1.2 1.0 DC 3.0 6.0 [GHz]
qISOLATION
10 15 Isolation
Isolation [dB]
20 25 30 35 40
DC
3.0
6.0 [GHz]
V.S.W.R.
V.S.W.R.
3
sReceptacle
qWithout vacuum cap
N.O 0.4 M2.7
0.4 0.6 1.6 O2
N.C
Part Number
MS-156
CL No.
358-0167-8
Packaging
2,000 pieces/reel
qWith vacuum cap
1.4
O2
.7
5
Part Number
MS-156(02)
CL No.
358-0167-8-02
Packaging
1,500 pieces/reel
Note:Vacuum cap flat can be oriented in any direction. Orientation will not affect placement of the switch on the board.
BCircuit diagram
Not mated with the plug(N.C) G B G Plug G A C G MS-156 B G Plug Mated with the plug(N.O) G G A C G MS-156
BPCB mounting pattern
2-1.25 0.3 3 1.4 0.55
N.O
1.25 1.05
2.9 2-2.65
N.C
0.3 0.55
4
2
1.4
BPackaging Specifications
qEmbossed Carrier Tape Dimensions (Without vacuum cap)
qReel dimensions
2,000 pieces/reel
4 4 2 1.75
O1
5.5
12
O180
qEmbossed Carrier Tape Dimensions (With vacuum cap)
4 4 2 1.75
2.2
Unreeling direction
qReel dimensions
1,500 pieces/reel
O80
5.5
12
Unreeling direction
2.6
BRecommended Nozzle Dimensions
O4
O1max. O2.5min.
O180
O80
O1
Unreeling direction
12.4
.5
O1
3
.5
Unreeling direction
12.4
O1
3
5
sPlugs
qPress down type
11.15 O6 O4
4C
20.9 2.9
1
O3.2
Part Number
MS-156-C(LP)-1
CL No.
358-0173-0
10,000 Times
Applicable cable: 1.5D-HQEW, 1.5D-QEW (Fujikura Ltd.)
qSimplified lock type
1.6 10 O7.9 O5.48 O4
4C
25.25 8.25 3
1
M8
Durability
O0.5
O3.2
Part Number
MS-156-C(LP)-2
CL No.
358-0174-3
Durability
500 Times
Applicable cable: 1.5D-HQEW, 1.5D-QEW (Fujikura Ltd.)
sSMA Conversion Adapters
qSimplified lock type, Straight
1/4-36UNS-2A 24.4 1.6 11.3 5.2 8
O5.48 O4.27
Part Number
MS-156-HRMJ-2
O0.5
CL No.
358-0170-2
O8.5
Durability
500 Times
qSimplified lock type, Straight
32.9 1.6 12 O5.48 O4.3 19.8 5.2 8
O0.5
1/4-36UNS-2A
Part Number
MS-156-HRMJ-5
CL No.
358-0177-1
O8 .5
Durability
500 Times
6
M8
qPress down type,Right angle
1.55 9.9 5 O7 O4 19 2 O6 7.1 3.6 M8
Part Number
MS-156LP-HRMJ-1
CL No.
358-0175-6
16.79 1/4-36UNS-2A
O0.5
Durability
10,000 Times
qPress down type, with flange
28.13 18.63 8.12 1 2-O2.6
O3.4
O5
1/4-36UNS-2A
8
Part Number
MS-156-HRMJ-3
CL No.
358-0171-5
Durability
10,000 Times
qPress down type, with flange (Increased self alignment)
28.13 19.63 18.63 8.12 O7.44 O5.9 O4.3 14 8.5 8 2-O2.6
1/4-36UNS-2A
Part Number
MS-156-HRMJ-6
CL No.
358-0181-9
Durability
10,000 Times
qFloating type
31.06 20.7 4.27 2.5 15
O10 O5
O3.4
O24
1/4-36UNS-2A
2-O2.6
Part Number
MS-156-HRMJ-9
CL No.
358-0180-6
Durability
10,000 Times
20
14
O20
O20
7
BRecommended Temperature Profile
Temperature (c) 10 sec.max. 240 200 160 150
Using Typical Solder Paste q Maximum temperature w Peak temperature time e Peak temperature r 200c min. t 150c to 160c Metal mask thickness Reflow cycles
40 sec.min. 50 sec.max. Time (sec.)
: 240c : 10 sec. max. : 220c to 235c : 50 sec. max. : 40 sec. min. : 0.12 mm : 2 cycles
100
50
0
Temperature (c) 250 230 200 180 160 150
10 sec.max.
Using Lead-free Solder paste q Maximum temperature w Peak temperature time e Peak temperature r 230c min. t 150c to 180c Metal mask thickness Reflow cycles : 250c : 10 sec. max. : 245c to 250c : 30 sec. max. : 60 sec. min. : 0.12 mm : 2 cycles
100
50
0 60 sec.min. 30 sec.max. Time (sec.)
BPrecautions
1. Care should be taken to avoid accumulation of moisture inside the mounted receptacle after the washing process. 2. This product is intended to be used for circuit inspection only. Consult factory if any other application is considered. 3. The corresponding plug should be inserted in direction perpendicular to the switch mounting surface, within an angle of 2. The push-in force should be kept within 6-10 N. 4. Do not use hand soldering for mounting on the board. Doing so could result in solder and flux wicking to the contact portion. 5. When using a heat gun, hotplate, or similar methods, limit the temperature to 260c applied for 10 seconds max. 6. Consult Hirose if your application, installation methods or end-user environment are different than the recommended.
(R)
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933 http://www.hirose.com
8
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.


▲Up To Search▲   

 
Price & Availability of MS-156-HRMJ-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X