Part Number Hot Search : 
5KE47C 10100C EE08405 OPB854A3 ICM7362 L0533 LT1079M 1E106
Product Description
Full Text Search
 

To Download MRF6S21100N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF6S21100N Rev. 1, 5/2006
RF Power Field Effect Transistors
N - Channel Enhancement - Mode Lateral MOSFETs
Designed for W- CDMA base station applications with frequencies from 2110 to 2170 MHz. Suitable for TDMA, CDMA and multicarrier amplifier applicat i o n s . To b e u s e d i n C l a s s A B f o r P C N - P C S / c e l l u l a r r a d i o a n d W L L applications. * Typical 2 - Carrier W - CDMA Performance: VDD = 28 Volts, IDQ = 1050 mA, Pout = 23 Watts Avg., Full Frequency Band, Channel Bandwidth = 3.84 MHz, PAR = 8.5 dB @ 0.01% Probability on CCDF. Power Gain -- 14.5 dB Drain Efficiency -- 25.5% IM3 @ 10 MHz Offset -- - 37 dBc in 3.84 MHz Bandwidth ACPR @ 5 MHz Offset -- - 40 dBc in 3.84 MHz Bandwidth * Capable of Handling 5:1 VSWR, @ 28 Vdc, 2140 MHz, 100 Watts CW Output Power Features * Characterized with Series Equivalent Large - Signal Impedance Parameters * Internally Matched for Ease of Use * Qualified Up to a Maximum of 32 VDD Operation * Integrated ESD Protection * Designed for Lower Memory Effects and Wide Instantaneous Bandwidth Applications * 200C Capable Plastic Package * N Suffix Indicates Lead - Free Terminations. RoHS Compliant. * In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel.
MRF6S21100NR1 MRF6S21100NBR1
2110 - 2170 MHz, 23 W AVG., 28 V 2 x W - CDMA LATERAL N - CHANNEL RF POWER MOSFETs
CASE 1486 - 03, STYLE 1 TO - 270 WB - 4 PLASTIC MRF6S21100NR1
CASE 1484 - 04, STYLE 1 TO - 272 WB - 4 PLASTIC MRF6S21100NBR1
Table 1. Maximum Ratings
Rating Drain- Source Voltage Gate- Source Voltage Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Operating Junction Temperature Symbol VDSS VGS PD Tstg TJ Value - 0.5, +68 - 0.5, +12 307 1.75 - 65 to +175 200 Unit Vdc Vdc W W/C C C
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Case Temperature 80C, 100 W CW Case Temperature 73C, 23 W CW Symbol RJC Value (1,2) 0.57 0.66 Unit C/W
1. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access the MTTF calculators by product. 2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select Documentation/Application Notes - AN1955.
(c) Freescale Semiconductor, Inc., 2006. All rights reserved.
MRF6S21100NR1 MRF6S21100NBR1 1
RF Device Data Freescale Semiconductor
Table 3. ESD Protection Characteristics
Test Methodology Human Body Model (per JESD22 - A114) Machine Model (per EIA/JESD22 - A115) Charge Device Model (per JESD22 - C101) Class 1B (Minimum) A (Minimum) IV (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology Per JESD 22 - A113, IPC/JEDEC J - STD - 020 Rating 3 Package Peak Temperature 260 Unit C
Table 5. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics Zero Gate Voltage Drain Leakage Current (VDS = 68 Vdc, VGS = 0 Vdc) Zero Gate Voltage Drain Leakage Current (VDS = 28 Vdc, VGS = 0 Vdc) Gate- Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) On Characteristics Gate Threshold Voltage (VDS = 10 Vdc, ID = 330 Adc) Gate Quiescent Voltage (VDS = 28 Vdc, ID = 1050 mAdc) Drain- Source On - Voltage (VGS = 10 Vdc, ID = 3.3 Adc) Forward Transconductance (VDS = 10 Vdc, ID = 2.2 Adc) Dynamic Characteristics(1) Reverse Transfer Capacitance (VDS = 28 Vdc 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc) Crss -- 1.5 -- pF VGS(th) VGS(Q) VDS(on) gfs 1 2 -- -- 2 2.8 0.24 5.3 3 4 -- -- Vdc Vdc Vdc S IDSS IDSS IGSS -- -- -- -- -- -- 10 1 1 Adc Adc Adc Symbol Min Typ Max Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 1050 mA, Pout = 23 W Avg., f1 = 2112.5 MHz, f2 = 2122.5 MHz and f1 = 2157.5 MHz, f2 = 2167.5 MHz, 2 - carrier W - CDMA, 3.84 MHz Channel Bandwidth Carriers, ACPR measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. IM3 measured in 3.84 MHz Bandwidth @ 10 MHz Offset.. PAR = 8.5 dB @ 0.01% Probability on CCDF. Power Gain Drain Efficiency Intermodulation Distortion) Adjacent Channel Power Ratio Input Return Loss 1. Part is internally matched both on input and output. Gps D IM3 ACPR IRL 13 24 - 47 - 50 -- 14.5 25.5 - 37 - 40 - 12 16 36 - 35 - 38 - 10 dB % dBc dBc dB
MRF6S21100NR1 MRF6S21100NBR1 2 RF Device Data Freescale Semiconductor
R1 VBIAS + C1 R2 C2
B1 VSUPPLY C3 R3 Z5 Z12 C4 C5 C6 RF OUTPUT
RF INPUT
Z6 Z1 C7 Z2 Z3 Z4 Z11 C8 DUT
Z7
Z8
Z9 C9
Z10
VSUPPLY C10 C11 C12
Z1, Z10 Z2 Z3 Z4 Z5 Z6
0.743 x 0.084 Microstrip 0.893 x 0.084 Microstrip 0.175 x 0.084 Microstrip 0.420 x 0.800 Microstrip 1.231 x 0.040 Microstrip 0.100 x 0.880 Microstrip
Z7 Z8 Z9 Z11, Z12 PCB
0.259 x 0.880 Microstrip 0.215 x 0.230 Microstrip 0.787 x 0.084 Microstrip 1.171 x 0.120 Microstrip Arlon AD250, 0.030, r = 2.5
Figure 1. MRF6S21100NR1(NBR1) Test Circuit Schematic
Table 6. MRF6S21100NR1(NBR1) Test Circuit Component Designations and Values
Part B1 C1 C2 C3, C4, C10 C5, C6, C11, C12 C7 C8 C9 R1 R2 R3 Description Ferrite Bead (0805) 10 F, 35 V Tantalum Capacitor 0.01 F Chip Capacitor (1825) 5.1 pF 600B Chip Capacitors 10 F, 50 V Chip Capacitors 10 pF 600B Chip Capacitor 1.1 pF 600B Chip Capacitor 5.1 pF 600 B Chip Capacitor (MRF6S21100NR1) 8.2 pF 600 B Chip Capacitor (MRF6S21100NBR1) 1 k, 1/4 W Chip Resistor (1206) 10 k, 1/4 W Chip Resistor (1206) 10 , 1/4 W Chip Resistor (1206) Part Number 25008051107Y0 T491D106K035AS C1825C103J1GAC 600B5R1BT250XT GRM55DR61H106KA88L 600B100BT250XT 600B1R1BT250XT 600B5R1BT250XT 600B8R2BT250XT Manufacturer Fair- Rite Kemet Kemet ATC Murata ATC ATC ATC ATC
MRF6S21100NR1 MRF6S21100NBR1 RF Device Data Freescale Semiconductor 3
B1 R3 R1 R2 C2 C1
C3 C4
C5
C6
C7
C8
CUT OUT AREA
C9
C11 C12
MRF6S21100N/NB, Rev. 3
C10
Figure 2. MRF6S21100NR1(NBR1) Test Circuit Component Layout
MRF6S21100NR1 MRF6S21100NBR1 4 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
VDD = 28 Vdc, Pout = 22.5 W (Avg.), IDQ = 1050 mA 2-Carrier W-CDMA, 10 MHz Carrier Spacing 3.84 MHz Channel Bandwidth, PAR = 8.5 dB @ 0.01% Probability (CCDF)
14.8 14.6 Gps, POWER GAIN (dB) 14.4 14.2 14 13.8 13.6 13.4 13.2 13 2060 2080 D
27 26 25
Gps IM3 ACPR IRL 2100 2120 2140 2160 2180 2200
IM3 (dBc), ACPR (dBc)
-31 -34 -37 -40 -43 -46 2220 2240
-9 -10 -11 -12 -13 -14
f, FREQUENCY (MHz)
Figure 3. 2 - Carrier W - CDMA Broadband Performance @ Pout = 22.5 Watts Avg.
14 13.8 Gps, POWER GAIN (dB) 13.6 13.4 13.2 13 12.8 12.6 12.4
D
37 36 35
VDD = 28 Vdc, Pout = 45 W (Avg.), IDQ = 1050 mA 2-Carrier W-CDMA, 10 MHz Carrier Spacing 3.84 MHz Channel Bandwidth, PAR = 8.5 dB @ 0.01% Probability (CCDF)
IM3
IM3 (dBc), ACPR (dBc)
-24 -26 -28
-9 -10 -11 -12 -13 -14
ACPR IRL 2100 2120 2140 2160 2180 2200
-30 -32 -34 2220 2240
12.2 2060 2080
f, FREQUENCY (MHz)
Figure 4. 2 - Carrier W - CDMA Broadband Performance @ Pout = 45 Watts Avg.
16 IDQ = 1575 mA 15 Gps, POWER GAIN (dB) 14 13 12 11 10 787 mA 1312 mA 1050 mA IMD, THIRD ORDER INTERMODULATION DISTORTION (dBc) -10 VDD = 28 Vdc, f1 = 2135 MHz, f2 = 2145 MHz Two-Tone Measurements, 10 MHz Tone Spacing -20 1575 mA IDQ = 525 mA -40 1312 mA -50 787 mA -60 0.1 1 10 100 300 1050 mA
-30
525 mA
VDD = 28 Vdc, f1 = 2135 MHz, f2 = 2145 MHz Two-Tone Measurements, 10 MHz Tone Spacing 0.1 1 10 100 1000
Pout, OUTPUT POWER (WATTS) PEP
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Two - Tone Power Gain versus Output Power
Figure 6. Third Order Intermodulation Distortion versus Output Power
MRF6S21100NR1 MRF6S21100NBR1 RF Device Data Freescale Semiconductor 5
IRL, INPUT RETURN LOSS (dB)
Gps
34
D, DRAIN EFFICIENCY (%)
14.2
38
IRL, INPUT RETURN LOSS (dB)
24
D, DRAIN EFFICIENCY (%)
15
28
TYPICAL CHARACTERISTICS
IMD, INTERMODULATION DISTORTION (dBc)
0 -10 -20 -30 -40 -50 -60 0.1 3rd Order 5th Order VDD = 28 Vdc, Pout = 100 W (PEP) IDQ = 1050 mA, Two-Tone Measurements (f1 + f2)/2 = Center Frequency of 2140 MHz
58 Ideal Pout , OUTPUT POWER (dBm) 56 P3dB = 51.9 dBm (156.3 W) 54 P1dB = 51.3 dBm (135.8 W) 52 Actual
50
7th Order 48 1 10 100 300 32 34 36 38
VDD = 28 Vdc, IDQ = 1050 mA Pulsed CW, 8 sec(on), 1 msec(off) f = 2140 MHz 40 42 44 46
TWO-TONE SPACING (MHz)
Pin, INPUT POWER (dBm)
Figure 7. Intermodulation Distortion Products versus Tone Spacing
D, DRAIN EFFICIENCY (%), Gps, POWER GAIN (dB) 40 35 30 25 20 TC = 25_C 15 10 5 0 0.5 1 10 25_C 85_C Gps
Figure 8. Pulse CW Output Power versus Input Power
IM3 -30_C
-40 -45 -50 -55 -60 100
Pout, OUTPUT POWER (WATTS) AVG.
Figure 9. 2 - Carrier W - CDMA ACPR, IM3, Power Gain and Drain Efficiency versus Output Power
18 17 Gps, POWER GAIN (dB) 16 TC = -30_C 15 25_C 14 13 12 11 0.1 1 10 100 300 Pout, OUTPUT POWER (WATTS) CW D 85_C 30 20 10 0 VDD = 28 Vdc IDQ = 1050 mA f = 2140 MHz Gps 85_C -30_C 25_C 70 60 D, DRAIN EFFICIENCY (%) 50 40 Gps, POWER GAIN (dB) 15 14 13 12 32 V 11 10 VDD = 12 V 9 0 20 40 60 80 100 120 140 160 180 200 Pout, OUTPUT POWER (WATTS) CW 16 V 20 V 24 V IDQ = 1050 mA f = 2140 MHz 28 V
Figure 10. Power Gain and Drain Efficiency versus CW Output Power MRF6S21100NR1 MRF6S21100NBR1 6
Figure 11. Power Gain versus Output Power
IM3 (dBc), ACPR (dBc)
-20 VDD = 28 Vdc, IDQ = 1050 mA, f1 = 2135 MHz -30_C 25_C -25 f2 = 2145 MHz, 2-Carrier W-CDMA D 10 MHz Carrier Spacing, 3.84 MHz 25_C Channel Bandwidth, PAR = 8.5 dB -30_C -30 @ 0.01% Probability (CCDF) 85_C -35 ACPR
RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
109 MTTF FACTOR (HOURS x AMPS2)
108
107
106 90 100 110 120 130 140 150 160 170 180 190 200 210 TJ, JUNCTION TEMPERATURE (C) This above graph displays calculated MTTF in hours x ampere2 drain current. Life tests at elevated temperatures have correlated to better than 10% of the theoretical prediction for metal failure. Divide MTTF factor by ID2 for MTTF in a particular application.
Figure 12. MTTF Factor versus Junction Temperature
W - CDMA TEST SIGNAL
100 10 PROBABILITY (%) 1 (dB) 0.1 0.01 0.001 0.0001 0 2 4 6 8 10 PEAK-TO-AVERAGE (dB) W-CDMA. ACPR Measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. IM3 Measured in 3.84 MHz Bandwidth @ 10 MHz Offset. PAR = 8.5 dB @ 0.01% Probability on CCDF
+20 +30 0 -10 -20 -30 -40 -50 -60 -70 -80 -25
3.84 MHz Channel BW
-ACPR in +ACPR in 3.84 MHz BW 3.84 MHz BW -IM3 in 3.84 MHz BW -20 -15 -10 -5 0 5 10
+IM3 in 3.84 MHz BW
15
20
25
f, FREQUENCY (MHz)
Figure 13. CCDF W - CDMA 3GPP, Test Model 1, 64 DPCH, 67% Clipping, Single - Carrier Test Signal
Figure 14. 2-Carrier W-CDMA Spectrum
MRF6S21100NR1 MRF6S21100NBR1 RF Device Data Freescale Semiconductor 7
Zo = 5
Zo = 5
f = 2110 MHz Zsource f = 2170 MHz f = 2170 MHz f = 2170 MHz
Zsource
f = 2110 MHz
f = 2170 MHz
Zload
f = 2110 MHz
Zload
f = 2110 MHz
MRF6S21100NR1 VDD = 28 Vdc, IDQ = 1050 mA, Pout = 23 W Avg. f MHz 2110 2140 2170 Zsource 3.51 - j3.78 3.50 - j3.83 3.29 - j3.78 Zload 1.62 - j3.54 1.51 - j3.26 1.41 - j2.95
MRF6S21100NBR1 VDD = 28 Vdc, IDQ = 1050 mA, Pout = 23 W Avg. f MHz 2110 2140 2170 Zsource 3.56 - j3.92 3.55 - j3.97 3.34 - j3.90 Zload 1.62 - j3.47 1.53 - j3.19 1.44 - j2.89
Zsource = Test circuit impedance as measured from gate to gate, balanced configuration. Zload = Test circuit impedance as measured from drain to drain, balanced configuration.
Input Matching Network
Device Under Test
Output Matching Network
Z
source
Z
load
Figure 15. Series Equivalent Source and Load Impedance
MRF6S21100NR1 MRF6S21100NBR1 8 RF Device Data Freescale Semiconductor
NOTES
MRF6S21100NR1 MRF6S21100NBR1 RF Device Data Freescale Semiconductor 9
NOTES
MRF6S21100NR1 MRF6S21100NBR1 10 RF Device Data Freescale Semiconductor
NOTES
MRF6S21100NR1 MRF6S21100NBR1 RF Device Data Freescale Semiconductor 11
PACKAGE DIMENSIONS
B E1 E3
2X
A
GATE LEAD
DRAIN LEAD
D1
4X
D e
4X
aaa
M
b1 CA
D2 c1 H
DATUM PLANE ZONE J
2X
2X
E
F
A1 A2 E2 E5 E4
2X
A
NOTE 7
C
SEATING PLANE
PIN 5
NOTE 8
NOTES: 1. CONTROLLING DIMENSION: INCH. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M-1994. 3. DATUM PLANE -H- IS LOCATED AT THE TOP OF LEAD AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE PLASTIC BODY AT THE TOP OF THE PARTING LINE. 4. DIMENSIONS "D" AND "E1" DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS .006 PER SIDE. DIMENSIONS "D" AND "E1" DO INCLUDE MOLD MISMATCH AND ARE DETER- MINED AT DATUM PLANE -H-. 5. DIMENSION "b1" DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE .005 TOTAL IN EXCESS OF THE "b1" DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. DATUMS -A- AND -B- TO BE DETERMINED AT DATUM PLANE -H-. 7. DIMENSION A2 APPLIES WITHIN ZONE "J" ONLY. 8. HATCHING REPRESENTS THE EXPOSED AREA OF THE HEAT SLUG. INCHES MIN MAX .100 .104 .039 .043 .040 .042 .712 .720 .688 .692 .011 .019 .600 --- .551 .559 .353 .357 .132 .140 .124 .132 .270 --- .346 .350 .025 BSC .164 .170 .007 .011 .106 BSC .004 DRAIN DRAIN GATE GATE SOURCE MILLIMETERS MIN MAX 2.54 2.64 0.99 1.09 1.02 1.07 18.08 18.29 17.48 17.58 0.28 0.48 15.24 --- 14 14.2 8.97 9.07 3.35 3.56 3.15 3.35 6.86 --- 8.79 8.89 0.64 BSC 4.17 4.32 0.18 0.28 2.69 BSC 0.10
4
D3
3
MRF6S21100NR1 MRF6S21100NBR1 12 RF Device Data Freescale Semiconductor
CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC
E5 BOTTOM VIEW
1
2
DIM A A1 A2 D D1 D2 D3 E E1 E2 E3 E4 E5 F b1 c1 e aaa
CASE 1486 - 03 ISSUE C TO - 270 WB - 4 PLASTIC MRF6S21100NR1
STYLE 1: PIN 1. 2. 3. 4. 5.
MRF6S21100NR1 MRF6S21100NBR1 RF Device Data Freescale Semiconductor 13
MRF6S21100NR1 MRF6S21100NBR1 14 RF Device Data Freescale Semiconductor
MRF6S21100NR1 MRF6S21100NBR1 RF Device Data Freescale Semiconductor 15
How to Reach Us:
Home Page: www.freescale.com E - mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1 - 800- 521- 6274 or +1 - 480- 768- 2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800- 441- 2447 or 303 - 675- 2140 Fax: 303 - 675- 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2006. All rights reserved.
MRF6S21100NR1 MRF6S21100NBR1
Rev. 16 1, 5/2006 Document Number: MRF6S21100N
RF Device Data Freescale Semiconductor


▲Up To Search▲   

 
Price & Availability of MRF6S21100N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X