Part Number Hot Search : 
MEM803 074394FP 6050513 SMBJ24A 3N244 DC24V M4004 29LV640
Product Description
Full Text Search
 

To Download MRF6S19100N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF6S19100N Rev. 1, 5/2006
RF Power Field Effect Transistors
N - Channel Enhancement - Mode Lateral MOSFETs
Designed for N - CDMA base station applications with frequencies from 1930 to 1990 MHz. Suitable for TDMA, CDMA and multicarrier amplifier applicat i o n s . To b e u s e d i n C l a s s A B f o r P C N - P C S / c e l l u l a r r a d i o a n d W L L applications. * Typical 2 - Carrier N - CDMA Performance: VDD = 28 Volts, IDQ = 950 mA, Pout = 22 Watts Avg., Full Frequency Band, IS - 95 CDMA (Pilot, Sync, Paging, Traffic Codes 8 Through 13) Channel Bandwidth = 1.2288 MHz. PAR = 9.8 dB @ 0.01% Probability on CCDF. Power Gain -- 14.5 dB Drain Efficiency -- 25.5% IM3 @ 2.5 MHz Offset -- - 37 dBc in 1.2288 MHz Bandwidth ACPR @ 885 kHz Offset -- - 51 dBc in 30 kHz Bandwidth * Capable of Handling 5:1 VSWR, @ 28 Vdc, 1960 MHz, 100 Watts CW Output Power Features * Characterized with Series Equivalent Large - Signal Impedance Parameters * Internally Matched for Ease of Use * Qualified Up to a Maximum of 32 VDD Operation * Integrated ESD Protection * N Suffix Indicates Lead - Free Terminations * Designed for Lower Memory Effects and Wide Instantaneous Bandwidth Applications * 200C Capable Plastic Package * RoHS Compliant * In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel.
MRF6S19100NR1 MRF6S19100NBR1
1930- 1990 MHz, 22 W AVG., 28 V 2 x N - CDMA LATERAL N - CHANNEL RF POWER MOSFETs
CASE 1486 - 03, STYLE 1 TO - 270 WB - 4 PLASTIC MRF6S19100NR1
CASE 1484 - 04, STYLE 1 TO - 272 WB - 4 PLASTIC MRF6S19100NBR1
Table 1. Maximum Ratings
Rating Drain- Source Voltage Gate- Source Voltage Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Operating Junction Temperature Symbol VDSS VGS PD Tstg TJ Value - 0.5, +68 - 0.5, +12 287 1.64 - 65 to +175 200 Unit Vdc Vdc W W/C C C
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Case Temperature 80C, 100 W CW Case Temperature 75C, 23 W CW Symbol RJC Value (1,2) 0.61 0.65 Unit C/W
1. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access the MTTF calculators by product. 2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select Documentation/Application Notes - AN1955.
(c) Freescale Semiconductor, Inc., 2006. All rights reserved.
MRF6S19100NR1 MRF6S19100NBR1 1
RF Device Data Freescale Semiconductor
Table 3. ESD Protection Characteristics
Test Methodology Human Body Model (per JESD22 - A114) Machine Model (per EIA/JESD22 - A115) Charge Device Model (per JESD22 - C101) Class 1B (Minimum) A (Minimum) IV (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology Per JESD 22 - A113, IPC/JEDEC J - STD - 020 Rating 3 Package Peak Temperature 260 Unit C
Table 5. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics Zero Gate Voltage Drain Leakage Current (VDS = 68 Vdc, VGS = 0 Vdc) Zero Gate Voltage Drain Leakage Current (VDS = 28 Vdc, VGS = 0 Vdc) Gate- Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) On Characteristics Gate Threshold Voltage (VDS = 10 Vdc, ID = 330 Adc) Gate Quiescent Voltage (VDS = 28 Vdc, ID = 950 mAdc) Drain- Source On - Voltage (VGS = 10 Vdc, ID = 3.3 Adc) Forward Transconductance (VDS = 10 Vdc, ID = 2.2 Adc) Dynamic Characteristics (1) Reverse Transfer Capacitance (VDS = 28 Vdc 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc) Crss -- 1.5 -- pF VGS(th) VGS(Q) VDS(on) gfs 1 2 -- -- 2 2.8 0.24 5.3 3 4 -- -- Vdc Vdc Vdc S IDSS IDSS IGSS -- -- -- -- -- -- 10 1 1 Adc Adc Adc Symbol Min Typ Max Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 950 mA, Pout = 22 W Avg., f1 = 1930 MHz, f2 = 1932.5 MHz and f1 = 1987.5 MHz, f2 = 1990 MHz, 2 - Carrier N - CDMA, 1.2288 MHz Channel Bandwidth Carriers. ACPR measured in 30 kHz Channel Bandwidth @ 885 kHz Offset. IM3 measured in 1.2288 MHz Channel Bandwidth @ 2.5 MHz Offset. PAR = 9.8 dB @ 0.01% Probability on CCDF. Power Gain Drain Efficiency Intermodulation Distortion Adjacent Channel Power Ratio Input Return Loss 1. Part is internally matched both on input and output. Gps D IM3 ACPR IRL 13 24 - 47 - 60 -- 14.5 25.5 - 37 - 51 - 12 16 36 - 35 - 48 - 10 dB % dBc dBc dB
MRF6S19100NR1 MRF6S19100NBR1 2 RF Device Data Freescale Semiconductor
R1 VBIAS + C1 R2 C2 C3 Z5 Z12 RF INPUT R3 Z1 C7 Z2 Z3 Z4 Z11 DUT VSUPPLY C9 C10 C11 Z6 Z7 Z8 Z9 C8 Z10 C4 C5 C6 RF OUTPUT VSUPPLY
Z1, Z10 Z2 Z3 Z4 Z5 Z6
0.743 x 0.084 Microstrip 0.818 x 0.084 Microstrip 0.165 x 0.386 Microstrip 0.505 x 0.800 Microstrip 0.323 x 0.040 Microstrip 0.160 x 0.880 Microstrip
Z7 Z8 Z9 Z11, Z12 PCB
0.319 x 0.880 Microstrip 0.355 x 0.215 Microstrip 0.661 x 0.084 Microstrip 1.328 x 0.120 Microstrip Arlon AD250, 0.030, r = 2.5
Figure 1. MRF6S19100NR1(NBR1) Test Circuit Schematic
Table 6. MRF6S19100NR1(NBR1) Test Circuit Component Designations and Values
Part C1 C2 C3, C7 C4, C8, C9 C5, C6, C10, C11 R1 R2 R3 Description 10 F, 35 V Tantalum Capacitor 100 nF Chip Capacitor (1206) 5.1 pF 600B Chip Capacitors 9.1 pF 600B Chip Capacitors 10 F, 50 V Chip Capacitors 1 k, 1/4 W Chip Resistor (1206) 10 k, 1/4 W Chip Resistor (1206) 10 , 1/4 W Chip Resistor (1206) 600B5R1BT250XT 600B9R1BT250XT GRM55DR61H106KA88L ATC ATC Murata Part Number T491D106K035AS Manufacturer Kemet
MRF6S19100NR1 MRF6S19100NBR1 RF Device Data Freescale Semiconductor 3
R2 C2
C3 C4
R1 C1 R3 C5 C6
CUT OUT AREA
C7
C8
C10 C11
MRF6S19100N/NB, Rev. 5
C9
Figure 2. MRF6S19100NR1(NBR1) Test Circuit Component Layout
MRF6S19100NR1 MRF6S19100NBR1 4 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -12 -16 -20 -24 -28 -32 -36 D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -10 -15 -20 -25 -30 -35 -40 1425 mA IDQ = 475 mA IRL, INPUT RETURN LOSS (dB) IRL, INPUT RETURN LOSS (dB) 15.8 15.7 15.6 Gps, POWER GAIN (dB) 15.5 15.4 15.3 15.2 15.1 15 14.9 ACPR IM3 IRL Gps
VDD = 28 Vdc, Pout = 22 W (Avg.), IDQ = 950 mA 2-Carrier N-CDMA, 2.5 MHz Carrier Spacing 1.2288 MHz Channel Bandwidth, PAR = 9.8 dB @ 0.01% Probability (CCDF)
27 D 26.5 26 25.5 25 -30 -36 -42 -48 -54
-60 14.8 1900 1910 1920 1930 1940 1950 1960 1970 1980 1990 2000 f, FREQUENCY (MHz)
Figure 3. 2 - Carrier N - CDMA Broadband Performance @ Pout = 22 Watts Avg.
15.4 15.3 15.2 Gps, POWER GAIN (dB) 15.1 15 14.9 14.8 14.7 14.6 14.5 ACPR IRL IM3 Gps D
VDD = 28 Vdc, Pout = 40 W (Avg.) IDQ = 950 mA, 2-Carrier N-CDMA 2.5 MHz Carrier Spacing 1.2288 MHz Channel Bandwidth PAR = 9.8 dB @ 0.01% Probability (CCDF)
36 35.5 35 34.5 34 -25 -30 -35 -40 -45
-50 14.4 1900 1910 1920 1930 1940 1950 1960 1970 1980 1990 2000 f, FREQUENCY (MHz)
Figure 4. 2 - Carrier N - CDMA Broadband Performance @ Pout = 40 Watts Avg.
17 16 Gps, POWER GAIN (dB) 15 14 13 12 11 1 1190 mA 950 mA 710 mA
IMD, THIRD ORDER INTERMODULATION DISTORTION (dBc)
IDQ = 1425 mA
-10 VDD = 28 Vdc f1 = 1958.75 MHz, f2 = 1961.25 MHz Two-Tone Measurements, 2.5 MHz Tone Spacing
-20
-30
-40
475 mA VDD = 28 Vdc f1 = 1958.75 MHz, f2 = 1961.25 MHz Two-Tone Measurements, 2.5 MHz Tone Spacing 10 Pout, OUTPUT POWER (WATTS) PEP 100 300
-50 710 mA -60 1 10 950 mA
1190 mA
100
300
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Two - Tone Power Gain versus Output Power
Figure 6. Third Order Intermodulation Distortion versus Output Power
MRF6S19100NR1 MRF6S19100NBR1 RF Device Data Freescale Semiconductor 5
TYPICAL CHARACTERISTICS
-10 IMD, INTERMODULATION DISTORTION (dBc) VDD = 28 Vdc, Pout = 100 W (PEP), IDQ = 950 mA Two-Tone Measurements (f1 + f2)/2 = Center Frequency of 1960 MHz 59 Ideal 57 Pout, OUTPUT POWER (dBm) P3dB = 52.156 dBm (164.29 W) 55 53 51 49 47 45 1 10 100 30 32 34 36 38 40 42 TWO-TONE SPACING (MHz) Pin, INPUT POWER (dBm) VDD = 28 Vdc, IDQ = 950 mA Pulsed CW, 8 sec(on), 1 msec(off) f = 1960 MHz P1dB = 51.13 dBm (129.72 W) Actual
-20
-30
3rd Order
-40
5th Order
-50 7th Order -60 0.1
Figure 7. Intermodulation Distortion Products versus Tone Spacing
Figure 8. Pulse CW Output Power versus Input Power
D, DRAIN EFFICIENCY (%), Gps, POWER GAIN (dB)
50
40
30
-30_C
-40
D 20 Gps ACPR -30_C 85_C 25_C -60 -50
10
0 1 10 Pout, OUTPUT POWER (WATTS) AVG. 100
-70 200
Figure 9. 2 - Carrier N - CDMA ACPR, IM3, Power Gain and Drain Efficiency versus Output Power
18 17 Gps, POWER GAIN (dB) 16 15 14 13 12 11 1 10 Pout, OUTPUT POWER (WATTS) CW 100 VDD = 28 Vdc IDQ = 950 mA f = 1960 MHz D TC = -30_C 25_C 85_C Gps -30_C 25_C 85_C
70 60 Gps, POWER GAIN (dB) 50 40 30 20 10 0 300 D, DRAIN EFFICIENCY (%)
16 15 14 13 12 11 10 0 50 100 150 200 Pout, OUTPUT POWER (WATTS) CW VDD = 12 V 20 V 24 V 32 V 28 V
16 V
IM3 (dBc), ACPR (dBc)
VDD = 28 Vdc, IDQ = 950 mA TC = 85_C f1 = 1958.75 MHz, f2 = 1961.25 MHz 2-Carrier N-CDMA, 2.5 MHz Carrier Spacing, 1.2288 MHz Channel IM3 Bandwidth, PAR = 9.8 dB @ 0.01% Probability (CCDF)
-20 -30_C 85_C -30 25_C
IDQ = 950 mA f = 1960 MHz
Figure 10. Power Gain and Drain Efficiency versus CW Output Power MRF6S19100NR1 MRF6S19100NBR1 6
Figure 11. Power Gain versus Output Power
RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
109 MTTF FACTOR (HOURS X AMPS2)
108
107
106 90 100 110 120 130 140 150 160 170 180 190 200 210 TJ, JUNCTION TEMPERATURE (C) This above graph displays calculated MTTF in hours x ampere2 drain current. Life tests at elevated temperatures have correlated to better than 10% of the theoretical prediction for metal failure. Divide MTTF factor by ID2 for MTTF in a particular application.
Figure 12. MTTF Factor versus Junction Temperature
N - CDMA TEST SIGNAL
100 10 PROBABILITY (%) 1 0.1 0.01 0.001 0.0001 0 2 4 6 8 10 PEAK-TO-AVERAGE (dB) IS-95 CDMA (Pilot, Sync, Paging, Traffic Codes 8 Through 13) 1.2288 MHz Channel Bandwidth Carriers. ACPR Measured in 30 kHz Bandwidth @ 885 kHz Offset. IM3 Measured in 1.2288 MHz Bandwidth @ 2.5 MHz Offset. PAR = 9.8 dB @ 0.01% Probability on CCDF. (dB)
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -7.5 -IM3 in 1.2288 MHz Integrated BW
1.2288 MHz Channel BW
+IM3 in 1.2288 MHz Integrated BW
-ACPR in 30 kHz Integrated BW
+ACPR in 30 kHz Integrated BW
Figure 13. 2 - Carrier CCDF N - CDMA
-6
-4.5
-3
-1.5
0
1.5
3
4.5
6
7.5
f, FREQUENCY (MHz)
Figure 14. 2 - Carrier N - CDMA Spectrum
MRF6S19100NR1 MRF6S19100NBR1 RF Device Data Freescale Semiconductor 7
Zo = 5
Zload f = 1930 MHz
f = 1990 MHz
f = 1990 MHz
f = 1930 MHz Zsource
VDD = 28 Vdc, IDQ = 950 mA, Pout = 22 W Avg. f MHz 1930 1960 1990 Zsource 2.51 - j4.80 2.31 - j4.54 2.12 - j4.20 Zload 1.74 - j3.11 1.67 - j2.85 1.63 - j2.55
Zsource = Test circuit impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground.
Input Matching Network
Device Under Test
Output Matching Network
Z
source
Z
load
Figure 15. Series Equivalent Source and Load Impedance
MRF6S19100NR1 MRF6S19100NBR1 8 RF Device Data Freescale Semiconductor
NOTES
MRF6S19100NR1 MRF6S19100NBR1 RF Device Data Freescale Semiconductor 9
NOTES
MRF6S19100NR1 MRF6S19100NBR1 10 RF Device Data Freescale Semiconductor
NOTES
MRF6S19100NR1 MRF6S19100NBR1 RF Device Data Freescale Semiconductor 11
PACKAGE DIMENSIONS
B E1 E3
2X
A
GATE LEAD
DRAIN LEAD
D1
4X
D e
4X
aaa
M
b1 CA
D2 c1 H
DATUM PLANE ZONE J
2X
2X
E
F
A1 A2 E2 E5 E4
2X
A
NOTE 7
C
SEATING PLANE
PIN 5
NOTE 8
NOTES: 1. CONTROLLING DIMENSION: INCH. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M-1994. 3. DATUM PLANE -H- IS LOCATED AT THE TOP OF LEAD AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE PLASTIC BODY AT THE TOP OF THE PARTING LINE. 4. DIMENSIONS "D" AND "E1" DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS .006 PER SIDE. DIMENSIONS "D" AND "E1" DO INCLUDE MOLD MISMATCH AND ARE DETER- MINED AT DATUM PLANE -H-. 5. DIMENSION "b1" DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE .005 TOTAL IN EXCESS OF THE "b1" DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. DATUMS -A- AND -B- TO BE DETERMINED AT DATUM PLANE -H-. 7. DIMENSION A2 APPLIES WITHIN ZONE "J" ONLY. 8. HATCHING REPRESENTS THE EXPOSED AREA OF THE HEAT SLUG. INCHES MIN MAX .100 .104 .039 .043 .040 .042 .712 .720 .688 .692 .011 .019 .600 --- .551 .559 .353 .357 .132 .140 .124 .132 .270 --- .346 .350 .025 BSC .164 .170 .007 .011 .106 BSC .004 DRAIN DRAIN GATE GATE SOURCE MILLIMETERS MIN MAX 2.54 2.64 0.99 1.09 1.02 1.07 18.08 18.29 17.48 17.58 0.28 0.48 15.24 --- 14 14.2 8.97 9.07 3.35 3.56 3.15 3.35 6.86 --- 8.79 8.89 0.64 BSC 4.17 4.32 0.18 0.28 2.69 BSC 0.10
4
D3
3
MRF6S19100NR1 MRF6S19100NBR1 12 RF Device Data Freescale Semiconductor
CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC
E5 BOTTOM VIEW
1
2
DIM A A1 A2 D D1 D2 D3 E E1 E2 E3 E4 E5 F b1 c1 e aaa
CASE 1486 - 03 ISSUE C TO - 270 WB - 4 PLASTIC MRF6S19100NR1
STYLE 1: PIN 1. 2. 3. 4. 5.
MRF6S19100NR1 MRF6S19100NBR1 RF Device Data Freescale Semiconductor 13
MRF6S19100NR1 MRF6S19100NBR1 14 RF Device Data Freescale Semiconductor
MRF6S19100NR1 MRF6S19100NBR1 RF Device Data Freescale Semiconductor 15
How to Reach Us:
Home Page: www.freescale.com E - mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1 - 800- 521- 6274 or +1 - 480- 768- 2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800- 441- 2447 or 303 - 675- 2140 Fax: 303 - 675- 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2006. All rights reserved.
MRF6S19100NR1 MRF6S19100NBR1
Rev. 16 1, 5/2006 Document Number: MRF6S19100N
RF Device Data Freescale Semiconductor


▲Up To Search▲   

 
Price & Availability of MRF6S19100N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X