Part Number Hot Search : 
LR024 A9341 050AE MC3400 6404A PDN001R 65DN02 KI4433DY
Product Description
Full Text Search
 

To Download MRF6S19060N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF6S19060N Rev. 3, 5/2006
RF Power Field Effect Transistors
N - Channel Enhancement - Mode Lateral MOSFETs
Designed for N - CDMA base station applications with frequencies from 1930 to 1990 MHz. Suitable for TDMA, CDMA and multicarrier amplifier applicat i o n s . To b e u s e d i n C l a s s A B f o r P C N - P C S / c e l l u l a r r a d i o a n d W L L applications. * Typical 2 - Carrier N - CDMA Performance: VDD = 28 Volts, IDQ = 610 mA, Pout = 12 Watts Avg., Full Frequency Band, IS - 95 CDMA (Pilot, Sync, Paging, Traffic Codes 8 Through 13) Channel Bandwidth = 1.2288 MHz. PAR = 9.8 dB @ 0.01% Probability on CCDF. Power Gain -- 16 dB Drain Efficiency -- 26% IM3 @ 2.5 MHz Offset -- - 37 dBc in 1.2288 MHz Bandwidth ACPR @ 885 kHz Offset -- - 51 dBc in 30 kHz Bandwidth * Capable of Handling 5:1 VSWR, @ 28 Vdc, 1960 MHz, 60 Watts CW Output Power Features * Characterized with Series Equivalent Large - Signal Impedance Parameters * Internally Matched for Ease of Use * Qualified Up to a Maximum of 32 VDD Operation * Integrated ESD Protection * Designed for Lower Memory Effects and Wide Instantaneous Bandwidth Applications * 200_C Capable Plastic Package * N Suffix Indicates Lead - Free Terminations. RoHS Compliant. * In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel.
MRF6S19060NR1 MRF6S19060NBR1
1930- 1990 MHz, 12 W AVG., 28 V 2 x N - CDMA LATERAL N - CHANNEL RF POWER MOSFETs
CASE 1486 - 03, STYLE 1 TO - 270 WB - 4 PLASTIC MRF6S19060NR1
CASE 1484 - 04, STYLE 1 TO - 272 WB - 4 PLASTIC MRF6S19060NBR1
Table 1. Maximum Ratings
Rating Drain- Source Voltage Gate- Source Voltage Storage Temperature Range Operating Junction Temperature Symbol VDSS VGS Tstg TJ Value - 0.5, +68 - 0.5, +12 - 65 to +175 200 Unit Vdc Vdc C C
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Case Temperature 81C, 60 W CW Case Temperature 79C, 12 W CW Symbol RJC Value (1,2) 0.84 1.0 Unit C/W
1. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access the MTTF calculators by product. 2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select Documentation/Application Notes - AN1955.
(c) Freescale Semiconductor, Inc., 2006. All rights reserved.
MRF6S19060NR1 MRF6S19060NBR1 1
RF Device Data Freescale Semiconductor
Table 3. ESD Protection Characteristics
Test Methodology Human Body Model (per JESD22 - A114) Machine Model (per EIA/JESD22 - A115) Charge Device Model (per JESD22 - C101) Class 1B (Minimum) A (Minimum) III (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology Per JESD 22 - A113, IPC/JEDEC J - STD - 020 Rating 3 Package Peak Temperature 260 Unit C
Table 5. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics Zero Gate Voltage Drain Leakage Current (VDS = 68 Vdc, VGS = 0 Vdc) Zero Gate Voltage Drain Leakage Current (VDS = 28 Vdc, VGS = 0 Vdc) Gate- Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) On Characteristics Gate Threshold Voltage (VDS = 10 Vdc, ID = 200 Adc) Gate Quiescent Voltage (VDS = 28 Vdc, ID = 610 mAdc) Drain- Source On - Voltage (VGS = 10 Vdc, ID = 2.0 Adc) Dynamic Characteristics (1) Reverse Transfer Capacitance (VDS = 28 Vdc 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc) Crss -- 1.5 -- pF VGS(th) VGS(Q) VDS(on) 1.5 2 0.2 2.2 2.8 0.3 2.5 4 0.4 Vdc Vdc Vdc IDSS IDSS IGSS -- -- -- -- -- -- 10 1 1 Adc Adc Adc Symbol Min Typ Max Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 610 mA, Pout = 12 W Avg., f1 = 1930 MHz, f2 = 1932.5 MHz and f1 = 1987.5 MHz, f2 = 1990 MHz, 2 - Carrier N - CDMA, 1.2288 MHz Channel Bandwidth Carriers. ACPR measured in 30 kHz Channel Bandwidth @ 885 kHz Offset. IM3 measured in 1.2288 MHz Channel Bandwidth @ 2.5 MHz Offset. PAR = 9.8 dB @ 0.01% Probability on CCDF. Power Gain Drain Efficiency Intermodulation Distortion Adjacent Channel Power Ratio Input Return Loss 1. Part is internally matched both on input and output. Gps D IM3 ACPR IRL 14.5 24.5 -- -- -- 16 26 - 37 - 51 - 12 18.5 -- - 35 - 48 - 10 dB % dBc dBc dB
MRF6S19060NR1 MRF6S19060NBR1 2 RF Device Data Freescale Semiconductor
R1 VBIAS R2 C6 C1 C2 Z6 Z17 RF INPUT R3 Z1 C7 Z2 Z3 Z4 Z5 Z7 Z16 DUT VSUPPLY C9 C10 C11 Z8 Z9 Z10 Z11 Z12 Z13 Z14 C8 Z15 C3 C4 C5 RF OUTPUT VSUPPLY
Z1 Z2 Z3 Z4 Z5 Z6 Z7, Z8 Z9 Z10
0.250 x 0.083 Microstrip 0.750 x 0.083 Microstrip 0.375 x 0.425 Microstrip 0.370 x 0.083 Microstrip 0.365 x 1.000 Microstrip 0.650 x 0.080 Microstrip 0.115 x 1.000 Microstrip 0.240 x 1.000 Microstrip 0.310 x 0.315 Microstrip
Z11 Z12 Z13 Z14 Z15 Z16 Z17 PCB
0.225 x 0.083 Microstrip 0.325 x 0.500 Microstrip 0.450 x 0.083 Microstrip 0.300 x 0.245 Microstrip 0.195 x 0.083 Microstrip 1.150 x 0.070 Microstrip 1.150 x 0.083 Microstrip Arlon AD250, 0.030, r = 2.5
Figure 1. MRF6S19060NR1(NBR1) Test Circuit Schematic
Table 6. MRF6S19060NR1(NBR1) Test Circuit Component Designations and Values
Part C1 C2, C3, C7, C8, C9 C4, C5, C6, C10, C11 R1 R2 R3 Description 100 nF Chip Capacitor 6.8 pF Chip Capacitors 10 F, 50 V Chip Capacitors 1 kW Chip Resistor 10 kW Chip Resistor 10 W Chip Resistor Part Number CDR33BX104AKWS 600B6R8BT250XT GRM55DR61H106KA88L Manufacturer Kemet ATC Murata
MRF6S19060NR1 MRF6S19060NBR1 RF Device Data Freescale Semiconductor 3
R1 R2 C6 C1 C2 R3 CUT OUT AREA C7 C3
C4
C5
C8
C9 C10 C11
MRF6S19060N/NB Rev. 2
Figure 2. MRF6S19060NR1(NBR1) Test Circuit Component Layout
MRF6S19060NR1 MRF6S19060NBR1 4 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
16.6 16.5 16.4 Gps, POWER GAIN (dB) 16.3 16.2 16.1 16 15.9 15.8 15.7 ACPR IM3 IRL VDD = 28 Vdc, Pout = 12 W (Avg.) IDQ = 610 mA, 2-Carrier N-CDMA 2.5 MHz Carrier Spacing, 1.2288 MHz Channel Bandwidth, PAR = 9.8 dB @ 0.01% Probability (CCDF) Gps D 27 26.5 26 25.5 25 -30 -36 -42 -48 -54 D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -10 -14 -18 -22 -26 -30 D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -10 -14 -18 -22 -26 -30 IDQ = 305 mA IRL, INPUT RETURN LOSS (dB) 610 mA IRL, INPUT RETURN LOSS (dB)
-60 1900 1910 1920 1930 1940 1950 1960 1970 1980 1990 2000 f, FREQUENCY (MHz)
Figure 3. 2 - Carrier N - CDMA Broadband Performance @ Pout = 12 Watts Avg.
16.2 16.1 16 Gps, POWER GAIN (dB) 15.9 15.8 15.7 15.6 15.5 15.4 15.3 ACPR IM3 IRL D
Gps
38.5 38 37.5
VDD = 28 Vdc, Pout = 24 W (Avg.) IDQ = 610 mA, 2-Carrier N-CDMA 2.5 MHz Carrier Spacing, 1.2288 MHz Channel Bandwidth, PAR = 9.8 dB @ 0.01% Probability (CCDF)
37 36.5 -20 -25 -30 -35 -40
-45 15.2 1900 1910 1920 1930 1940 1950 1960 1970 1980 1990 2000 f, FREQUENCY (MHz)
Figure 4. 2 - Carrier N - CDMA Broadband Performance @ Pout = 24 Watts Avg.
18 17 Gps, POWER GAIN (dB) 16 15 14 13 12 1 10 Pout, OUTPUT POWER (WATTS) PEP 100 200 305 mA IMD, THIRD ORDER INTERMODULATION DISTORTION (dBc) IDQ = 915 mA 763 mA 610 mA 458 mA
-10 VDD = 28 Vdc, f1 = 1958.75 MHz, f2 = 1961.25 MHz Two-Tone Measurements, 2.5 MHz Tone Spacing -20 915 mA
-30
-40
VDD = 28 Vdc, f1 = 1958.75 MHz, f2 = 1961.25 MHz Two-Tone Measurements, 2.5 MHz Tone Spacing
-50
458 mA
763 mA
-60 1 10 Pout, OUTPUT POWER (WATTS) PEP 100 200
Figure 5. Two - Tone Power Gain versus Output Power
Figure 6. Third Order Intermodulation Distortion versus Output Power
MRF6S19060NR1 MRF6S19060NBR1 RF Device Data Freescale Semiconductor 5
TYPICAL CHARACTERISTICS
IMD, INTERMODULATION DISTORTION (dBc)
-10 VDD = 28 Vdc, Pout = 60 W (PEP), IDQ = 610 mA Two-Tone Measurements (f1 + f2)/2 = Center Frequency of 1960 MHz 53 P3dB = 49.503 dBm (89.19 W) Pout, OUTPUT POWER (dBm) 51 49 47 45 43 41 39 23 P1dB = 48.792 dBm (75.72 W)
Ideal
-20
-30 3rd Order -40 5th Order -50 7th Order
Actual
VDD = 28 Vdc, IDQ = 610 mA Pulsed CW, 8 sec(on), 1 msec(off) f = 1960 MHz 25 27 29 31 33 35 37
-60 0.1
1 TWO-TONE SPACING (MHz)
10
100
Pin, INPUT POWER (dBm)
Figure 7. Intermodulation Distortion Products versus Tone Spacing
D, DRAIN EFFICIENCY (%), Gps, POWER GAIN (dB) 60 VDD = 28 Vdc, IDQ = 610 mA f1 = 1958.75 MHz, f2 = 1961.25 MHz 50 2-Carrier N-CDMA, 2.5 MHz Carrier Spacing, 1.2288 MHz Channel Bandwidth 40 PAR = 9.8 dB @ 0.01% Probability (CCDF) 30 IM3 20 10 0 1 10 Gps
Figure 8. Pulse CW Output Power versus Input Power
-10
-30_C 25_C
25_C
D ACPR
-30_C -40 -50 -60
TC = -30_C
85_C
25_C -70 100
Pout, OUTPUT POWER (WATTS) AVG.
Figure 9. 2 - Carrier N - CDMA ACPR, IM3, Power Gain and Drain Efficiency versus Output Power
19 -30_C 18 TC = -30_C Gps, POWER GAIN (dB) 17 25_C 16 85_C 15 14 13 12 1 10 Pout, OUTPUT POWER (WATTS) CW VDD = 28 Vdc IDQ = 610 mA f = 1960 MHz Gps 85_C D
70 60 D, DRAIN EFFICIENCY (%)
17 IDQ = 610 mA f = 1960 MHz 16 Gps, POWER GAIN (dB)
50 40 30 20 10 0 100
15
14 16 V VDD = 12 V 12 0 20 40 60 80 100 Pout, OUTPUT POWER (WATTS) CW 20 V 28 V 32 V
13
IM3 (dBc), ACPR (dBc) 24 V
85_C -20 -30_C 85_C 25_C -30
Figure 10. Power Gain and Drain Efficiency versus CW Output Power MRF6S19060NR1 MRF6S19060NBR1 6
Figure 11. Power Gain versus Output Power
RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
109 MTTF FACTOR (HOURS x AMPS2)
108
107
106 90 100 110 120 130 140 150 160 170 180 190 200 210 TJ, JUNCTION TEMPERATURE (C) This above graph displays calculated MTTF in hours x ampere2 drain current. Life tests at elevated temperatures have correlated to better than 10% of the theoretical prediction for metal failure. Divide MTTF factor by ID2 for MTTF in a particular application.
Figure 12. MTTF Factor versus Junction Temperature
N - CDMA TEST SIGNAL
100 10 PROBABILITY (%) 1 0.1 0.01 0.001 0.0001 0 2 4 6 8 10 PEAK-TO-AVERAGE (dB) IS-95 CDMA (Pilot, Sync, Paging, Traffic Codes 8 Through 13) 1.2288 MHz Channel Bandwidth Carriers. ACPR Measured in 30 kHz Bandwidth @ 885 kHz Offset. IM3 Measured in 1.2288 MHz Bandwidth @ 2.5 MHz Offset. PAR = 9.8 dB @ 0.01% Probability on CCDF. (dB)
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -7.5 -IM3 in 1.2288 MHz Integrated BW
1.2288 MHz Channel BW
+IM3 in 1.2288 MHz Integrated BW
-ACPR in 30 kHz Integrated BW
+ACPR in 30 kHz Integrated BW
Figure 13. 2 - Carrier CCDF N - CDMA
-6
-4.5
-3
-1.5
0
1.5
3
4.5
6
7.5
f, FREQUENCY (MHz)
Figure 14. 2 - Carrier N - CDMA Spectrum
MRF6S19060NR1 MRF6S19060NBR1 RF Device Data Freescale Semiconductor 7
Zo = 10 Zload f = 1990 MHz f = 1930 MHz f = 1990 MHz f = 1930 MHz Zsource
VDD = 28 Vdc, IDQ = 610 mA, Pout = 12 W Avg. f MHz 1930 1960 1990 Zsource 4.54 - j7.95 4.33 - j7.74 4.20 - j7.43 Zload 4.15 - j5.58 4.17 - j5.34 4.22 - j5.10
Zsource = Test circuit impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground.
Input Matching Network
Device Under Test
Output Matching Network
Z
source
Z
load
Figure 15. Series Equivalent Source and Load Impedance
MRF6S19060NR1 MRF6S19060NBR1 8 RF Device Data Freescale Semiconductor
NOTES
MRF6S19060NR1 MRF6S19060NBR1 RF Device Data Freescale Semiconductor 9
NOTES
MRF6S19060NR1 MRF6S19060NBR1 10 RF Device Data Freescale Semiconductor
NOTES
MRF6S19060NR1 MRF6S19060NBR1 RF Device Data Freescale Semiconductor 11
PACKAGE DIMENSIONS
B E1 E3
2X
A
GATE LEAD
DRAIN LEAD
D1
4X
D e
4X
aaa
M
b1 CA
D2 c1 H
DATUM PLANE ZONE J
2X
2X
E
F
A1 A2 E2 E5 E4
2X
A
NOTE 7
C
SEATING PLANE
PIN 5
NOTE 8
NOTES: 1. CONTROLLING DIMENSION: INCH. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M-1994. 3. DATUM PLANE -H- IS LOCATED AT THE TOP OF LEAD AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE PLASTIC BODY AT THE TOP OF THE PARTING LINE. 4. DIMENSIONS "D" AND "E1" DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS .006 PER SIDE. DIMENSIONS "D" AND "E1" DO INCLUDE MOLD MISMATCH AND ARE DETER- MINED AT DATUM PLANE -H-. 5. DIMENSION "b1" DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE .005 TOTAL IN EXCESS OF THE "b1" DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. DATUMS -A- AND -B- TO BE DETERMINED AT DATUM PLANE -H-. 7. DIMENSION A2 APPLIES WITHIN ZONE "J" ONLY. 8. HATCHING REPRESENTS THE EXPOSED AREA OF THE HEAT SLUG. INCHES MIN MAX .100 .104 .039 .043 .040 .042 .712 .720 .688 .692 .011 .019 .600 --- .551 .559 .353 .357 .132 .140 .124 .132 .270 --- .346 .350 .025 BSC .164 .170 .007 .011 .106 BSC .004 DRAIN DRAIN GATE GATE SOURCE MILLIMETERS MIN MAX 2.54 2.64 0.99 1.09 1.02 1.07 18.08 18.29 17.48 17.58 0.28 0.48 15.24 --- 14 14.2 8.97 9.07 3.35 3.56 3.15 3.35 6.86 --- 8.79 8.89 0.64 BSC 4.17 4.32 0.18 0.28 2.69 BSC 0.10
4
D3
3
MRF6S19060NR1 MRF6S19060NBR1 12 RF Device Data Freescale Semiconductor
CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC
E5 BOTTOM VIEW
1
2
DIM A A1 A2 D D1 D2 D3 E E1 E2 E3 E4 E5 F b1 c1 e aaa
CASE 1486 - 03 ISSUE C TO - 270 WB - 4 PLASTIC MRF6S19060NR1
STYLE 1: PIN 1. 2. 3. 4. 5.
MRF6S19060NR1 MRF6S19060NBR1 RF Device Data Freescale Semiconductor 13
MRF6S19060NR1 MRF6S19060NBR1 14 RF Device Data Freescale Semiconductor
MRF6S19060NR1 MRF6S19060NBR1 RF Device Data Freescale Semiconductor 15
How to Reach Us:
Home Page: www.freescale.com E - mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1 - 800- 521- 6274 or +1 - 480- 768- 2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800- 441- 2447 or 303 - 675- 2140 Fax: 303 - 675- 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2006. All rights reserved.
MRF6S19060NR1 MRF6S19060NBR1
Rev. 16 3, 5/2006 Document Number: MRF6S19060N
RF Device Data Freescale Semiconductor


▲Up To Search▲   

 
Price & Availability of MRF6S19060N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X