Part Number Hot Search : 
KIA7045A 15KE75 160808 TTA1943 2560P TSS463B 15KE75 40175
Product Description
Full Text Search
 

To Download MMBT918LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT918LT1 VHF/UHF Transistor
NPN Silicon
Features
* Pb-Free Package is Available
MAXIMUM RATINGS
Rating Collector -Emitter Voltage Collector -Base Voltage Emitter -Base Voltage Collector Current - Continuous Symbol VCEO VCBO VEBO IC Value 15 30 3.0 50 Unit Vdc Vdc Vdc mAdc
http://onsemi.com
COLLECTOR 3 1 BASE 2 EMITTER
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board, (Note 1) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation Alumina Substrate, (Note 2) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Symbol PD 225 1.8 RqJA PD 300 2.4 RqJA TJ, Tstg 417 -55 to +150 mW mW/C C/W C 556 mW mW/C C/W SOT-23 (TO-236) CASE 318 STYLE 6 Max Unit 1 2 3
MARKING DIAGRAM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
M3B M G G 1
M3B = Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation and/or overbar may vary depending upon manufacturing location.
ORDERING INFORMATION
Device MMBT918LT1 MMBT918LT1G Package SOT-23 SOT-23 (Pb-Free) Shipping 3000 / Tape & Reel 3000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2006
1
January, 2006 - Rev. 5
Publication Order Number: MMBT918LT1/D
MMBT918LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (IC = 3.0 mAdc, IB = 0) Collector -Base Breakdown Voltage (IC = 1.0 mAdc, IE = 0) Emitter -Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Collector Cutoff Current (VCB = 15 Vdc, IE = 0) ON CHARACTERISTICS DC Current Gain (IC = 3.0 mAdc, VCE = 1.0 Vdc) Collector -Emitter Saturation Voltage (IC = 10 mAdc, IB = 1.0 mAdc) Base -Emitter Saturation Voltage (IC = 10 mAdc, IB = 1.0 mAdc) SMALL- SIGNAL CHARACTERISTICS Current -Gain - Bandwidth Product (IC = 4.0 mAdc, VCE = 10 Vdc, f = 100 MHz) Output Capacitance (VCB = 0 Vdc, IE = 0, f = 1.0 MHz) (VCB = 10 Vdc, IE = 0, f = 1.0 MHz) Input Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz) Noise Figure (IC = 1.0 mAdc, VCE = 6.0 Vdc, RS = 50 W, f = 60 MHz) (Figure 1) Power Output (IC = 8.0 mAdc, VCB = 15 Vdc, f = 500 MHz) Common-Emitter Amplifier Power Gain (IC = 6.0 mAdc, VCB = 12 Vdc, f = 200 MHz) fT 600 Cobo - - Cibo - NF - Pout 30 Gpe 11 - - dB 6.0 mW 2.0 dB 3.0 1.7 pF - pF MHz hFE 20 VCE(sat) - VBE(sat) - 1.0 0.4 Vdc - Vdc - V(BR)CEO 15 V(BR)CBO 30 V(BR)EBO 3.0 ICBO - 50 - nAdc - Vdc - Vdc Vdc Symbol Min Max Unit
VBB EXTERNAL 100 k 1000 pF BYPASS VCC
0.018 mF 3 0.018 mF NF TEST CONDITIONS IC = 1.0 mA VCE = 6.0 VOLTS RS = 50 W f = 60 MHz C G
0.018 mF 50 W 0.018 mF
RF VM
Gpe TEST CONDITIONS IC = 6.0 mA VCE = 12 VOLTS f = 200 MHz
Figure 1. NF, Gpe Measurement Circuit 20-200
http://onsemi.com
2
MMBT918LT1
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AN
D
3 SEE VIEW C
E
1 2
HE c b e q 0.25
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094
A L A1 L1 VIEW C
DIM A A1 b c D E e L L1 HE
MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10
MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083
MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104
STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035
SCALE 10:1
0.8 0.031
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
3
MMBT918LT1/D


▲Up To Search▲   

 
Price & Availability of MMBT918LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X