Part Number Hot Search : 
MM1923H ASRD703 1N6857 1S25J0 BD441 70026 70026 FR156
Product Description
Full Text Search
 

To Download MM3Z30VT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Zener Voltage Regulators
200 mW SOD-323 Surface Mount
MM3Z2V4T1 SERIES
1
ORDERING INFORMATION
Device * MM3ZxxxT1 Package SOD-323 Shipping 3000/Tape & Reel
2
DEVICE MARKING INFORMATION
See specific marking information in the device marking column of the Electrical Characteristics table on page 3 of this data sheet.
CASE 477-02, STYLE 1 SOD- 323 MARKING DIAGRAM
* The "T1" suffix refers to an 8 mm, 7 inch reel. This series of Zener diodes is packaged in a SOD-323 surface mount package that has a power dissipation of 200 mW. They are designed to provide voltage regulation protection and are especially attractive in situations where space is at a premium. They are well suited for applications such as cellular phones, hand held portables, and high density PC boards.
xx M
x x = Specific Device Code M =Date Code
Specification Features:
* Standard Zener Breakdown Voltage Range - 2.4 V to 75 V * Steady State Power Rating of 200 mW * Small Body Outline Dimensions: 0.067, x 0.049, (1.7 mm x 1.25 mm) * Low Body Height: 0.035, (0.9 mm) * Package Weight: 4.507 mg/unit * ESD Rating of Class 3 (>16 KV) per Human Body Model
1 CATHODE
2 ANODE
Mechanical Characteristics:
CASE: Void-free, transfer-molded plastic FINISH: All external surfaces are corrosion resistant
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260C for 10 Seconds LEADS: Plated with Pb/Sn for ease of solderability POLARITY: Cathode indicated by polarity band FLAMMABILITY RATING: UL94 V-0 MOUNTING POSITION: Any MAXIMUM RATINGS Rating Total Device Dissipation FR-5 Board, (Note 1.) @ TA = 25C Derate above 25C Thermal Resistance from Junction to Ambient Junction and Storage Temperature Range 1. FR-4 Minimum Pad
Symbol PD
Max 200 1.5
Unit mW mW/C C/W C
RJA TJ, Tstg
635 -65 to+150
MM3Z2V4T1/D-1/5
LESHAN RADIO COMPANY, LTD.
MM3Z2V4T1 SERIES
ELECTRICAL CHARACTERISTICS
(TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types) Symbol VZ IZT ZZT IZK ZZK IR VR IF VF QVZ C Parameter Reverse Zener Voltage @ IZT Reverse Current Maximum Zener Impedance @ IZT Reverse Current Maximum Zener Impedance @ IZK Reverse Leakage Current @ VR Reverse Voltage Forward Current Forward Voltage @ IF Maximum Temperature Coefficient of VZ Max. Capacitance @VR = 0 and f = 1 MHz VZ VR IF
I
IR VF IZT
V
Zener Voltage Regulator
MM3Z2V4T1/D-2/5
LESHAN RADIO COMPANY, LTD.
MM3Z2V4T1 SERIES
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Zener Voltage (Note 2.) VZ (Volts) Min 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 14.3 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 Nom 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13.25 15 16.2 18 20 22 24.2 27 30 33 36 39 43 47 51 56 62 Max 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.8 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 @ IZT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 Zener Impedance ZZT @ IZT W 100 100 100 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 ZZK @ IZK W 1000 1000 1000 1000 1000 1000 1000 800 500 200 100 160 160 160 160 160 160 80 80 80 80 80 100 100 120 300 300 300 500 500 500 500 500 500 500 mA 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 Leakage Current IR @ VR mA 50 20 10 5 5 3 3 3 2 1 3 2 1 0.7 0.2 0.1 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 Volts 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 7.0 8.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.2 25.2 27.3 30.1 32.9 35.7 39.2 43.4 47.6 52.5 QVZ (mV/k) @ IZT Min -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 37.6 42.0 46.6 52.2 58.8 65.6 73.4 Max 0 0 0 0 0 -2.5 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10 11 13 14 16 18 20 22 25.3 29.4 33.4 37.4 41.2 46.6 51.8 57.2 63.8 71.6 79.8 88.6 C @ VR = 0 f = 1 MHz pF 450 450 450 450 450 450 450 260 225 200 185 155 140 135 130 130 130 130 120 110 105 100 85 85 80 70 70 70 70 45 40 40 40 40 35 35 35
Device MM3Z2V4T1 MM3Z2V7T1 MM3Z3V0T1 MM3Z3V3T1 MM3Z3V6T1 MM3Z3V9T1 MM3Z4V3T1 MM3Z4V7T1 MM3Z5V1T1 MM3Z5V6T1 MM3Z6V2T1 MM3Z6V8T1 MM3Z7V5T1 MM3Z8V2T1 MM3Z9V1T1 MM3Z10VT1 MM3Z11VT1 MM3Z12VT1 MM3Z13VT1 MM3Z15VT1 MM3Z16VT1 MM3Z18VT1 MM3Z20VT1 MM3Z22VT1 MM3Z24VT1 MM3Z27VT1 MM3Z30VT1 MM3Z33VT1 MM3Z36VT1 MM3Z39VT1 MM3Z43VT1 MM3Z47VT1 MM3Z51VT1 MM3Z56VT1 MM3Z62VT1
Device Marking 00 01 02 05 06 07 08 09 0A 0C 0E 0F 0G 0H 0K 0L 0M 0N 0P 0T 0U 0W 0Z 10 11 12 14 18 19 20 21 1A 1C 1D 1E
MM3Z68VT1 1F 64 68 72 2 240 500 0.5 0.05 MM3Z75VT1 1G 70 75 79 2 255 500 0.5 0.05 2. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25C.
MM3Z2V4T1/D-3/5
LESHAN RADIO COMPANY, LTD.
MM3Z2V4T1 SERIES Typical Characteristics
1000 Z ZT , DYNAMIC IMPEDANCE ( ) TJ = 25C IZ(AC) = 0.1 IZ(DC) f = 1 kHz 1000 IF, FORWARD CURRENT (mA)
100
100
IZ = 1 mA 10
5 mA
10
150C
75C 1.0 3.0 10 VZ, NOMINAL ZENER VOLTAGE 80 0.4 0.5
25C
0C 1.1 1.2
1.0
0.6 0.7 0.8 0.9 1.0 VF, FORWARD VOLTAGE (V)
Figure 1. Effect of Zener Voltage on Zener Impedance
1000 TA = 25C C, CAPACITANCE (pF) 0 V BIAS 1 V BIAS IR, LEAKAGE CURRENT ( A) 1000 100 10 1.0 0.1 0.01
Figure 2. Typical Forward Voltage
100
+150C
10
BIAS AT 50% OF VZ NOM
0.001
+25C -55C 0 10 20 30 40 50 60 VZ, NOMINAL ZENER VOLTAGE (V) 70
0.0001 1.0 4.0 10 VZ, NOMINAL ZENER VOLTAGE (V) 70 0.00001
Figure 3. Typical Capacitance
Figure 4. Typical Leakage Current
MM3Z2V4T1/D-4/5
LESHAN RADIO COMPANY, LTD.
MM3Z2V4T1 SERIES Typical Characteristics
100 TA = 25C I Z , ZENER CURRENT (mA) IZ , ZENER CURRENT (mA) 10 10 100 TA = 25C
1.0
1
0.1
0.1
0.01
0.01 0 2.0 4.0 6.0 8.0 VZ, ZENER VOLTAGE (V) 10 12
10
30
50 70 VZ, ZENER VOLTAGE (V)
90
Figure 5. Zener Voltage versus Zener Current (VZ Up to 12 V)
Figure 6. Zener Voltage versus Zener Current (12 V to 75 V)
100
80 POWER DISSIPATION (%)
60
40
20 0
0
25
50 75 100 TEMPERATURE (C)
125
150
Figure 7. Steady State Power Derating
MM3Z2V4T1/D-5/5


▲Up To Search▲   

 
Price & Availability of MM3Z30VT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X