Part Number Hot Search : 
WJA1000 18LD4 5N60D C4082 93LC56A 16237 HC405 14D271
Product Description
Full Text Search
 

To Download MC74HC00ADTR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74HC00A Quad 2-Input NAND Gate
High-Performance Silicon-Gate CMOS
The MC74HC00A is identical in pinout to the LS00. The device inputs are compatible with Standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
Features
http://onsemi.com MARKING DIAGRAMS
14 PDIP-14 N SUFFIX CASE 646 1 14 14 SOIC-14 D SUFFIX CASE 751A 1 HC00AG AWLYWW
* * * * * * * *
Output Drive Capability: 10 LSTTL Loads Outputs Directly Interface to CMOS, NMOS and TTL Operating Voltage Range: 2 to 6 V Low Input Current: 1 mA High Noise Immunity Characteristic of CMOS Devices In Compliance With the JEDEC Standard No. 7 A Requirements Chip Complexity: 32 FETs or 8 Equivalent Gates Pb-Free Packages are Available
LOGIC DIAGRAM
A1 B1 A2 B2 A3 B3 A4 B4 1 2 4 5 9 10 12 13 PIN 14 = VCC PIN 7 = GND 3 Y1
14 1
MC74HC00AN AWLYYWWG
1
14 6 14 Y2 Y = AB 8 Y3 A = Assembly Location WL or L = Wafer Lot YY or Y = Year WW or W = Work Week G or G = Pb-Free Package (Note: Microdot may be in either location) 1 TSSOP-14 DT SUFFIX CASE 948G 1 HC 00A ALYWG G
11
Y4
Pinout: 14-Lead Packages (Top View)
VCC 14 B4 13 A4 12 Y4 11 B3 10 A3 9 Y3 8 A L L H H 1 A1 2 B1 3 Y1 4 A2 5 B2 6 Y2 7 GND
FUNCTION TABLE
Inputs B L H L H Output Y H H H L
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2006
October, 2006 - Rev. 11
1
Publication Order Number: MC74HC00A/D
MC74HC00A
IIIIIIIIIIIIIIIIIIII I I I I III III II I I I I I I I I I IIIIIIIIIIIII III I I II I I I I I I I IIIIIIIIIIIII III I I I I I IIIIIIIIIIII I II I I I I I I I IIIIIIIIIIIII III I I I III I I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I I I I I I I I IIIIIIIIIIIII III I I I I I I I I I I IIIIIIIIIIIII III I I III I I I I I I I I I I IIIIIIIIIIIII III I I I I I I I I I I IIIIIIIIIIIII III I I I I I I I I I I IIIIIIIIIIIII III I I I I I I I I I I IIIIIIIIIIIII III I I I I I I I I I I IIIIIIIIIIIII III I I I I I I I I I I IIIIIIIIIIIII III I I I I I I I I I I IIIIIIIIIIIII III I I I I I I I I I I IIIIIIIIIIIII III I I I I I IIIIIIIIIIIII III I I I I I I I I I IIIIIIIIIIIII III I I I I I I I I I I I I I IIIIIIIIIIIII III I I I I I IIIIIIIIIIIII III I I I I I I I I I IIIIIIIIIIIIIIII IIII IIIIIII I IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS
VCC Vin Iin Vout Iout PD SymbolIIIIIIIIIIIIII Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) Value Unit - 0.5 to + 7.0III V V V - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 20 25 50 750 500 450 DC Output Voltage (Referenced to GND) DC Input Current, per Pin mA mA mA DC Output Current, per Pin ICC DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP SOIC Package TSSOP Package mW Tstg TL Storage Temperature - 65 to + 150 260 _C _C Lead Temperature, 1 mm from Case for 10 Seconds Plastic DIP, SOIC or TSSOP Package
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
IIII I I I I II I IIIIIIIIIIIIIIIIIIIIIII II II I I I I I I IIIIIIIIIIIIII III II I I I I I I I I IIIIIIIIIIIIII III I I I I IIIIIIIIIIIII I II I I I I I I IIIIIIIIIIIIII III II I I I I I I I I IIIIIIIIIIIIII III II I I I I I I I I IIIIIIIIIIIIII III II I I I I I I I I IIIIIIIIIIIIII III II I I I I I I I I IIIIIIIIIIIIII III II I I I I I I I I IIIIIIIIIIIIII III II I I I I I I I I IIIIIIIIIIIIII III II I I
Symbol VCC TA Parameter Min 2.0 0 Max 6.0 Unit V V DC Supply Voltage (Referenced to GND) Vin, Vout tr, tf DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC - 55 0 0 0 + 125 1000 500 400 _C ns VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
http://onsemi.com
2
MC74HC00A
ORDERING INFORMATION
Device MC74HC00AN MC74HC00ANG MC74HC00AD MC74HC00ADG MC74HC00ADR2 MC74HC00ADR2G MC74HC00ADTR2 MC74HC00ADTR2G MC74HC00AF MC74HC00AFG MC74HC00AFEL MC74HC00AFELG Package PDIP-14 PDIP-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) TSSOP-14* TSSOP-14* SOEIAJ-14 SOEIAJ-14 (Pb-Free) SOEIAJ-14 SOEIAJ-14 (Pb-Free) 2000/Tape & Reel 50 Units/Rail 2500/Tape & Reel 55 Units/Rail 25 Units/Rail Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
3
MC74HC00A
DC CHARACTERISTICS (Voltages Referenced to GND)
Symbol VIH Parameter Minimum High-Level Input Voltage Condition Vout = 0.1V or VCC -0.1V |Iout| 20mA VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 4.5 6.0 |Iout| 2.4mA |Iout| 4.0mA |Iout| 5.2mA 3.0 4.5 6.0 2.0 4.5 6.0 |Iout| 2.4mA |Iout| 4.0mA |Iout| 5.2mA 3.0 4.5 6.0 6.0 6.0 Guaranteed Limit -55 to 25C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.9 4.4 5.9 2.48 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.26 0.1 1.0 85C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.9 4.4 5.9 2.34 3.84 5.34 0.1 0.1 0.1 0.33 0.33 0.33 1.0 10 125C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.9 4.4 5.9 2.20 3.70 5.20 0.1 0.1 0.1 0.40 0.40 0.40 1.0 40 mA mA V Unit V
VIL
Maximum Low-Level Input Voltage
Vout = 0.1V or VCC - 0.1V |Iout| 20mA
V
VOH
Minimum High-Level Output Voltage
Vin = VIH or VIL |Iout| 20mA Vin =VIH or VIL
V
VOL
Maximum Low-Level Output Voltage
Vin = VIH or VIL |Iout| 20mA Vin = VIH or VIL
Iin ICC
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package)
Vin = VCC or GND Vin = VCC or GND Iout = 0mA
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol tPLH, tPHL Parameter Maximum Propagation Delay, Input A or B to Output Y (Figures 1 and 2) VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 Guaranteed Limit -55 to 25C 75 30 15 13 75 27 15 13 10 85C 95 40 19 16 95 32 19 16 10 125C 110 55 22 19 110 36 22 19 10 Unit ns
tTLH, tTHL
Maximum Output Transition Time, Any Output (Figures 1 and 2)
ns
Cin
Maximum Input Capacitance
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V, VEE = 0 V CPD Power Dissipation Capacitance (Per Buffer)* 22 pF * Used to determine the no-load dynamic power consumption: PD = CPD VCC2 f + ICC VCC . For load considerations, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
http://onsemi.com
4
MC74HC00A
tf INPUT A OR B 90% 50% 10% tPLH 90% OUTPUT Y tTLH 50% 10% tTHL tPHL tr VCC
GND
Figure 1. Switching Waveforms
TEST POINT OUTPUT DEVICE UNDER TEST CL*
*Includes all probe and jig capacitance
Figure 2. Test Circuit
A B
Y
Figure 3. Expanded Logic Diagram (1/4 of the Device)
http://onsemi.com
5
MC74HC00A
PACKAGE DIMENSIONS
PDIP-14 CASE 646-06 ISSUE P
14
8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10 _ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10 _ 0.38 1.01
A F N -T-
SEATING PLANE
L C
H
G
D 14 PL
K
M
J M
DIM A B C D F G H J K L M N
0.13 (0.005)
http://onsemi.com
6
MC74HC00A
PACKAGE DIMENSIONS
SOIC-14 CASE 751A-03 ISSUE H
-A-
14 8
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
G C -T-
SEATING PLANE
R X 45 _
F
D 14 PL 0.25 (0.010)
M
K TB
S
M A
S
J
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
SOLDERING FOOTPRINT*
7X
7.04 1 0.58
14X
14X
1.52
1.27 PITCH
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
7
MC74HC00A
PACKAGE DIMENSIONS
TSSOP-14 CASE 948G-01 ISSUE B
14X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V N
S
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K
0.15 (0.006) T U
S
J J1
SECTION N-N
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
SOLDERING FOOTPRINT*
7.06 1
0.36
14X
14X
1.26
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
8
EEE CCC EEE CCC CCC
A -V-
K1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS INCHES DIM MIN MAX MIN MAX A 4.90 5.10 0.193 0.200 B 4.30 4.50 0.169 0.177 C --- 1.20 --- 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.50 0.60 0.020 0.024 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 -W- K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0_ 8_ 0_ 8_
0.65 PITCH
DIMENSIONS: MILLIMETERS
MC74HC00A
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
9
MC74HC00A/D


▲Up To Search▲   

 
Price & Availability of MC74HC00ADTR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X