Part Number Hot Search : 
24A01 TT2200 463U01 F2040 LC758 LM2901DT DCR15 6202P502
Product Description
Full Text Search
 

To Download MBR3580 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MBR3520 THRU MBR35100
35 Amp Schottky Barrier Rectifier 20 to 100 Volts
DO-4
B
Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * Operating Temperature: -55C to +175C Storage Temperature: -55C to +175C Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
MCC Part Number MBR3520 MBR3530 MBR3535 MBR3540 MBR3545 MBR3560 MBR3580 MBR35100
Maximum RMS Voltage 14V 21V 24.5V 28V 31.5V 42V 56V 70V
N M C J
P H F G
D
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage MBR3520-3545 MBR3560 MBR3580-35100 Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) IFSM 35 A 600A TA =110C 8.3ms, half sine IFM = 35.0A; TA = 25C
DIM A B C D E F G H J M N P
E A
DIMENSIONS INCH ES MIN 10-32 UNF3A .424 ----.600 .422 .075 ----.163 --------.020 .060 MM MIN MAX Standard Polarity 10.77 11.10 ----12.82 15.24 20.32 10.72 11.50 1.91 4.44 ----10.29 4.15 4.80 ----7.87 ----8.89 0.51 1.65 1.53 2.54
VF
.68 V .75 V .84 V
IR 1.5mA TA = 25C
MAX Threads .437 .505 .800 .453 .175 .405 .189 .310 .350 .065 .100
NOTE

*Pulse Test: Pulse Width 300sec, Duty Cycle 1%
www.mccsemi.com
MBR3520 thru MBR35100
Figure 1 Typical Forward Characteristics 200 100 60 40 20 25C Amps 10 6 4 2 0 1 .6 .4 .2 .1 0.4 0.5 0.6 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 0.7 0.8 0.9 100 60 40 20 Figure 3 Peak Forward Surge Current 600 500 400 300 Amps 200 100 .2 0 1 2 4 6 8 10 20 Cycles Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles 40 60 80 100 .1 .06 .04 .02 .01 10 6 4 2 mAmps 1 .6 .4 Amps 15 25 35
MCC
Figure 2 Forward Derating Curve 30
20
10
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C 125 150 175
Average Forward Rectified Current - Amperes versus Ambient Temperature - C Figure 4 Typical Reverse Characteristics
TA=125C
TA=25C 20 40 60 Volts 80 100 120
10
www.mccsemi.com
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts


▲Up To Search▲   

 
Price & Availability of MBR3580

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X