![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
M54HC125 RAD-HARD QUAD BUS BUFFER (3-STATE) s s s s s s s s s s s HIGH SPEED: tPD = 8ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 4A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 6mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 125 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9401-039 DILC-14 FPC-14 ORDER CODES PACKAGE DILC FPC FM M54HC125D M54HC125K EM M54HC125D1 M54HC125K1 The device requires the 3-STATE control input G to be set high to place the output into the high impedance state. All inputs are equipped with protection circuits against static discharge and transient excess voltage. DESCRIPTION The M54HC125 is an high speed CMOS QUAD BUFFER (3-STATE) fabricated with silicon gate C2MOS technology. PIN CONNECTION March 2004 1/9 M54HC125 IEC LOGIC SYMBOLS INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION PIN N 1, 4, 10, 13 2, 5, 9, 12 3, 6, 8, 11 7 14 SYMBOL 1G TO 4G 1A TO 4A 1Y TO 4Y GND VCC NAME AND FUNCTION Output Enable Input Data Inputs Data Outputs Ground (0V) Positive Supply Voltage TRUTH TABLE A X L H G H L L Y Z L H ABSOLUTE MAXIMUM RATINGS Symbol VCC VI VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 35 70 420 -65 to +150 265 Unit V V V mA mA mA mA mW C C ICC or IGND DC VCC or Ground Current PD Power Dissipation Tstg TL Storage Temperature Lead Temperature (10 sec) Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 2/9 M54HC125 RECOMMENDED OPERATING CONDITIONS Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns DC SPECIFICATIONS Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II IOZ Input Leakage Current High Impedance Output Leakage Current Quiescent Supply Current 6.0 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-6.0 mA IO=-7.8 mA IO=20 A IO=20 A IO=20 A IO=6.0 mA IO=7.8 mA VI = VCC or GND VI = VIH or VIL VO = VCC or GND VI = VCC or GND TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 0.5 4 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 5 40 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 10 80 A A A V V Max. -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V Unit VIH High Level Input Voltage Low Level Input Voltage High Level Output Voltage VIL V VOH ICC 3/9 M54HC125 AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 6ns) Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 CL (pF) TA = 25C Min. Typ. 20 6 5 36 9 8 52 13 11 36 9 8 52 13 11 48 12 10 Max. 60 12 10 75 15 13 105 21 18 75 15 13 105 21 18 80 16 14 Value -40 to 85C Min. Max. 75 15 13 95 19 16 130 26 22 95 19 16 130 26 22 100 20 17 -55 to 125C Min. Max. 90 18 15 110 22 19 160 32 27 110 22 19 160 32 27 120 24 20 ns Unit tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time 50 50 ns 150 ns tPZL tPZH High Impedance Output Enable Time 50 RL = 1 K ns 150 RL = 1 K ns tPLZ tPHZ High Impedance Output Disable Time 50 RL = 1 K ns CAPACITIVE CHARACTERISTICS Test Condition Symbol Parameter VCC (V) 5.0 5.0 TA = 25C Min. Typ. 5 35 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit CIN CPD Input Capacitance Power Dissipation Capacitance (note 1) 1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per buffer) 4/9 M54HC125 TEST CIRCUIT TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ CL = 50pF/150pF or equivalent (includes jig and probe capacitance) R1 = 1K or equivalent RT = ZOUT of pulse generator (typically 50)) SWITCH Open VCC GND WAVEFORM 1: PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle) 5/9 M54HC125 WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIMES (f=1MHz; 50% duty cycle) 6/9 M54HC125 DILC-14 MECHANICAL DATA mm. DIM. MIN. A a1 a2 B b b1 D e e1 e2 e3 F I K L 10.90 1.14 1.27 15.11 7.62 7.11 2.1 3.00 0.63 1.82 0.40 0.20 18.79 7.36 0.88 2.03 0.45 0.254 19.00 7.62 2.54 15.24 7.87 15.37 8.12 7.75 3.70 12.1 1.5 0.429 0.045 0.050 0.595 0.300 0.280 TYP MAX. 22.54 3.70 1.14 2.39 0.50 0.30 19.20 7.87 MIN. 0.083 0.118 0.025 0.072 0.016 0.008 0.740 0.290 0.035 0.080 0.018 0.010 0.748 0.300 0.100 0.600 0.310 0.605 0.320 0.305 0.146 0.476 0.059 TYP. MAX. 0.100 0.146 0.045 0.094 0.020 0.012 0.756 0.310 inch 0016173H 7/9 M54HC125 FPC-14 MECHANICAL DATA mm. DIM. MIN. A B C D E F G H L M N 18.75 0.38 4.31 0.38 6.75 9.76 1.49 0.10 7.50 0.127 7.62 1.27 0.43 6.0 22.0 0.738 0.015 0.170 0.48 0.015 TYP 6.91 9.95 MAX. 7.06 10.14 1.95 0.15 7.75 MIN. 0.266 0.384 0.059 0.004 0.295 0.005 0.300 0.050 0.017 0.236 0.866 0.019 TYP. 0.272 0.392 MAX. 0.278 0.399 0.077 0.006 0.305 inch F G D H 14 8 A N L 1 7 H E B M C 016029E 8/9 M54HC125 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 9/9 |
Price & Availability of M54HC126
![]() |