Part Number Hot Search : 
1N5399 BP103 MS985C4 K2225CX 580ME PIC656 MT3170B 01300
Product Description
Full Text Search
 

To Download LTV-849 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Density Mounting Type Photocoupler
LTV-819 Series
Features
Current transfer ratio (CTR : MIN. 50% at IF=5mA, VCE=5V) High input-output isolation voltage: (VISO : 5,000Vrms) Compact dual-in-line package LTV-819-1 : 1-channel type LTV-819-2 : 1-channel type LTV-829 : 2-channel type LTV-849 : 4-channel type UL approved (No. E113898) TUV approved (No. R9653630) CSA approved (No. CA91533-1) FIMKO approved (No. 193422) NEMKO approved (No. P96103013) DEMKO approved (No. 303986) SEMKO approved (No. 9646047/01-30) VDE approved (No. 094722) Options available : -Leads with 0.4"(10.16mm)spacing (M Type) -Leads bends for surface mounting(S Type) -Tape and Reel of Type I for SMD(Add"-TA"Suffix) -Tape and Reel of Type II for SMD(Add"-TA1"Suffix) -VDE 0884 approvals (Add"-V"Suffix)
Applications
1. 2. 3. 4. Telephone exchanges. Computer terminals. System appliances, measuring instruments. Signal transmission between circuits of different potentials and impedances.
Package Dimensions
12-115
PHOTOCOUPLER
Note: 1.Year date code. 2. 2-digit work week. 3. Factory code shall be marked (Z : Taiwan, Y : Thailand). 4. All dimensions are in millimeters (inches). 5. Tolerance is 0.25mm (.010 ) unless otherwise noted. 6. Specifications are subject to change without notice.
Ordering Information
Part Number
LTV-819-1 LTV-819-1M LTV-819-1S LTV-819-1S-TA LTV-819-1S-TA1 LTV-819-2 LTV-819-2M LTV-819-2S LTV-819-2S-TA LTV-819-2S-TA1 LTV-829 LTV-829M LTV-829S LTV-829S-TA LTV-829S-TA1 LTV-849 LTV-849M LTV-849S LTV-849S-TA LTV-849S-TA1 LTV8191-V LTV8191M-V LTV8191S-V LTV8191STA-V LTV8191STA1-V LTV8192-V LTV8192M-V LTV8192S-V LTV8192STA-V LTV8192STA1-V LTV829-V LTV829M-V LTV829S-V LTV829STA-V LTV829STA1-V LTV849-V LTV849M-V LTV849S-V 12-116 LTV849STA-V LTV849STA1-V
Package
4-pin DIP 4-pin (leads with 0.4" spacing) 4-pin (lead bends for surface mount) 4-pin (tape and reel packaging of type I) 4-pin (tape and reel packaging of type II) 4-pin DIP 4-pin (leads with 0.4" spacing) 4-pin (lead bends for surface mount) 4-pin (tape and reel packaging of type I) 4-pin (tape and reel packaging of type II) 8-pin DIP 8-pin (leads with 0.4" spacing) 8-pin (lead bends for surface mount) 8-pin (tape and reel packaging of type I) 8-pin (tape and reel packaging of type II) 16-pin DIP 16-pin (leads with 0.4" spacing) 16-pin (lead bends for surface mount) 16-pin (tape and reel packaging of type I) 16-pin (tape and reel packaging of type II) 4-pin DIP 4-pin (leads with 0.4" spacing) 4-pin (lead bends for surface mount) 4-pin (tape and reel packaging of type I) 4-pin (tape and reel packaging of type II) 4-pin DIP 4-pin (leads with 0.4" spacing) 4-pin (lead bends for surface mount) 4-pin (tape and reel packaging of type I) 4-pin (tape and reel packaging of type II) 8-pin DIP 8-pin (leads with 0.4" spacing) 8-pin (lead bends for surface mount) 8-pin (tape and reel packaging of type I) 8-pin (tape and reel packaging of type II) 16-pin DIP 16-pin (leads with 0.4" spacing) 16-pin (lead bends for surface mount) 16-pin (tape and reel packaging of type I) 16-pin (tape and reel packaging of type II)
Safety Standard Approval
UL approved TUV approved CSA approved FIMKO approved NEMKO approved SEMKO approved DEMKO approved
Application part number
LTV-819-1
LTV-819-2
LTV-829
LTV-849 VDE approved LTV-819-1
LTV-819-2
LTV-829
LTV-849
Absolute Maximum Ratings
Parameter
Forward Current Input Reverse Voltage Power Dissipation Collector-Emitter Voltage Emitter-Collector Voltage Output Collector Current Collector Power Dissipation Total Power Dissipation *1.Isolation Voltage Operating Temperature Storage Temperature *2.Soldering Temperature
(Ta=25 ) Symbol
IF VR P VCEO VECO IC PC Ptot Viso Topr Tstg Tsol
Rating
50 6 70 35 6 50 150 170 5,000 -25~+100 -40~+125 260
Unit
mA V mW V V mA mW mW Vrms
*1. AC for 1 minute, R.H. = 40 ~ 60% Isolation voltage shall be measured using the following method. (1)Short between anode and cathode on the primary side and between collector, emitter and base on the secondary side. (2)The isolation voltage tester with zero-cross circuit shall be used. (3)The waveform of applied volttage shall be a sine wave. *2. For 10 seconds.
Electrical/Optical Characteristics
Parameter
Input
(Ta=25 ) Min. Typ.
1.2 30
Symbol
VF IR Ct ICEO BVCEO BVECO IC CTR VCE(sat) RISO Cf fc tr tf 5
Max.
1.4 10 250 100
Unit
V A pF nA V V
Conditions
IF=20mA VR=4V V=0, f=1KHz VCE=20V IC=0.1mA IE=10 A
PHOTOCOUPLER
Forward Voltage Reverse Current Terminal Capacitance Collector Dark Current Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector Current *Current Transfer Ratio Collector-emitter Saturation Voltage Isolation Resistance Floating Capacitance Cut-off Frequency Response Time (Rise) Response Time (Fall)
Output
35 6 2.5 50 0.1 10
10
20 400 0.2
mA % V pF KHz s s
IF=5mA, VCE=5V IF=20mA, IC=1mA DC500V, 40~60% R.H.
Transfer Characteristics
10
11
0.6 80 4 3
1
V=0, f=1MHz VCE=5V, IC=2mA RL=100 , -3dB VCE=2V, IC=2mA RL=100
IC *CTR= IF
100%
12-117
Typical Electrical/Optical Characteristic Curves (25 Ambient Temperature Unless Otherwise Noted)
12-118
12-119
PHOTOCOUPLER


▲Up To Search▲   

 
Price & Availability of LTV-849

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X